Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32D161HPN Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part No. E32D161HPN
Description  Large Can
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHEMI-CON [United Chemi-Con, Inc.]
Homepage  http://www.chemi-con.com
Logo 

E32D161HPN Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
U32D Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
118
U32D Specifications - Screw Terminals
Item
Category Temperature Range
40 to 105 C
Rated Voltage Range
6.3 to 400VDC
Capacitance Range
180 F to 2.2F at
25 C, 120Hz
Capacitance Tolerance
20% ( M ) at
25 C, 120Hz
Endurance
(Load Life)
The following specifications shall be satisfied when the capacitors are restored to
25 C after
subjecting them to DC voltage for 2,000 hours at
105 C with the rated ripple current applied.
The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of
the capacitors.
Capacitance change:
≤ 20% from initial measurement
ESR change
:
≤ 200% of initial specified limit
Leakage current
:
≤ initial specified limit
Shelf Test
The following specifications shall be satisfied when the capacitors are restored to
25 C after
exposing them for 500 hours at
105 C without voltage applied. The rated voltage shall be
applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than
48 hours before the measurements.
Capacitance change:
≤ 20% from initial measurement
ESR change
:
≤ 200% of initial specified limit
Leakage current
:
≤ initial specified limit
Characteristics
Leakage Current
I
0.02CV ( A ) or 5mA, whichever is smaller, after 5 minutes at
25 C.
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V )
Rated Ripple Current Multipliers
Ambient Temperature ( C)
≤ 45 C
1.41
65 C
1.29
85 C
1.00
105 C
0.57
Frequency (Hz )
Case Diameter
Ø
35 - Ø76
Ø
35
Ø
51- Ø76
Ø
35
Ø
51
Ø
63 - Ø76
Ø
35
Ø
51- Ø63
Ø
76
Ø
35 - Ø89
50Hz
0.95
0.90
0.95
0.82
0.90
0.95
0.80
0.81
0.82
0.80
120Hz
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
300Hz
1.03
1.06
1.03
1.12
1.06
1.03
1.19
1.14
1.12
1.19
1kHz
1.05
1.10
1.05
1.22
1.10
1.05
1.34
1.26
1.22
1.34
10kHz
1.09
1.18
1.09
1.30
1.18
1.09
1.46
1.36
1.30
1.46
50kHz
1.12
1.22
1.12
1.33
1.22
1.12
1.52
1.41
1.33
1.52
DC Rated Voltage
6.3 - 50V
63 - 80V
100V
160 - 250V
315 - 400V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn