Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32D161HPN Datasheet(PDF) 12 Page - United Chemi-Con, Inc.

Part No. E32D161HPN
Description  Large Can
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHEMI-CON [United Chemi-Con, Inc.]
Homepage  http://www.chemi-con.com
Logo 

E32D161HPN Datasheet(HTML) 12 Page - United Chemi-Con, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
U32D Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
128
400 Volts
450 Volts Surge
350 Volts
400 Volts Surge
180
E32D401HPN181MA41M
1.375
1.625
A41
806.0
1.43
270
E32D401HPN271MA54M
1.375
2.125
A54
528.4
1.88
390
E32D401HPN391MA67M
1.375
2.625
A67
364.1
2.30
470
E32D401HPN471MA79M
1.375
3.125
A79
301.2
2.79
680
E32D401HPN681MA92M
1.375
3.625
A92
209.0
2.86
820
E32D401HPN821MAB7M
1.375
4.625
AB7
172.9
3.50
1,000
E32D401HPN102MAD0M
1.375
5.125
AD0
142.0
4.06
390
E32D401HPN391MC48M
2.000
1.875
C48
374.9
2.55
560
E32D401HPN561MC54M
2.000
2.125
C54
259.0
3.21
820
E32D401HPN821MC67M
2.000
2.625
C67
176.0
3.37
1,000
E32D401HPN102MC79M
2.000
3.125
C79
143.3
3.99
1,500
E32D401HPN152MC92M
2.000
3.625
C92
96.0
5.22
2,200
E32D401HPN222MCB7M
2.000
4.625
CB7
66.0
7.04
2,700
E32D401HPN272MCE3M
2.000
5.625
CE3
54.0
8.54
1,800
E32D401HPN182MD79M
2.500
3.125
D79
82.0
6.10
2,700
E32D401HPN272MDA5M
2.500
4.125
DA5
55.0
8.43
3,300
E32D401HPN332MDB7M
2.500
4.625
DB7
45.4
9.78
3,900
E32D401HPN392MDD0M
2.500
5.125
DD0
39.0
11.13
3,300
E32D401HPN332ME92M
3.000
3.625
E92
48.0
9.73
3,900
E32D401HPN392MEA5M
3.000
4.125
EA5
40.3
11.18
4,700
E32D401HPN472MEB7M
3.000
4.625
EB7
34.0
12.86
5,600
E32D401HPN562MED0M
3.000
5.125
ED0
29.0
14.69
10,000
E32D401HPN103MEN0M
3.000
8.625
EN0
17.0
24.81
4,700
E32D401LLN472MFA5M
3.500
4.125
FA5
36.0
15.19
5,600
E32D401LLN562MFB7M
3.500
4.625
FB7
32.0
16.73
6,800
E32D401LLN682MFE3M
3.500
5.625
FE3
25.0
20.58
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
5,600
E32D351LLN562MFA5M
3.500
4.125
FA5
35.0
15.40
6,800
E32D351LLN682MFB7M
3.500
4.625
FB7
30.0
17.28
8,200
E32D351LLN822MFE3M
3.500
5.625
FE3
24.0
21.00
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L (inches)
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn