Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32D161HPN Datasheet(PDF) 11 Page - United Chemi-Con, Inc.

Part No. E32D161HPN
Description  Large Can
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHEMI-CON [United Chemi-Con, Inc.]
Homepage  http://www.chemi-con.com
Logo 

E32D161HPN Datasheet(HTML) 11 Page - United Chemi-Con, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
127
U32D Series
350 Volts
400 Volts Surge
315 Volts
365 Volts Surge
250 Volts
300 Volts Surge
10,000
E32D251HPN103MDB7M
2.500
4.625
DB7
18.5
14.74
12,000
E32D251HPN123MDE3M
2.500
5.625
DE3
13.6
17.65
10,000
E32D251HPN103ME92M
3.000
3.625
E92
18.8
14.67
12,000
E32D251HPN123MEA5M
3.000
4.125
EA5
15.9
16.99
15,000
E32D251HPN153MED0M
3.000
5.125
ED0
12.7
20.82
18,000
E32D251HPN183MEE3M
3.000
5.625
EE3
11.2
23.78
27,000
E32D251HPN273MEN0M
3.000
8.625
EN0
7.7
35.30
180
E32D351HPN181MA41M
1.375
1.625
A41
882.3
1.43
330
E32D351HPN331MA54M
1.375
2.125
A54
475.0
2.08
470
E32D351HPN471MA67M
1.375
2.625
A67
332.0
2.52
560
E32D351HPN561MA79M
1.375
3.125
A79
277.6
3.05
680
E32D351HPN681MA92M
1.375
3.625
A92
228.5
3.36
820
E32D351HPN821MAA5M
1.375
4.125
AA5
189.6
3.43
1,000
E32D351HPN102MAB7M
1.375
4.625
AB7
156.0
3.87
1,200
E32D351HPN122MAD0M
1.375
5.125
AD0
130.0
4.45
470
E32D351HPN471MC48M
2.000
1.875
C48
342.0
2.80
680
E32D351HPN681MC54M
2.000
2.125
C54
235.0
3.53
1,000
E32D351HPN102MC67M
2.000
2.625
C67
156.0
3.72
1,200
E32D351HPN122MC79M
2.000
3.125
C79
131.3
4.37
1,800
E32D351HPN182MC92M
2.000
3.625
C92
88.0
5.72
2,200
E32D351HPN222MCB7M
2.000
4.625
CB7
71.9
7.04
2,700
E32D351HPN272MCD0M
2.000
5.125
CD0
59.0
8.18
2,200
E32D351HPN222MD79M
2.500
3.125
D79
75.0
6.75
3,300
E32D351HPN332MDA5M
2.500
4.125
DA5
50.0
9.32
3,900
E32D351HPN392MDB7M
2.500
4.625
DB7
42.0
10.63
4,700
E32D351HPN472MDE3M
2.500
5.625
DE3
35.0
12.76
3,900
E32D351HPN392ME92M
3.000
3.625
E92
44.0
10.58
4,700
E32D351HPN472MEA5M
3.000
4.125
EA5
37.0
12.28
5,600
E32D351HPN562MEB7M
3.000
4.625
EB7
32.0
14.03
6,800
E32D351HPN682MED0M
3.000
5.125
ED0
27.0
16.19
10,000
E32D351HPN103MEN0M
3.000
8.625
EN0
17.9
24.81
220
E32D3B1HPN221MA41M
1.375
1.625
A41
750.3
1.59
330
E32D3B1HPN331MA54M
1.375
2.125
A54
492.0
2.08
470
E32D3B1HPN471MA67M
1.375
2.625
A67
343.8
2.52
680
E32D3B1HPN681MA79M
1.375
3.125
A79
237.8
3.36
820
E32D3B1HPN821MA92M
1.375
3.625
A92
197.2
3.14
1,000
E32D3B1HPN102MAA5M
1.375
4.125
AA5
161.9
8.46
1,200
E32D3B1HPN122MAD0M
1.375
5.125
AD0
134.9
9.96
470
E32D3B1HPN471MC48M
2.000
1.875
C48
354.0
2.80
680
E32D3B1HPN681MC54M
2.000
2.125
C54
243.1
3.53
1,000
E32D3B1HPN102MC67M
2.000
2.625
C67
164.1
3.72
1,200
E32D3B1HPN122MC79M
2.000
3.125
C79
135.9
4.37
1,800
E32D3B1HPN182MC92M
2.000
3.625
C92
91.0
5.72
2,200
E32D3B1HPN222MCA5M
2.000
4.125
CA5
75.0
6.70
2,700
E32D3B1HPN272MCB7M
2.000
4.625
CB7
61.3
7.80
3,300
E32D3B1HPN332MCE3M
2.000
5.625
CE3
50.3
9.44
2,200
E32D3B1HPN222MD79M
2.500
3.125
D79
77.0
6.75
3,300
E32D3B1HPN332MDA5M
2.500
4.125
DA5
51.7
9.32
3,900
E32D3B1HPN392MDB7M
2.500
4.625
DB7
43.7
10.63
4,700
E32D3B1HPN472MDD0M
2.500
5.125
DD0
36.9
12.22
3,900
E32D3B1HPN392ME92M
3.000
3.625
E92
45.7
10.58
4,700
E32D3B1HPN472MEA5M
3.000
4.125
EA5
38.2
12.28
5,600
E32D3B1HPN562MEB7M
3.000
4.625
EB7
32.4
14.03
6,800
E32D3B1HPN682MED0M
3.000
5.125
ED0
27.2
16.19
8,200
E32D3B1HPN822MEE3M
3.000
5.625
EE3
23.1
18.53
12,000
E32D3B1HPN123MEN0M
3.000
8.625
EN0
16.0
27.17
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L (inches)
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn