Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32D161HPN Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part No. E32D161HPN
Description  Large Can
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHEMI-CON [United Chemi-Con, Inc.]
Homepage  http://www.chemi-con.com
Logo 

E32D161HPN Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
117
U32D Series
The U32D series allows for extremely high ripple currents for applications such as inverter designs
and motor controllers. This series of capacitors offers very large capacitance of up to 2.2F and a
maximum temperature rating of
105 C which allows a high operating temperature without sacrificing
life. These capacitors are available with a variety of high current English or Metric thread terminals.
Mounting options available are a three-footed clamp or bottom stud. (A special order two-footed
clamp is also available for selected diameters.) All case size dimensions are based on inches. Custom
designs are available upon request.
Large Can
Screw Terminals
High Ripple
6.3 to 400VDC
Voltage Range
Dimensions in
Inches
RoHS Compliant
105 C
Maximum
Temperature
Screw terminals: high and low post, English and Metric thread.
Capacitance range: 180µF to 2.2F.
Voltage range: 6.3 to 400VDC.
Category temperature range:
40 Cto
105 C.
Leakage current: 0.02CV(µA) or 5mA, whichever is smaller, after 5 minutes at
25 C.
Standard capacitance tolerance:
20%
Nominal case size (D
L): D = 35mm (1.375”) to 89mm (3.500”); L = 41mm (1.625”) to
220mm (8.625”).
Rated lifetime: 2,000 hours at
105 C with rated ripple current applied.
Summary of Specifications


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn