Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32D161HPN Datasheet(PDF) 9 Page - United Chemi-Con, Inc.

Part No. E32D161HPN
Description  Large Can
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHEMI-CON [United Chemi-Con, Inc.]
Homepage  http://www.chemi-con.com
Logo 

E32D161HPN Datasheet(HTML) 9 Page - United Chemi-Con, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
125
U32D Series
160 Volts
200 Volts Surge
100 Volts
125 Volts Surge
80 Volts
100 Volts Surge
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
2,200
E32D800HPN222MA41M
1.375
1.625
A41
67.0
4.09
3,900
E32D800HPN392MA54M
1.375
2.125
A54
44.2
5.84
4,700
E32D800HPN472MA67M
1.375
2.625
A67
31.7
6.51
6,800
E32D800HPN682MA79M
1.375
3.125
A79
23.0
8.67
8,200
E32D800HPN822MA92M
1.375
3.625
A92
19.5
9.92
10,000
E32D800HPN103MAA5M
1.375
4.125
AA5
19.0
10.36
12,000
E32D800HPN123MAD0M
1.375
5.125
AD0
14.0
12.19
4,700
E32D800HPN472MC48M
2.000
1.875
C48
34.3
6.27
6,800
E32D800HPN682MC54M
2.000
2.125
C54
24.6
7.90
10,000
E32D800HPN103MC67M
2.000
2.625
C67
17.0
10.19
12,000
E32D800HPN123MC79M
2.000
3.125
C79
14.0
11.97
18,000
E32D800HPN183MC92M
2.000
3.625
C92
10.4
15.66
22,000
E32D800HPN223MCA5M
2.000
4.125
CA5
9.9
18.36
27,000
E32D800HPN273MCB7M
2.000
4.625
CB7
8.5
21.35
33,000
E32D800HPN333MCE3M
2.000
5.625
CE3
7.2
25.86
22,000
E32D800HPN223MD79M
2.500
3.125
D79
10.6
16.52
33,000
E32D800HPN333MDA5M
2.500
4.125
DA5
7.6
22.84
39,000
E32D800HPN393MDB7M
2.500
4.625
DB7
6.8
23.76
47,000
E32D800HPN473MDD0M
2.500
5.125
DD0
6.1
25.31
39,000
E32D800HPN393ME92M
3.000
3.625
E92
8.9
23.66
47,000
E32D800HPN473MEA5M
3.000
4.125
EA5
7.7
27.45
56,000
E32D800HPN563MEB7M
3.000
4.625
EB7
6.9
31.38
68,000
E32D800HPN683MED0M
3.000
5.125
ED0
6.4
33.51
120,000
E32D800HPN124MEN0M
3.000
8.625
EN0
4.2
52.62
1,500
E32D101HPN152MA41M
1.375
1.625
A41
80.9
4.14
2,700
E32D101HPN272MA54M
1.375
2.125
A54
45.9
5.95
3,900
E32D101HPN392MA67M
1.375
2.625
A67
37.2
7.26
4,700
E32D101HPN472MA79M
1.375
3.125
A79
27.1
8.82
5,600
E32D101HPN562MA92M
1.375
3.625
A92
23.1
10.04
6,800
E32D101HPN682MAA5M
1.375
4.125
AA5
19.5
11.03
8,200
E32D101HPN822MAB7M
1.375
4.625
AB7
19.2
11.80
10,000
E32D101HPN103MAE3M
1.375
5.625
AE3
14.1
13.44
3,900
E32D101HPN392MC48M
2.000
1.875
C48
39.9
6.59
4,700
E32D101HPN472MC54M
2.000
2.125
C54
28.7
7.59
6,800
E32D101HPN682MC67M
2.000
2.625
C67
20.0
9.70
10,000
E32D101HPN103MC79M
2.000
3.125
C79
14.5
12.62
12,000
E32D101HPN123MC92M
2.000
3.625
C92
12.2
14.77
15,000
E32D101HPN153MCA5M
2.000
4.125
CA5
10.2
17.51
18,000
E32D101HPN183MCB7M
2.000
4.625
CB7
9.8
20.13
22,000
E32D101HPN223MCE3M
2.000
5.625
CE3
7.5
24.38
15,000
E32D101HPN153MD79M
2.500
3.125
D79
11.9
15.26
22,000
E32D101HPN223MDA5M
2.500
4.125
DA5
8.5
20.85
27,000
E32D101HPN273MDB7M
2.500
4.625
DB7
7.4
24.22
33,000
E32D101HPN333MDD0M
2.500
5.125
DD0
6.6
28.05
39,000
E32D101HPN393MDE3M
2.500
5.625
DE3
6.3
31.82
27,000
E32D101HPN273ME92M
3.000
3.625
E92
9.3
21.56
33,000
E32D101HPN333MEA5M
3.000
4.125
EA5
8.0
25.20
39,000
E32D101HPN393MEB7M
3.000
4.625
EB7
7.2
28.69
47,000
E32D101HPN473MED0M
3.000
5.125
ED0
6.6
30.09
56,000
E32D101HPN563MEE3M
3.000
5.625
EE3
6.1
34.25
82,000
E32D101HPN823MEN0M
3.000
8.625
EN0
4.3
50.23
820
E32D161HPN821MA41M
1.375
1.625
A41
184.8
2.50
1,500
E32D161HPN152MA54M
1.375
2.125
A54
101.2
3.62
1,800
E32D161HPN182MA67M
1.375
2.625
A67
83.3
4.03
2,700
E32D161HPN272MA79M
1.375
3.125
A79
56.8
5.46
3,900
E32D161HPN392MAA5M
1.375
4.125
AA5
40.0
7.47
4,700
E32D161HPN472MAD0M
1.375
5.125
AD0
33.4
8.81
5,600
E32D161HPN562MAE3M
1.375
5.625
AE3
28.6
10.06
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L (inches)
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn