Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32D161HPN Datasheet(PDF) 7 Page - United Chemi-Con, Inc.

Part No. E32D161HPN
Description  Large Can
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHEMI-CON [United Chemi-Con, Inc.]
Homepage  http://www.chemi-con.com
Logo 

E32D161HPN Datasheet(HTML) 7 Page - United Chemi-Con, Inc.

Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
123
U32D Series
35 Volts
44 Volts Surge
25 Volts
32 Volts Surge
16 Volts
20 Volts Surge
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
15,000
E32D250HPN153MA41M
1.375
1.625
A41
41.3
6.27
22,000
E32D250HPN223MA54M
1.375
2.125
A54
27.7
8.20
33,000
E32D250HPN333MA67M
1.375
2.625
A67
19.5
9.88
47,000
E32D250HPN473MA79M
1.375
3.125
A79
16.6
12.53
56,000
E32D250HPN563MA92M
1.375
3.625
A92
12.8
13.71
68,000
E32D250HPN683MAA5M
1.375
4.125
AA5
12.3
16.47
82,000
E32D250HPN823MAD0M
1.375
5.125
AD0
9.4
19.11
33,000
E32D250HPN333MC48M
2.000
1.875
C48
22.4
10.23
47,000
E32D250HPN473MC54M
2.000
2.125
C54
16.6
12.42
68,000
E32D250HPN683MC67M
2.000
2.625
C67
11.7
15.68
82,000
E32D250HPN823MC79M
2.000
3.125
C79
9.6
18.76
120,000
E32D250HPN124MC92M
2.000
3.625
C92
7.6
22.73
180,000
E32D250HPN184MCB7M
2.000
4.625
CB7
6.1
28.80
220,000
E32D250HPN224MCE3M
2.000
5.625
CE3
5.3
33.82
150,000
E32D250HPN154MD79M
2.500
3.125
D79
8.9
21.63
220,000
E32D250HPN224MDA5M
2.500
4.125
DA5
6.5
28.62
270,000
E32D250HPN274MDB7M
2.500
4.625
DB7
5.9
32.66
330,000
E32D250HPN334MDE3M
2.500
5.625
DE3
4.9
37.88
270,000
E32D250HPN274ME92M
3.000
3.625
E92
8.6
25.92
330,000
E32D250HPN334MEA5M
3.000
4.125
EA5
7.5
29.16
390,000
E32D250HPN394MEB7M
3.000
4.625
EB7
6.8
32.31
470,000
E32D250HPN474MED0M
3.000
5.125
ED0
6.3
35.16
820,000
E32D250HPN824MEN0M
3.000
8.625
EN0
4.1
55.32
10,000
E32D350HPN103MA41M
1.375
1.625
A41
45.8
5.94
18,000
E32D350HPN183MA54M
1.375
2.125
A54
26.7
8.33
22,000
E32D350HPN223MA67M
1.375
2.625
A67
21.6
9.40
33,000
E32D350HPN333MA79M
1.375
3.125
A79
15.7
12.14
39,000
E32D350HPN393MA92M
1.375
3.625
A92
13.6
13.60
47,000
E32D350HPN473MAA5M
1.375
4.125
AA5
11.8
15.95
56,000
E32D350HPN563MAB7M
1.375
4.625
AB7
10.4
17.35
68,000
E32D350HPN683MAE3M
1.375
5.625
AE3
8.9
20.57
22,000
E32D350HPN223MC48M
2.000
1.875
C48
24.1
9.86
33,000
E32D350HPN333MC54M
2.000
2.125
C54
17.4
12.15
47,000
E32D350HPN473MC67M
2.000
2.625
C67
12.4
15.34
68,000
E32D350HPN683MC79M
2.000
3.125
C79
9.4
18.76
82,000
E32D350HPN823MC92M
2.000
3.625
C92
7.9
22.26
100,000
E32D350HPN104MCA5M
2.000
4.125
CA5
6.9
24.82
120,000
E32D350HPN124MCB7M
2.000
4.625
CB7
6.1
28.03
150,000
E32D350HPN154MCE3M
2.000
5.625
CE3
5.2
33.12
100,000
E32D350HPN104MD79M
2.500
3.125
D79
8.8
21.88
150,000
E32D350HPN154MDA5M
2.500
4.125
DA5
6.5
28.84
220,000
E32D350HPN224MDB7M
2.500
4.625
DB7
5.8
32.08
180,000
E32D160HPN184MC92M
2.000
3.625
C92
7.5
22.89
220,000
E32D160HPN224MCA5M
2.000
4.125
CA5
7.0
25.40
270,000
E32D160HPN274MCB7M
2.000
4.625
CB7
6.1
28.80
330,000
E32D160HPN334MCE3M
2.000
5.625
CE3
5.2
33.82
220,000
E32D160HPN224MD79M
2.500
3.125
D79
8.9
21.75
330,000
E32D160HPN334MDA5M
2.500
4.125
DA5
6.5
28.62
390,000
E32D160HPN394MDB7M
2.500
4.625
DB7
5.9
32.66
470,000
E32D160HPN474MDD0M
2.500
5.125
DD0
5.4
34.54
390,000
E32D160HPN394ME92M
3.000
3.625
E92
8.5
26.07
470,000
E32D160HPN474MEA5M
3.000
4.125
EA5
7.4
29.56
560,000
E32D160HPN564MEB7M
3.000
4.625
EB7
6.7
32.56
680,000
E32D160HPN684MED0M
3.000
5.125
ED0
6.2
35.45
820,000
E32D160HPN824MEE3M
3.000
5.625
EE3
5.4
37.58
1,200,000
E32D160HPN125MEN0M
3.000
8.625
EN0
4.0
55.32
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L (inches)
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn