Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T912-B100K-100-10 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # T912-B100K-100-10
Description  Precision Resistor Networks
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

T912-B100K-100-10 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  T912-B100K-100-10 Datasheet HTML 1Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RHOPOINT COMPONENTS LTD
web: www.rhopointcomponents.com
e-mail: sales@rhopointcomponents.com
RHOPOINT COMPONENTS LTD
Holland Road, Hurst Green,
Oxted, Surrey, RH8 9AX
Phone: +44 (0) 1883 717988
Fax: +44 (0) 1883 712938
Resistor Pairs and Quads with Ratio Characteristics for Precision Analog Circuits
Type T912 and T914 Precision Resistor Networks are constructed with
Caddock Tetrinox resistance films to achieve the precise ratio performance
and stability required by highly accurate amplifier circuits, voltage reference
circuits and precision bridge circuits.
Ratio Tolerance - from 0.1% to 0.01%.
Ratio Temperature Coefficient - 10 ppm/°C, 5 ppm/°C or 2 ppm/°C.
Absolute Temperature Coefficient - 25 ppm/°C.
Ratio Stability of Resistance at Full Load for 2,000 hours - within 0.01%.
Shelf Life Stability of Ratio for 6 Months - within 0.005%.
Both the T912 and the T914 are available in 14 standard resistance values
between 1,000 ohms and 1 Megohm. Caddock's high thru-put manufacturing
capability assures that prototype and large-volume production quantities are
available either from stock or within 6 weeks after receipt of order.
Specifications:
Absolute Tolerance: ±0.1% for all resistors.
Absolute Temperature Coefficient: ±25 ppm/°C
referenced to +25°C, R taken at 0°C and +70°C.
Voltage Rating: 30 volts DC or RMS AC
applied to R1, R2, R3 and R4.
Power Rating: 0.10 watt applied to R1, R2, R3
and R4 (not to exceed rated voltage).
Package Power Rating: Type T912, 0.20 watt.
Type T914, 0.40 watt.
Storage Temperature: -55°C to +105°C.
Insulation Resistance Between Isolated Pins:
Pin 2 to Pin 3, Pin 4 to Pin 5, or Pin 6 to Pin 7,
1,000 Megohms, minimum.
Dielectric Strength Between Isolated Pins:
50 volts RMS AC.
Ratio Stability Under Load: Ratio change
between any two resistors in the network under
full load for 2,000 hours at +70°C, 0.01%
maximum.
Shelf Stability of Ratio: Six months at shelf
conditions, 50 ppm maximum.
Custom Model T912 and T914 Precision Resistor Networks
For applications requiring non-standard
resistance values, the T912 and T914 custom
configurations can include these special features:
Mixed resistance values with a maximum ratio
of 250-to-1. (Example: 1.0 Megohm and 4 K)
Absolute TC as low as 15 ppm/°C.
Ratio TC as low as 2 ppm/°C.
Custom voltage ratings.
Matched resistors of any special value
between 1 K and 2 Megohms.
Call or write our Applications
Engineering for performance,
price and availability of these
custom resistor networks.
Standard Type T912 and Type T914 Precision Resistor Networks
In addition to the 14 standard
equal value models of the Type T912 and T914,
the Type T912 can also be ordered with -
10:1 Resistance Ratio - for use in amplifier gain-setting.
9:1 Resistance Ratio - for use in voltage reference dividers.
Type T912 and T914 Precision Resistor Networks
®
Ordering Information:
.500 ±.020
(12.70 ±.51)
.095 (2.41)
MAX.
PIN 1
CADDOCK
T914
0129
.010
(.26)
.020
(.51)
.150 ±.040
(3.81 ±1.02)
.100
(2.54)
.900 ±.020
(22.86 ±.51)
8 PINS ON .100 (2.54) CENTERS
R1
R2
1
2 3
4
R3
R4
5
6 7
8
R1
R2
1
2 3
4
Type T914
Ratios Available: 1:1 and Custom.
Type T912
Ratios Available: 1:1, 9:1, 10:1 and Custom.
R1 = R2 = R3 = R4
DIMENSIONS IN INCHES
AND (MILLIMETERS)
.010
(.26)
.500 ±.020
(12.70 ±.51)
.020
(.51)
CADDOCK
T912
0102
PIN 1
.150 ±.040
(3.81 ±1.02)
.100
(2.54)
.500 ±.020
(12.70 ±.51)
4 PINS ON .100 (2.54) CENTERS
.095 (2.41)
MAX.
Ratio Code Letter:
A - T912 with R1: R2 where R2 = 10R1
1K:10K
10K:100K
40K:400K
2K:20K
20K:200K
50K:500K
5K:50K
25K:250K
100K:1 Meg
B - T912 with R1: R2 where R2 = 9R1
1K:9K
10K:90K
40K:360K
2K:18K
20K:180K
50K:450K
5K:45K
25K:225K
100K:900K
Model Number
Ratio Tolerance: -100 = 0.1%
-020 = 0.02%
-050 = 0.05%
-010 = 0.01%
Standard Resistance Values: (R1)
1K
10K
40K
200K
500K
2K
20K
50K
250K
1 Meg
5K
25K
100K
400K
Ratio Temperature Track (0°C to +70°C):
-10 = 10 ppm/°C
-05 = 5 ppm/°C
-02 = 2 ppm/°C
T912 - A 10K - 010 - 02
Special or mixed resistance values are available as custom networks.
See the custom section at the bottom of this page.
(This information appears on the back side of the network)
No Letter - T912 with R1 = R2
No Letter - T914 with R1 = R2 = R3 = R4
*
*
*
*
*
27.1 IL117.0802
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
Type MG Precision High Voltage Resistors
Specifications:
Resistance Tolerance:
Resistance Range
Tolerance
1%
1%, �0.5%, �0.25%, �0.1%
Standard
St'd with "-15" rating
Extended Range
1%
Resistance Range
Overload/Overvoltage, �R
N/A
0.5% max.
Standard
St'd with "-15" rating
Extended Range
0.8% max.
Models with low inductance construction are in shaded areas.
Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas.
Standard and
St'd with "-15"
rating
80 ppm/�C from +25�C to +105�C,
-200 ppm/�C to +50 ppm/�C from
-15�C to +25�C.
Resistance
Range
80 ppm/�C from -15�C to +105�C,
referenced to +25�C.
TC Specifications
Extended
Range
Resistance Range
Load Life, �R
0.8% max.
0.5% max.
Standard
St'd with "-15" rating
Extended Range
0.8% max.
Dielect.
Strength
Max.
Continuous
Oper. Volt.
Watt-
age
Model
No.
A
B
C
Dimensions in inches and (millimeters)
Resistance
Standard
Max.
Extended
Max.
Min.
MG650
.313 �.020
(7.95 �.51)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG655
.313 �.030
(7.95 �.76)
.109 �.025
(2.77 �.64)
.025 �.002
(.64 �.05)
MG660
.500 �.030
(12.70 �.76)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG680
.750 �.030
(19.05 �.76)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG710
1.000 �.040
(25.40 �1.02)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG712
.400 �.060
(10.16 �.152)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG714
.562 �.060
(14.27 �1.52)
.150 �.030
(3.81 �.76)
.032 �.002
(.81 �.05)
MG715
.750 �.060
(19.05 �1.52)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG716
1.000 �.060
(25.40 �1.52)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG717
.710 �.050
(18.03 �1.27)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG720
1.500 �.080
(38.10 �2.03)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG721
1.000 �.050
(25.40 �1.27)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG725
2.000 �.080
(50.80 �2.03)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG730
1.500 �.080
(38.10 �2.03)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG731
1.000 �.060
(25.40 �1.52)
.315 �
.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG735
2.000 �.080
(50.80 �2.03)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG740
1.500 �.060
(38.10 �1.52)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG745
3.000 �.100
(76.20 �2.54)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG750
2.125 �.060
(53.98 �1.52)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG780
3.125 �.060
(79.38 �1.52)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG785
4.000 �.120
(101.60 �3.05)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG810
5.000 �.120
(127.00 �3.05)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG815
6.000 �.120
(152.40 �3.05)
.350 �.040
(8.89 �1.02)
.040 �.002
(1.02 �.05)
0.5
0.5
0.6
0.8
1.0
0.6
1.0
1.0
1.5
1.5
2.0
2.0
2.5
3.0
2.6
3.6
3.6
5.0
5.0
7.5
8.0
10.0
15.0
600
600
1,000
2,000
4,000
1,000
1,000
2,000
4,000
2,000
6,000
4,000
10,000
6,000
4,000
10,000
6,000
15,000
10,000
15,000
20,000
25,000
30,000
750
750
750
750
750
750
750
750
750
750
750
750
750
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
200 �
200 �
400 �
600 �
800 �
800 �
200 �
400 �
600 �
600 �
1 K
200 �
1.5 K
500 �
200 �
750 �
300 �
1 K
400 �
600 �
800 �
1 K
1 K
5 Meg
8 Meg
10 Meg
20 Meg
50 Meg
20 Meg
20 Meg
50 Meg
75 Meg
75 Meg
150 Meg
100 Meg
200 Meg
250 Meg
150 Meg
300 Meg
300 Meg
500 Meg
500 Meg
750 Meg
1,000 Meg
1,250 Meg
2,000 Meg
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
225 M
N/A
300 M
N/A
750 M
750 M
1,000 M
1,500 M
1,500 M
2,500 M
3,750 M
5,000 M
6,250 M
10,000 M
-15
Min.
6.5 Meg
N/A
N/A
N/A
N/A
N/A
N/A
26 Meg
70 Meg
17 Meg
N/A
51 Meg
N/A
77 Meg
40 Meg
178 Meg
64 Meg
288 Meg
128 Meg
192 Meg
320 Meg
400 Meg
384 Meg
Overload
Rating
Type 1
Type 1
Type 1
Type 1
Type 1
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Now with Extended Resistance Range to 10,000 Megohms and Additional Models
Temperature Coefficient as tight as 80 ppm/°C, Combined with Excellent Long-Term Stability and Precision Tolerances.
Caddock's Micronox® resistance films are the source of
the Type MG Precision High Voltage Resistors' outstanding
combination of performance features:
Single-resistor values as high as 10,000 Megohms.
Maximum continuous operating voltages as high as
48,000 volts ("-15" ratings).
Overvoltage capabilities of 150% of standard working
voltages for all models and values, (except "-15" ratings).
Resistance Tolerances from ±1.0% to ±0.1%.
Temperature Coefficient, for standard resistance range, of
80 ppm/°C in combination with resistance tolerances as
tight as ±0.1%.
Type MG resistors have demonstrated stability of 0.01%
per 1,000 hours in extended load life testing of standard
resistance range values.
This exceptional performance has been proven through
many years of use in equipment that demands the highest
reliability and stability, including TWT amplifiers, X-ray
systems, geophysical instruments, and medical electronics.
Preconditioning for Power and Voltage Ratings
All power ratings and maximum operating voltage ratings
are for continuous duty. These ratings are based on pre-
stress voltage levels applied during the manufacturing
process to provide for stable resistor performance even
under momentary overload conditions.
Maximum operating voltages 60% higher than the values
listed in the table may be specified by adding "-15" to the
model number (Example: MG750-15). Note that overload
and overvoltage ratings do not apply to the "-15" resistors.
Resistance ranges for "-15" resistors shown in the table are
from "-15 Min." to "Standard Max."
Non-Inductive Performance
Most models are manufactured with Caddock's
Non-Inductive Design which uses a serpentine resistive
pattern that provides for neighboring lines to carry current in
opposite directions, thereby achieving maximum cancellation
of flux fields over the entire length of the resistor. This
efficient non-inductive construction is accomplished without
derating of any performance advantages.
Insulation Resistance: 10,000 Megohms, min.
Overload/Overvoltage: 5 times rated power
with applied voltage not to exceed 1.5 times max-
imum continuous operating voltage for 5 seconds
.
Type 1: DC Voltage
Type 2: DC Voltage or VrmsAC
Thermal Shock: Mil-Std-202, Method 107,
Cond. C, ΔR 0.25% max.
Moisture Resistance: Mil-Std-202, Method 106,
Δ
R 0.4% max.
Load Life: 1,000 hours at +125°C at rated
voltage, not to exceed rated power.
Solderable Leads
Encapsulation: High Temperature Silicone Conformal.
Temperature Coefficient:
Page 1 of 2
28_IL110.1004
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
Type MG Precision High Voltage Resistors
Specifications:
Resistance Tolerance:
Resistance Range
Tolerance
1%
1%, �0.5%, �0.25%, �0.1%
Standard
St'd with "-15" rating
Extended Range
1%
Resistance Range
Overload/Overvoltage, �R
N/A
0.5% max.
Standard
St'd with "-15" rating
Extended Range
0.8% max.
Models with low inductance construction are in shaded areas.
Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas.
Standard and
St'd with "-15"
rating
80 ppm/�C from +25�C to +105�C,
-200 ppm/�C to +50 ppm/�C from
-15�C to +25�C.
Resistance
Range
80 ppm/�C from -15�C to +105�C,
referenced to +25�C.
TC Specifications
Extended
Range
Resistance Range
Load Life, �R
0.8% max.
0.5% max.
Standard
St'd with "-15" rating
Extended Range
0.8% max.
Dielect.
Strength
Max.
Continuous
Oper. Volt.
Watt-
age
Model
No.
A
B
C
Dimensions in inches and (millimeters)
Resistance
Standard
Max.
Extended
Max.
Min.
MG650
.313 �.020
(7.95 �.51)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG655
.313 �.030
(7.95 �.76)
.109 �.025
(2.77 �.64)
.025 �.002
(.64 �.05)
MG660
.500 �.030
(12.70 �.76)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG680
.750 �.030
(19.05 �.76)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG710
1.000 �.040
(25.40 �1.02)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG712
.400 �.060
(10.16 �.152)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG714
.562 �.060
(14.27 �1.52)
.150 �.030
(3.81 �.76)
.032 �.002
(.81 �.05)
MG715
.750 �.060
(19.05 �1.52)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG716
1.000 �.060
(25.40 �1.52)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG717
.710 �.050
(18.03 �1.27)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG720
1.500 �.080
(38.10 �2.03)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG721
1.000 �.050
(25.40 �1.27)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG725
2.000 �.080
(50.80 �2.03)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG730
1.500 �.080
(38.10 �2.03)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG731
1.000 �.060
(25.40 �1.52)
.315 �
.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG735
2.000 �.080
(50.80 �2.03)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG740
1.500 �.060
(38.10 �1.52)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG745
3.000 �.100
(76.20 �2.54)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG750
2.125 �.060
(53.98 �1.52)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG780
3.125 �.060
(79.38 �1.52)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG785
4.000 �.120
(101.60 �3.05)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG810
5.000 �.120
(127.00 �3.05)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG815
6.000 �.120
(152.40 �3.05)
.350 �.040
(8.89 �1.02)
.040 �.002
(1.02 �.05)
0.5
0.5
0.6
0.8
1.0
0.6
1.0
1.0
1.5
1.5
2.0
2.0
2.5
3.0
2.6
3.6
3.6
5.0
5.0
7.5
8.0
10.0
15.0
600
600
1,000
2,000
4,000
1,000
1,000
2,000
4,000
2,000
6,000
4,000
10,000
6,000
4,000
10,000
6,000
15,000
10,000
15,000
20,000
25,000
30,000
750
750
750
750
750
750
750
750
750
750
750
750
750
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
200 �
200 �
400 �
600 �
800 �
800 �
200 �
400 �
600 �
600 �
1 K
200 �
1.5 K
500 �
200 �
750 �
300 �
1 K
400 �
600 �
800 �
1 K
1 K
5 Meg
8 Meg
10 Meg
20 Meg
50 Meg
20 Meg
20 Meg
50 Meg
75 Meg
75 Meg
150 Meg
100 Meg
200 Meg
250 Meg
150 Meg
300 Meg
300 Meg
500 Meg
500 Meg
750 Meg
1,000 Meg
1,250 Meg
2,000 Meg
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
225 M
N/A
300 M
N/A
750 M
750 M
1,000 M
1,500 M
1,500 M
2,500 M
3,750 M
5,000 M
6,250 M
10,000 M
-15
Min.
6.5 Meg
N/A
N/A
N/A
N/A
N/A
N/A
26 Meg
70 Meg
17 Meg
N/A
51 Meg
N/A
77 Meg
40 Meg
178 Meg
64 Meg
288 Meg
128 Meg
192 Meg
320 Meg
400 Meg
384 Meg
Overload
Rating
Type 1
Type 1
Type 1
Type 1
Type 1
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Now with Extended Resistance Range to 10,000 Megohms and Additional Models
Temperature Coefficient as tight as 80 ppm/°C, Combined with Excellent Long-Term Stability and Precision Tolerances.
Caddock's Micronox® resistance films are the source of
the Type MG Precision High Voltage Resistors' outstanding
combination of performance features:
Single-resistor values as high as 10,000 Megohms.
Maximum continuous operating voltages as high as
48,000 volts ("-15" ratings).
Overvoltage capabilities of 150% of standard working
voltages for all models and values, (except "-15" ratings).
Resistance Tolerances from ±1.0% to ±0.1%.
Temperature Coefficient, for standard resistance range, of
80 ppm/°C in combination with resistance tolerances as
tight as ±0.1%.
Type MG resistors have demonstrated stability of 0.01%
per 1,000 hours in extended load life testing of standard
resistance range values.
This exceptional performance has been proven through
many years of use in equipment that demands the highest
reliability and stability, including TWT amplifiers, X-ray
systems, geophysical instruments, and medical electronics.
Preconditioning for Power and Voltage Ratings
All power ratings and maximum operating voltage ratings
are for continuous duty. These ratings are based on pre-
stress voltage levels applied during the manufacturing
process to provide for stable resistor performance even
under momentary overload conditions.
Maximum operating voltages 60% higher than the values
listed in the table may be specified by adding "-15" to the
model number (Example: MG750-15). Note that overload
and overvoltage ratings do not apply to the "-15" resistors.
Resistance ranges for "-15" resistors shown in the table are
from "-15 Min." to "Standard Max."
Non-Inductive Performance
Most models are manufactured with Caddock's
Non-Inductive Design which uses a serpentine resistive
pattern that provides for neighboring lines to carry current in
opposite directions, thereby achieving maximum cancellation
of flux fields over the entire length of the resistor. This
efficient non-inductive construction is accomplished without
derating of any performance advantages.
Insulation Resistance: 10,000 Megohms, min.
Overload/Overvoltage: 5 times rated power
with applied voltage not to exceed 1.5 times max-
imum continuous operating voltage for 5 seconds
.
Type 1: DC Voltage
Type 2: DC Voltage or VrmsAC
Thermal Shock: Mil-Std-202, Method 107,
Cond. C, ΔR 0.25% max.
Moisture Resistance: Mil-Std-202, Method 106,
Δ
R 0.4% max.
Load Life: 1,000 hours at +125°C at rated
voltage, not to exceed rated power.
Solderable Leads
Encapsulation: High Temperature Silicone Conformal.
Temperature Coefficient:
Page 1 of 2
28_IL110.1004
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
Type MG Precision High Voltage Resistors
Specifications:
Resistance Tolerance:
Resistance Range
Tolerance
1%
1%, �0.5%, �0.25%, �0.1%
Standard
St'd with "-15" rating
Extended Range
1%
Resistance Range
Overload/Overvoltage, �R
N/A
0.5% max.
Standard
St'd with "-15" rating
Extended Range
0.8% max.
Models with low inductance construction are in shaded areas.
Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas.
Standard and
St'd with "-15"
rating
80 ppm/�C from +25�C to +105�C,
-200 ppm/�C to +50 ppm/�C from
-15�C to +25�C.
Resistance
Range
80 ppm/�C from -15�C to +105�C,
referenced to +25�C.
TC Specifications
Extended
Range
Resistance Range
Load Life, �R
0.8% max.
0.5% max.
Standard
St'd with "-15" rating
Extended Range
0.8% max.
Dielect.
Strength
Max.
Continuous
Oper. Volt.
Watt-
age
Model
No.
A
B
C
Dimensions in inches and (millimeters)
Resistance
Standard
Max.
Extended
Max.
Min.
MG650
.313 �.020
(7.95 �.51)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG655
.313 �.030
(7.95 �.76)
.109 �.025
(2.77 �.64)
.025 �.002
(.64 �.05)
MG660
.500 �.030
(12.70 �.76)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG680
.750 �.030
(19.05 �.76)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG710
1.000 �.040
(25.40 �1.02)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG712
.400 �.060
(10.16 �.152)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG714
.562 �.060
(14.27 �1.52)
.150 �.030
(3.81 �.76)
.032 �.002
(.81 �.05)
MG715
.750 �.060
(19.05 �1.52)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG716
1.000 �.060
(25.40 �1.52)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG717
.710 �.050
(18.03 �1.27)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG720
1.500 �.080
(38.10 �2.03)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG721
1.000 �.050
(25.40 �1.27)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG725
2.000 �.080
(50.80 �2.03)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG730
1.500 �.080
(38.10 �2.03)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG731
1.000 �.060
(25.40 �1.52)
.315 �
.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG735
2.000 �.080
(50.80 �2.03)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG740
1.500 �.060
(38.10 �1.52)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG745
3.000 �.100
(76.20 �2.54)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG750
2.125 �.060
(53.98 �1.52)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG780
3.125 �.060
(79.38 �1.52)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG785
4.000 �.120
(101.60 �3.05)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG810
5.000 �.120
(127.00 �3.05)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG815
6.000 �.120
(152.40 �3.05)
.350 �.040
(8.89 �1.02)
.040 �.002
(1.02 �.05)
0.5
0.5
0.6
0.8
1.0
0.6
1.0
1.0
1.5
1.5
2.0
2.0
2.5
3.0
2.6
3.6
3.6
5.0
5.0
7.5
8.0
10.0
15.0
600
600
1,000
2,000
4,000
1,000
1,000
2,000
4,000
2,000
6,000
4,000
10,000
6,000
4,000
10,000
6,000
15,000
10,000
15,000
20,000
25,000
30,000
750
750
750
750
750
750
750
750
750
750
750
750
750
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
200 �
200 �
400 �
600 �
800 �
800 �
200 �
400 �
600 �
600 �
1 K
200 �
1.5 K
500 �
200 �
750 �
300 �
1 K
400 �
600 �
800 �
1 K
1 K
5 Meg
8 Meg
10 Meg
20 Meg
50 Meg
20 Meg
20 Meg
50 Meg
75 Meg
75 Meg
150 Meg
100 Meg
200 Meg
250 Meg
150 Meg
300 Meg
300 Meg
500 Meg
500 Meg
750 Meg
1,000 Meg
1,250 Meg
2,000 Meg
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
225 M
N/A
300 M
N/A
750 M
750 M
1,000 M
1,500 M
1,500 M
2,500 M
3,750 M
5,000 M
6,250 M
10,000 M
-15
Min.
6.5 Meg
N/A
N/A
N/A
N/A
N/A
N/A
26 Meg
70 Meg
17 Meg
N/A
51 Meg
N/A
77 Meg
40 Meg
178 Meg
64 Meg
288 Meg
128 Meg
192 Meg
320 Meg
400 Meg
384 Meg
Overload
Rating
Type 1
Type 1
Type 1
Type 1
Type 1
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Now with Extended Resistance Range to 10,000 Megohms and Additional Models
Temperature Coefficient as tight as 80 ppm/°C, Combined with Excellent Long-Term Stability and Precision Tolerances.
Caddock's Micronox® resistance films are the source of
the Type MG Precision High Voltage Resistors' outstanding
combination of performance features:
Single-resistor values as high as 10,000 Megohms.
Maximum continuous operating voltages as high as
48,000 volts ("-15" ratings).
Overvoltage capabilities of 150% of standard working
voltages for all models and values, (except "-15" ratings).
Resistance Tolerances from ±1.0% to ±0.1%.
Temperature Coefficient, for standard resistance range, of
80 ppm/°C in combination with resistance tolerances as
tight as ±0.1%.
Type MG resistors have demonstrated stability of 0.01%
per 1,000 hours in extended load life testing of standard
resistance range values.
This exceptional performance has been proven through
many years of use in equipment that demands the highest
reliability and stability, including TWT amplifiers, X-ray
systems, geophysical instruments, and medical electronics.
Preconditioning for Power and Voltage Ratings
All power ratings and maximum operating voltage ratings
are for continuous duty. These ratings are based on pre-
stress voltage levels applied during the manufacturing
process to provide for stable resistor performance even
under momentary overload conditions.
Maximum operating voltages 60% higher than the values
listed in the table may be specified by adding "-15" to the
model number (Example: MG750-15). Note that overload
and overvoltage ratings do not apply to the "-15" resistors.
Resistance ranges for "-15" resistors shown in the table are
from "-15 Min." to "Standard Max."
Non-Inductive Performance
Most models are manufactured with Caddock's
Non-Inductive Design which uses a serpentine resistive
pattern that provides for neighboring lines to carry current in
opposite directions, thereby achieving maximum cancellation
of flux fields over the entire length of the resistor. This
efficient non-inductive construction is accomplished without
derating of any performance advantages.
Insulation Resistance: 10,000 Megohms, min.
Overload/Overvoltage: 5 times rated power
with applied voltage not to exceed 1.5 times max-
imum continuous operating voltage for 5 seconds
.
Type 1: DC Voltage
Type 2: DC Voltage or VrmsAC
Thermal Shock: Mil-Std-202, Method 107,
Cond. C, ΔR 0.25% max.
Moisture Resistance: Mil-Std-202, Method 106,
Δ
R 0.4% max.
Load Life: 1,000 hours at +125°C at rated
voltage, not to exceed rated power.
Solderable Leads
Encapsulation: High Temperature Silicone Conformal.
Temperature Coefficient:
Page 1 of 2
28_IL110.1004
UK & Ireland
Distributors
Hurst Green Surrey RH8 9AX UK
Email sales@rhopointcomponents.com
Web www.rhopointcomponents.com
Tel: +44 (0) 870 608 1188
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
Type MG Precision High Voltage Resistors
Specifications:
Resistance Tolerance:
Resistance Range
Tolerance
1%
1%, �0.5%, �0.25%, �0.1%
Standard
St'd with "-15" rating
Extended Range
1%
Resistance Range
Overload/Overvoltage, �R
N/A
0.5% max.
Standard
St'd with "-15" rating
Extended Range
0.8% max.
Models with low inductance construction are in shaded areas.
Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas.
Standard and
St'd with "-15"
rating
80 ppm/�C from +25�C to +105�C,
-200 ppm/�C to +50 ppm/�C from
-15�C to +25�C.
Resistance
Range
80 ppm/�C from -15�C to +105�C,
referenced to +25�C.
TC Specifications
Extended
Range
Resistance Range
Load Life, �R
0.8% max.
0.5% max.
Standard
St'd with "-15" rating
Extended Range
0.8% max.
Dielect.
Strength
Max.
Continuous
Oper. Volt.
Watt-
age
Model
No.
A
B
C
Dimensions in inches and (millimeters)
Resistance
Standard
Max.
Extended
Max.
Min.
MG650
.313 �.020
(7.95 �.51)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG655
.313 �.030
(7.95 �.76)
.109 �.025
(2.77 �.64)
.025 �.002
(.64 �.05)
MG660
.500 �.030
(12.70 �.76)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG680
.750 �.030
(19.05 �.76)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG710
1.000 �.040
(25.40 �1.02)
.094 �.015
(2.39 �.38)
.025 �.002
(.64 �.05)
MG712
.400 �.060
(10.16 �.152)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG714
.562 �.060
(14.27 �1.52)
.150 �.030
(3.81 �.76)
.032 �.002
(.81 �.05)
MG715
.750 �.060
(19.05 �1.52)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG716
1.000 �.060
(25.40 �1.52)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG717
.710 �.050
(18.03 �1.27)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG720
1.500 �.080
(38.10 �2.03)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG721
1.000 �.050
(25.40 �1.27)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG725
2.000 �.080
(50.80 �2.03)
.140 �.030
(3.56 �.76)
.025 �.002
(.64 �.05)
MG730
1.500 �.080
(38.10 �2.03)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG731
1.000 �.060
(25.40 �1.52)
.315 �
.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG735
2.000 �.080
(50.80 �2.03)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG740
1.500 �.060
(38.10 �1.52)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG745
3.000 �.100
(76.20 �2.54)
.240 �.030
(6.10 �.76)
.040 �.002
(1.02 �.05)
MG750
2.125 �.060
(53.98 �1.52)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG780
3.125 �.060
(79.38 �1.52)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG785
4.000 �.120
(101.60 �3.05)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG810
5.000 �.120
(127.00 �3.05)
.315 �.030
(8.00 �.76)
.040 �.002
(1.02 �.05)
MG815
6.000 �.120
(152.40 �3.05)
.350 �.040
(8.89 �1.02)
.040 �.002
(1.02 �.05)
0.5
0.5
0.6
0.8
1.0
0.6
1.0
1.0
1.5
1.5
2.0
2.0
2.5
3.0
2.6
3.6
3.6
5.0
5.0
7.5
8.0
10.0
15.0
600
600
1,000
2,000
4,000
1,000
1,000
2,000
4,000
2,000
6,000
4,000
10,000
6,000
4,000
10,000
6,000
15,000
10,000
15,000
20,000
25,000
30,000
750
750
750
750
750
750
750
750
750
750
750
750
750
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
200 �
200 �
400 �
600 �
800 �
800 �
200 �
400 �
600 �
600 �
1 K
200 �
1.5 K
500 �
200 �
750 �
300 �
1 K
400 �
600 �
800 �
1 K
1 K
5 Meg
8 Meg
10 Meg
20 Meg
50 Meg
20 Meg
20 Meg
50 Meg
75 Meg
75 Meg
150 Meg
100 Meg
200 Meg
250 Meg
150 Meg
300 Meg
300 Meg
500 Meg
500 Meg
750 Meg
1,000 Meg
1,250 Meg
2,000 Meg
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
225 M
N/A
300 M
N/A
750 M
750 M
1,000 M
1,500 M
1,500 M
2,500 M
3,750 M
5,000 M
6,250 M
10,000 M
-15
Min.
6.5 Meg
N/A
N/A
N/A
N/A
N/A
N/A
26 Meg
70 Meg
17 Meg
N/A
51 Meg
N/A
77 Meg
40 Meg
178 Meg
64 Meg
288 Meg
128 Meg
192 Meg
320 Meg
400 Meg
384 Meg
Overload
Rating
Type 1
Type 1
Type 1
Type 1
Type 1
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Type 2
Now with Extended Resistance Range to 10,000 Megohms and Additional Models
Temperature Coefficient as tight as 80 ppm/°C, Combined with Excellent Long-Term Stability and Precision Tolerances.
Caddock's Micronox® resistance films are the source of
the Type MG Precision High Voltage Resistors' outstanding
combination of performance features:
Single-resistor values as high as 10,000 Megohms.
Maximum continuous operating voltages as high as
48,000 volts ("-15" ratings).
Overvoltage capabilities of 150% of standard working
voltages for all models and values, (except "-15" ratings).
Resistance Tolerances from ±1.0% to ±0.1%.
Temperature Coefficient, for standard resistance range, of
80 ppm/°C in combination with resistance tolerances as
tight as ±0.1%.
Type MG resistors have demonstrated stability of 0.01%
per 1,000 hours in extended load life testing of standard
resistance range values.
This exceptional performance has been proven through
many years of use in equipment that demands the highest
reliability and stability, including TWT amplifiers, X-ray
systems, geophysical instruments, and medical electronics.
Preconditioning for Power and Voltage Ratings
All power ratings and maximum operating voltage ratings
are for continuous duty. These ratings are based on pre-
stress voltage levels applied during the manufacturing
process to provide for stable resistor performance even
under momentary overload conditions.
Maximum operating voltages 60% higher than the values
listed in the table may be specified by adding "-15" to the
model number (Example: MG750-15). Note that overload
and overvoltage ratings do not apply to the "-15" resistors.
Resistance ranges for "-15" resistors shown in the table are
from "-15 Min." to "Standard Max."
Non-Inductive Performance
Most models are manufactured with Caddock's
Non-Inductive Design which uses a serpentine resistive
pattern that provides for neighboring lines to carry current in
opposite directions, thereby achieving maximum cancellation
of flux fields over the entire length of the resistor. This
efficient non-inductive construction is accomplished without
derating of any performance advantages.
Insulation Resistance: 10,000 Megohms, min.
Overload/Overvoltage: 5 times rated power
with applied voltage not to exceed 1.5 times max-
imum continuous operating voltage for 5 seconds
.
Type 1: DC Voltage
Type 2: DC Voltage or VrmsAC
Thermal Shock: Mil-Std-202, Method 107,
Cond. C, ΔR 0.25% max.
Moisture Resistance: Mil-Std-202, Method 106,
Δ
R 0.4% max.
Load Life: 1,000 hours at +125°C at rated
voltage, not to exceed rated power.
Solderable Leads
Encapsulation: High Temperature Silicone Conformal.
Temperature Coefficient:
Page 1 of 2
28_IL110.1004
RHOPOINT COMPONENTS LTD.
Holland Road
Hurst Green
Oxted, Surrey, RH8 9AX
Tel: +44 (0)1883 717988
Fax: +44 (0)1883 712938
e-mail: sales@rhopointcomponents.com
web: www.rhopointcomponents.com
RHOPOINT COMPONENTS LTD.
IL-110.019
C
B
A
1.500 ± .125
(38.10 ± 3.18)
RATED POWER OR
RATED VOLTAGE, %
AMBIENT TEMPERATURE, °C
100
80
60
40
20
0
25
75
125
175
225 275
For immediate engineering assistance in developing Low Ratio TC matched
high voltage resistor sets, call or write our Applications Engineering and we will
be pleased to offer the best solution from our high voltage resistor product
capabilities.
Derating Curve:
DIMENSIONS IN INCHES AND (MILLIMETERS)
Design Assistance in Developing High Voltage Resistor Sets with
Low TC Tracking.
Ordering Information:
MG750 -100M - 1%
Model Number:
Resistor Value:
Tolerance
MG680
MG712
MG714
MG715
MG725
MG720
MG660
MG716
MG721
MG745
MG810
MG815
MG735
MG730
MG717
MG785
MG731
MG740
Most models are available with
Caddock's Non-inductive Serpentine Pattern
MG650
MG710
MG750
MG780
Certain products shown in this catalog are covered by one or more patents, there are also patents pending.
N Non-inductiveperformance
with Caddock's exclusive design
MG655
Type MG Precision High Voltage Resistors
Page 2 of 2
RHOPOINT COMPONENTS LTD
web: www.rhopointcomponents.com
e-mail: sales@rhopointcomponents.com
RHOPOINT COMPONENTS LTD
Holland Road, Hurst Green,
Oxted, Surrey, RH8 9AX
Phone: +44 (0) 1883 717988
Fax: +44 (0) 1883 712938
Resistor Pairs and Quads with Ratio Characteristics for Precision Analog Circuits
Type T912 and T914 Precision Resistor Networks are constructed with
Caddock Tetrinox resistance films to achieve the precise ratio performance
and stability required by highly accurate amplifier circuits, voltage reference
circuits and precision bridge circuits.
Ratio Tolerance - from 0.1% to 0.01%.
Ratio Temperature Coefficient - 10 ppm/°C, 5 ppm/°C or 2 ppm/°C.
Absolute Temperature Coefficient - 25 ppm/°C.
Ratio Stability of Resistance at Full Load for 2,000 hours - within 0.01%.
Shelf Life Stability of Ratio for 6 Months - within 0.005%.
Both the T912 and the T914 are available in 14 standard resistance values
between 1,000 ohms and 1 Megohm. Caddock's high thru-put manufacturing
capability assures that prototype and large-volume production quantities are
available either from stock or within 6 weeks after receipt of order.
Specifications:
Absolute Tolerance: ±0.1% for all resistors.
Absolute Temperature Coefficient: ±25 ppm/°C
referenced to +25°C, R taken at 0°C and +70°C.
Voltage Rating: 30 volts DC or RMS AC
applied to R1, R2, R3 and R4.
Power Rating: 0.10 watt applied to R1, R2, R3
and R4 (not to exceed rated voltage).
Package Power Rating: Type T912, 0.20 watt.
Type T914, 0.40 watt.
Storage Temperature: -55°C to +105°C.
Insulation Resistance Between Isolated Pins:
Pin 2 to Pin 3, Pin 4 to Pin 5, or Pin 6 to Pin 7,
1,000 Megohms, minimum.
Dielectric Strength Between Isolated Pins:
50 volts RMS AC.
Ratio Stability Under Load: Ratio change
between any two resistors in the network under
full load for 2,000 hours at +70°C, 0.01%
maximum.
Shelf Stability of Ratio: Six months at shelf
conditions, 50 ppm maximum.
Custom Model T912 and T914 Precision Resistor Networks
For applications requiring non-standard
resistance values, the T912 and T914 custom
configurations can include these special features:
Mixed resistance values with a maximum ratio
of 250-to-1. (Example: 1.0 Megohm and 4 K)
Absolute TC as low as 15 ppm/°C.
Ratio TC as low as 2 ppm/°C.
Custom voltage ratings.
Matched resistors of any special value
between 1 K and 2 Megohms.
Call or write our Applications
Engineering for performance,
price and availability of these
custom resistor networks.
Standard Type T912 and Type T914 Precision Resistor Networks
In addition to the 14 standard
equal value models of the Type T912 and T914,
the Type T912 can also be ordered with -
10:1 Resistance Ratio - for use in amplifier gain-setting.
9:1 Resistance Ratio - for use in voltage reference dividers.
Type T912 and T914 Precision Resistor Networks
®
Ordering Information:
.500 ±.020
(12.70 ±.51)
.095 (2.41)
MAX.
PIN 1
CADDOCK
T914
0129
.010
(.26)
.020
(.51)
.150 ±.040
(3.81 ±1.02)
.100
(2.54)
.900 ±.020
(22.86 ±.51)
8 PINS ON .100 (2.54) CENTERS
R1
R2
1
2 3
4
R3
R4
5
6 7
8
R1
R2
1
2 3
4
Type T914
Ratios Available: 1:1 and Custom.
Type T912
Ratios Available: 1:1, 9:1, 10:1 and Custom.
R1 = R2 = R3 = R4
DIMENSIONS IN INCHES
AND (MILLIMETERS)
.010
(.26)
.500 ±.020
(12.70 ±.51)
.020
(.51)
CADDOCK
T912
0102
PIN 1
.150 ±.040
(3.81 ±1.02)
.100
(2.54)
.500 ±.020
(12.70 ±.51)
4 PINS ON .100 (2.54) CENTERS
.095 (2.41)
MAX.
Ratio Code Letter:
A - T912 with R1: R2 where R2 = 10R1
1K:10K
10K:100K
40K:400K
2K:20K
20K:200K
50K:500K
5K:50K
25K:250K
100K:1 Meg
B - T912 with R1: R2 where R2 = 9R1
1K:9K
10K:90K
40K:360K
2K:18K
20K:180K
50K:450K
5K:45K
25K:225K
100K:900K
Model Number
Ratio Tolerance: -100 = 0.1%
-020 = 0.02%
-050 = 0.05%
-010 = 0.01%
Standard Resistance Values: (R1)
1K
10K
40K
200K
500K
2K
20K
50K
250K
1 Meg
5K
25K
100K
400K
Ratio Temperature Track (0°C to +70°C):
-10 = 10 ppm/°C
-05 = 5 ppm/°C
-02 = 2 ppm/°C
T912 - A 10K - 010 - 02
Special or mixed resistance values are available as custom networks.
See the custom section at the bottom of this page.
(This information appears on the back side of the network)
No Letter - T912 with R1 = R2
No Letter - T914 with R1 = R2 = R3 = R4
*
*
*
*
*
27.1 IL117.0802
RHOPOINT COMPONENTS LTD
web: www.rhopointcomponents.com
e-mail: sales@rhopointcomponents.com
RHOPOINT COMPONENTS LTD
Holland Road, Hurst Green,
Oxted, Surrey, RH8 9AX
Phone: +44 (0) 1883 717988
Fax: +44 (0) 1883 712938
Resistor Pairs and Quads with Ratio Characteristics for Precision Analog Circuits
Type T912 and T914 Precision Resistor Networks are constructed with
Caddock Tetrinox resistance films to achieve the precise ratio performance
and stability required by highly accurate amplifier circuits, voltage reference
circuits and precision bridge circuits.
Ratio Tolerance - from 0.1% to 0.01%.
Ratio Temperature Coefficient - 10 ppm/°C, 5 ppm/°C or 2 ppm/°C.
Absolute Temperature Coefficient - 25 ppm/°C.
Ratio Stability of Resistance at Full Load for 2,000 hours - within 0.01%.
Shelf Life Stability of Ratio for 6 Months - within 0.005%.
Both the T912 and the T914 are available in 14 standard resistance values
between 1,000 ohms and 1 Megohm. Caddock's high thru-put manufacturing
capability assures that prototype and large-volume production quantities are
available either from stock or within 6 weeks after receipt of order.
Specifications:
Absolute Tolerance: ±0.1% for all resistors.
Absolute Temperature Coefficient: ±25 ppm/°C
referenced to +25°C, R taken at 0°C and +70°C.
Voltage Rating: 30 volts DC or RMS AC
applied to R1, R2, R3 and R4.
Power Rating: 0.10 watt applied to R1, R2, R3
and R4 (not to exceed rated voltage).
Package Power Rating: Type T912, 0.20 watt.
Type T914, 0.40 watt.
Storage Temperature: -55°C to +105°C.
Insulation Resistance Between Isolated Pins:
Pin 2 to Pin 3, Pin 4 to Pin 5, or Pin 6 to Pin 7,
1,000 Megohms, minimum.
Dielectric Strength Between Isolated Pins:
50 volts RMS AC.
Ratio Stability Under Load: Ratio change
between any two resistors in the network under
full load for 2,000 hours at +70°C, 0.01%
maximum.
Shelf Stability of Ratio: Six months at shelf
conditions, 50 ppm maximum.
Custom Model T912 and T914 Precision Resistor Networks
For applications requiring non-standard
resistance values, the T912 and T914 custom
configurations can include these special features:
Mixed resistance values with a maximum ratio
of 250-to-1. (Example: 1.0 Megohm and 4 K)
Absolute TC as low as 15 ppm/°C.
Ratio TC as low as 2 ppm/°C.
Custom voltage ratings.
Matched resistors of any special value
between 1 K and 2 Megohms.
Call or write our Applications
Engineering for performance,
price and availability of these
custom resistor networks.
Standard Type T912 and Type T914 Precision Resistor Networks
In addition to the 14 standard
equal value models of the Type T912 and T914,
the Type T912 can also be ordered with -
10:1 Resistance Ratio - for use in amplifier gain-setting.
9:1 Resistance Ratio - for use in voltage reference dividers.
Type T912 and T914 Precision Resistor Networks
®
Ordering Information:
.500 ±.020
(12.70 ±.51)
.095 (2.41)
MAX.
PIN 1
CADDOCK
T914
0129
.010
(.26)
.020
(.51)
.150 ±.040
(3.81 ±1.02)
.100
(2.54)
.900 ±.020
(22.86 ±.51)
8 PINS ON .100 (2.54) CENTERS
R1
R2
1
2 3
4
R3
R4
5
6 7
8
R1
R2
1
2 3
4
Type T914
Ratios Available: 1:1 and Custom.
Type T912
Ratios Available: 1:1, 9:1, 10:1 and Custom.
R1 = R2 = R3 = R4
DIMENSIONS IN INCHES
AND (MILLIMETERS)
.010
(.26)
.500 ±.020
(12.70 ±.51)
.020
(.51)
CADDOCK
T912
0102
PIN 1
.150 ±.040
(3.81 ±1.02)
.100
(2.54)
.500 ±.020
(12.70 ±.51)
4 PINS ON .100 (2.54) CENTERS
.095 (2.41)
MAX.
Ratio Code Letter:
A - T912 with R1: R2 where R2 = 10R1
1K:10K
10K:100K
40K:400K
2K:20K
20K:200K
50K:500K
5K:50K
25K:250K
100K:1 Meg
B - T912 with R1: R2 where R2 = 9R1
1K:9K
10K:90K
40K:360K
2K:18K
20K:180K
50K:450K
5K:45K
25K:225K
100K:900K
Model Number
Ratio Tolerance: -100 = 0.1%
-020 = 0.02%
-050 = 0.05%
-010 = 0.01%
Standard Resistance Values: (R1)
1K
10K
40K
200K
500K
2K
20K
50K
250K
1 Meg
5K
25K
100K
400K
Ratio Temperature Track (0°C to +70°C):
-10 = 10 ppm/°C
-05 = 5 ppm/°C
-02 = 2 ppm/°C
T912 - A 10K - 010 - 02
Special or mixed resistance values are available as custom networks.
See the custom section at the bottom of this page.
(This information appears on the back side of the network)
No Letter - T912 with R1 = R2
No Letter - T914 with R1 = R2 = R3 = R4
*
*
*
*
*
27.1 IL117.0802


Similar Part No. - T912-B100K-100-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T912-B100K-100-10 ETC-T912-B100K-100-10 Datasheet
105Kb / 1P
   Type T912 and T914 Precision Resistor Networks
More results

Similar Description - T912-B100K-100-10

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UPSC TOKEN-UPSC Datasheet
448Kb / 6P
   Ultra Precision Resistor Networks
UPR TOKEN-UPR Datasheet
441Kb / 6P
   Ultra Precision Resistor Networks
logo
Riedon Powertron
MF4115 RIEDON-MF4115 Datasheet
330Kb / 1P
   Precision Metal Film Resistor Networks
logo
Willow Technologies Ltd
MF4115 WILLOW-MF4115 Datasheet
394Kb / 1P
   Precision Metal Film Resistor Networks
logo
American Accurate Compo...
CTN1A-C-1003ATPLM AAC-CTN1A-C-1003ATPLM Datasheet
126Kb / 2P
   Ultra Precision Resistor Arrays & Networks
TSOP08A1003AR AAC-TSOP08A1003AR_17 Datasheet
791Kb / 2P
   TSOP ULTRA PRECISION RESISTOR NETWORKS
logo
Riedon Powertron
MF4200 RIEDON-MF4200 Datasheet
336Kb / 1P
   Precision Metal Film Resistor Networks
MF4200 RIEDON-MF4200_13 Datasheet
174Kb / 1P
   Precision Metal Film Resistor Networks
MF4115 RIEDON-MF4115_13 Datasheet
182Kb / 1P
   Precision Metal Film Resistor Networks
logo
KOA Speer Electronics, ...
MRPL03EAD103BA KOA-MRPL03EAD103BA Datasheet
401Kb / 2P
   precision metal film resistor SIP networks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com