Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79RC32V134DS Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT79RC32V134DS
Description  RISCore32300TM Family System Controller Chip
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RC32V134DS Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT79RC32V134DS Datasheet HTML 1Page - Integrated Device Technology IDT79RC32V134DS Datasheet HTML 2Page - Integrated Device Technology IDT79RC32V134DS Datasheet HTML 3Page - Integrated Device Technology IDT79RC32V134DS Datasheet HTML 4Page - Integrated Device Technology IDT79RC32V134DS Datasheet HTML 5Page - Integrated Device Technology IDT79RC32V134DS Datasheet HTML 6Page - Integrated Device Technology IDT79RC32V134DS Datasheet HTML 7Page - Integrated Device Technology IDT79RC32V134DS Datasheet HTML 8Page - Integrated Device Technology IDT79RC32V134DS Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4 of 25
April 9, 2001
IDT79RC32134
January 6, 2000:
–Reordered Alternate Signals for the PIO Interface in Table 2
and changed pci_eeprom_mdi to pci_eeprom_mdo.
– Switched alternate pin signals for pci_eeprom_mdo and
pci_eeprom_mdi in PCI Interface section of Table 2.
– Switched alternate pin signals for uart_rx and uart_tx in UART
Interface section of Table 2.
– In RC32134 Alternate Signal Functions table, changed pin
designations under Alt #1 column for pins 22 - 29.
– Changed 64145 references to 32134 in the Note section of the
AC Timing Characteristics table.
– Updated the User Manual Timing Diagram Reference column
in the AC Timing Characteristics table.
March 20, 2000: Changed PCI speed to 33 MHz.
June 20, 2000: Values were revised for three local memory/periph-
eral bus signals in the AC Timing Characteristics table.
July 12, 2000: Revised Tsu and Thld symbol numbers in UART
section of AC Timing Characteristics table and revised reference to
timing diagram.
April 9, 2001: In the Local Memory/Peripheral bus section of the AC
Timing Characteristics table, deleted cpu_coldreset_n associated with
Tsu4.


Similar Part No. - IDT79RC32V134DS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79RC32V364 RENESAS-IDT79RC32V364 Datasheet
526Kb / 22P
   RISControllerTM Embedded 32-bit Microprocessor, based on RISCore32300
June 20, 2000
More results

Similar Description - IDT79RC32V134DS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9263BQX INFINEON-TLE9263BQX Datasheet
5Mb / 175P
   System Basis Chip Mid-Range System Basis Chip Family
Rev. 1.1 2019-09-27
TLE9271QXV33 INFINEON-TLE9271QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9272QXV33 INFINEON-TLE9272QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9274QX INFINEON-TLE9274QX Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9261-3QXV33 INFINEON-TLE9261-3QXV33 Datasheet
7Mb / 186P
   Mid-Range System Basis Chip Family
Rev. 1.1, 2014-10-23
TLE9260-3QXV33 INFINEON-TLE9260-3QXV33 Datasheet
6Mb / 174P
   Mid-Range System Basis Chip Family
Rev. 1.1, 2014-10-23
TLE9274QXV33 INFINEON-TLE9274QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9271QX INFINEON-TLE9271QX Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9273QXV33 INFINEON-TLE9273QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9273QX INFINEON-TLE9273QX Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com