Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79RC32134 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT79RC32134
Description  RISCore32300TM Family System Controller Chip
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RC32134 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT79RC32134 Datasheet HTML 1Page - Integrated Device Technology IDT79RC32134 Datasheet HTML 2Page - Integrated Device Technology IDT79RC32134 Datasheet HTML 3Page - Integrated Device Technology IDT79RC32134 Datasheet HTML 4Page - Integrated Device Technology IDT79RC32134 Datasheet HTML 5Page - Integrated Device Technology IDT79RC32134 Datasheet HTML 6Page - Integrated Device Technology IDT79RC32134 Datasheet HTML 7Page - Integrated Device Technology IDT79RC32134 Datasheet HTML 8Page - Integrated Device Technology IDT79RC32134 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3 of 25
April 9, 2001
IDT79RC32134
As a PCI master, the RC32134 can generate memory, I/O, or config-
uration cycles for direct local-to-PCI bus accesses. The PCI interface
incorporates a 3-slot PCI bus arbiter, which includes fixed and round
robin arbitration modes.
As a PCI target, the RC32134 allows access to its internal registers
and to the RISCore32300 local bus through the PCI I/O read and write,
or Memory read and write commands. The RC32134 PCI interface
supports swapping little endian data to big endian, when the CPU
subsystem is configured as a big endian system. For more information
on the PDCI interface, please refer to the PCI Specification, Revision
2.1.
DMA Controller. Four general purpose DMA channels move data
between source and destination ports. Source and destination ports can
be system memory, PCI or I/O devices. Any of the four channels can be
used for PCI initiator reads or writes. All four channels support a
descriptor structure, to allow efficient data scatter/gather. The DMA
controller supports swapping of data between big and little endian
memory and I/O subsystems by memory region. It also supports quad-
word burst transfers. All external 16 and 8-bit memory I/Os are treated
as memory-mapped, word-aligned devices.
Expansion Interrupt Controller. The Expansion Interrupt Controller
provides the interrupt logic for software to analyze the various RC32134
generated system interrupts and adds to the control already provided
through the CP0 registers of the RC32364. Each system interrupt is
registered and the pending status provided through this feature. The
pending status can then be used to automatically generate a hardware
interrupt to the CPU via individual mask bits. The pending interrupt
status can also be optionally set or cleared by a direct software write.
PIO. Programmable I/O (PIO) pins are provided on the RC32134 so
that any unused peripheral pins can be programmed for use as general
purpose discrete I/O pins. These PIO pins can be software programmed
as bidirectional lines, allowing pin values to be software programmed in
output mode and software readable while in the input mode. The PIO
pins can also be used as a source of interrupts to the CPU. Maximum
Interfacing flexibility is thus provided without requiring extensive modifi-
cations to the board.
UART. The RC32134 incorporates two 16550 (an enhanced version
of the 16450) compatible UARTs. To relieve the CPU of software over-
head, the 16550 UART can be put into FIFO mode, allowing execution
of either 16450 or 16550 compatible software. Two sets of 16-byte
FIFOs are enabled during the 16550 mode: one set in the receive data
path and one set in the transmit data path. A baud rate generator is
included that divides the system clock by 1 to 64K and provides a 16X
clock for driving the transmitter and receiver logic.
Timers/Counters. Three on-chip 32-bit general purpose Timers are
provided on the RC32134. Each timer consists of both a count and a
compare register. The count register resets to zero and then counts
upward until it equals the compare register. When the count and
compare registers are equal, the TC_n output is asserted and the count
is then reset to zero.
JTAG. Board-level manufacturing debugging is facilitated through
implementation of a fully compliant IEEE std. 1149.1 JTAG Boundary
Scan interface.
Thermal Considerations
Thermal Considerations
Thermal Considerations
Thermal Considerations
The RC32134 is guaranteed in a case temperature range of 0
°C to
+90
°C, for commercial temperature devices; - 40°C to +90°C for indus-
trial temperature devices. The speed (power) of the device and airflow
conditions affect the equivalent ambient temperature conditions that will
meet this specification. The equivalent allowable ambient temperature,
TA, can be calculated using the thermal resistance from case to ambient
(
CA) of the given package. The following equation relates ambient and
case temperatures:
TA = TC - P *
CA
where P is the maximum power consumption at hot temperature,
calculated by using the maximum ICC specification for the device.
Typical values for
CA at various airflows are shown in Table 1
Revision History:
Revision History:
Revision History:
Revision History:
July 21, 1999:
Changed the following: Thermal Resistance values; Table 2, Pin
Descriptions; Logic diagram - RC32134; Clock parameter temperature
from 85 to 90 degrees; AC timing characteristics - RC32134; DC elec-
trical characteristics; Power consumption - RC32134; Absolute
maximum ratings diagram; Pin-out 208-PQFP table; RC32134 alternate
signal functions.
September 2, 1999: Corrected package drawing from 144-pin to
208-pin.
November 1, 1999: Removed Maximum column from Power
Consumption table.
November 9, 1999: Moved pin 208 (sdram_245_oe_n) from Low
drive to High drive in DC Electrical Characteristics Table.
April 28, 2000: Added Mode Configuration Interface Reset
Sequence figure on page 14.
CA
Airflow (ft/min)
0
200
400
600
800
1000
208 PQFP
18
14
11
9
8
7
Table 1 Thermal Resistance (
∅CA) at Various Airflows


Similar Part No. - IDT79RC32134

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RC32332 IDT-IDT79RC32332 Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
IDT79RC32355 IDT-IDT79RC32355 Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
IDT79RC32438 IDT-IDT79RC32438 Datasheet
644Kb / 59P
   IDTTM InterpriseTM Integrated Communications Processor
IDT79RC32T355-133DH IDT-IDT79RC32T355-133DH Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
IDT79RC32T355-133DHI IDT-IDT79RC32T355-133DHI Datasheet
987Kb / 47P
   IDT Interprise Integrated Communications Processor
More results

Similar Description - IDT79RC32134

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9263BQX INFINEON-TLE9263BQX Datasheet
5Mb / 175P
   System Basis Chip Mid-Range System Basis Chip Family
Rev. 1.1 2019-09-27
TLE9271QXV33 INFINEON-TLE9271QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9272QXV33 INFINEON-TLE9272QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9274QX INFINEON-TLE9274QX Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9261-3QXV33 INFINEON-TLE9261-3QXV33 Datasheet
7Mb / 186P
   Mid-Range System Basis Chip Family
Rev. 1.1, 2014-10-23
TLE9260-3QXV33 INFINEON-TLE9260-3QXV33 Datasheet
6Mb / 174P
   Mid-Range System Basis Chip Family
Rev. 1.1, 2014-10-23
TLE9274QXV33 INFINEON-TLE9274QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9271QX INFINEON-TLE9271QX Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9273QXV33 INFINEON-TLE9273QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9273QX INFINEON-TLE9273QX Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com