Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT72V3664L15PF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # DT72V3664L15PF
Description  3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DT72V3664L15PF Datasheet(HTML) 1 Page - Integrated Device Technology

  DT72V3664L15PF Datasheet HTML 1Page - Integrated Device Technology DT72V3664L15PF Datasheet HTML 2Page - Integrated Device Technology DT72V3664L15PF Datasheet HTML 3Page - Integrated Device Technology DT72V3664L15PF Datasheet HTML 4Page - Integrated Device Technology DT72V3664L15PF Datasheet HTML 5Page - Integrated Device Technology DT72V3664L15PF Datasheet HTML 6Page - Integrated Device Technology DT72V3664L15PF Datasheet HTML 7Page - Integrated Device Technology DT72V3664L15PF Datasheet HTML 8Page - Integrated Device Technology DT72V3664L15PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
NOVEMBER 2003
IDT72V3654
IDT72V3664
IDT72V3674
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
2,048 x 36 x 2
4,096 x 36 x 2
8,192 x 36 x 2
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The SyncFIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL TEMPERATURE RANGE
2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-4664/4
FUNCTIONAL BLOCK DIAGRAM
FEATURES
••••• Memory storage capacity:
IDT72V3654
2,048 x 36 x 2
IDT72V3664
4,096 x 36 x 2
IDT72V3674
8,192 x 36 x 2
••••• Clock frequencies up to 100 MHz (6.5ns access time)
••••• Two independent clocked FIFOs buffering data in opposite
directions
••••• Select IDT Standard timing (using EFA, EFB, FFA, and FFB flags
functions) or First Word Fall Through Timing (using ORA, ORB,
IRA, and IRB flag functions)
••••• Programmable Almost-Empty and Almost-Full flags; each has five
default offsets (8, 16, 64, 256 and 1,024 )
••••• Serial or parallel programming of partial flags
••••• Port B bus sizing of 36 bits (long word), 18 bits (word) and 9 bits
(byte)
••••• Big- or Little-Endian format for word and byte bus sizes
••••• Retransmit Capability
••••• Master Reset clears data and configures FIFO, Partial Reset
clears data but retains configuration settings
••••• Mailbox bypass registers for each FIFO
••••• Free-running CLKA and CLKB may be asynchronous or coincident
(simultaneous reading and writing of data on a single clock edge
is permitted)
••••• Auto power down minimizes power dissipation
••••• Available in space saving 128-pin Thin Quad Flatpack (TQFP)
••••• Pin and functionally compatible version of the 5V operating
IDT723654/723664/723674
••••• Pin compatible to the lower density parts, IDT72V3624/72V3634/
72V3644
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
Mail 1
Register
Programmable Flag
Offset Registers
RAM ARRAY
2,048 x 36
4,096 x 36
8,192 x 36
Write
Pointer
Read
Pointer
Status Flag
Logic
RAM ARRAY
2,048 x 36
4,096 x 36
8,192 x 36
Write
Pointer
Read
Pointer
Status Flag
Logic
CLKA
CSA
W/
RA
ENA
MBA
Port-A
Control
Logic
FIFO1,
Mail1
Reset
Logic
MRS1
Mail 2
Register
MBF2
CLKB
CSB
W/RB
ENB
MBB
BE
BM
SIZE
Port-B
Control
Logic
FIFO2,
Mail2
Reset
Logic
MRS2
MBF1
FIFO1
FIFO2
13
EFB/ORB
AEB
36
36
FFB/IRB
AFB
B0-B35
FFA/IRA
AFA
FS2
FS0/SD
FS1/
SEN
A0-A35
EFA/ORA
AEA
4664 drw01
36
36
PRS2
PRS1
Timing
Mode
FWFT
36
36
36
36
FIFO1 and
FIFO2
Retransmit
Logic
RT1
RT2
RTM


Similar Part No. - DT72V3664L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
DT72T7295 IDT-DT72T7295 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
More results

Similar Description - DT72V3664L15PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V3653 RENESAS-IDT72V3653 Datasheet
375Kb / 31P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 2,048 x 36 4,096 x 36 8,192 x 36
MARCH 2018
IDT72V3664 RENESAS-IDT72V3664 Datasheet
454Kb / 38P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2
JUNE 2016
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
72V3612 RENESAS-72V3612 Datasheet
291Kb / 25P
   3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com