Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2520EF-4ID Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AM2520EF-4ID
Description  SUBMINIATURE SOLID STATE LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM2520EF-4ID Datasheet(HTML) 1 Page - Kingbright Corporation

  AM2520EF-4ID Datasheet HTML 1Page - Kingbright Corporation AM2520EF-4ID Datasheet HTML 2Page - Kingbright Corporation AM2520EF-4ID Datasheet HTML 3Page - Kingbright Corporation AM2520EF-4ID Datasheet HTML 4Page - Kingbright Corporation AM2520EF-4ID Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAD1636
REV NO: V.9A
DATE: NOV/11/2015
PAGE: 1 OF 5
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: F.T.Liu
ERP: 1102005303
SUBMINIATURE SOLID STATE LAMP
Part Number: AM2520EF/4ID
High Efficiency Red
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
Features
Black case enhances contrast.
Vibration and shock resistant.
Housing UL rating:94V-0.
Housing material: type 66 nylon.
RoHS compliant.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.


Similar Part No. - AM2520EF-4ID

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AM2520EF-4SGD KINGBRIGHT-AM2520EF-4SGD Datasheet
184Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM2520EF-4SGD5V KINGBRIGHT-AM2520EF-4SGD5V Datasheet
179Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM2520EF-4YD KINGBRIGHT-AM2520EF-4YD Datasheet
186Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM2520EF-4YD5V KINGBRIGHT-AM2520EF-4YD5V Datasheet
182Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
More results

Similar Description - AM2520EF-4ID

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-GW20-R GILWAY-GHB-GW20-R Datasheet
142Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
logo
Kingbright Corporation
AM27SEC09 KINGBRIGHT-AM27SEC09 Datasheet
138Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27SGC09 KINGBRIGHT-AM27SGC09 Datasheet
302Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM2520SGC08 KINGBRIGHT-AM2520SGC08 Datasheet
112Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27ID09 KINGBRIGHT-AM27ID09 Datasheet
123Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27MBCK09 KINGBRIGHT-AM27MBCK09 Datasheet
122Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27MGC09 KINGBRIGHT-AM27MGC09 Datasheet
303Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM27SYC03 KINGBRIGHT-AM27SYC03 Datasheet
122Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM2520MGC03 KINGBRIGHT-AM2520MGC03_07 Datasheet
282Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM2520SYC03 KINGBRIGHT-AM2520SYC03_05 Datasheet
120Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com