Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74CBTLV3257 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74CBTLV3257
Description  LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74CBTLV3257 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74CBTLV3257 Datasheet HTML 1Page - Integrated Device Technology IDT74CBTLV3257 Datasheet HTML 2Page - Integrated Device Technology IDT74CBTLV3257 Datasheet HTML 3Page - Integrated Device Technology IDT74CBTLV3257 Datasheet HTML 4Page - Integrated Device Technology IDT74CBTLV3257 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT74CBTLV3257
LOW-VOLTAGE QUAD 2:1 MUX/DEMUX BUS SWITCH
PIN CONFIGURATION
QSOP/ SSOP/ TSSOP
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
Symbol
Description
Max.
Unit
VCC
Supply Voltage Range
–0.5 to 4.6
V
VI
Input Voltage Range
–0.5 to 4.6
V
Continuous Channel Current
128
mA
IIK
Input Clamp Current, VI/O < 0
–50
mA
TSTG
Storage Temperature
–65 to +150
°C
NOTES:
1.
Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
FUNCTION TABLE (1)
Inputs
OE
S
Function
L
L
A Port = B1 Port
L
H
A Port = B2 Port
H
X
Disconnect
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don't Care
VCC
S
4B1
1B2
4B2
1A
4A
2B1
3B1
2B2
3B2
2A
1B1
OE
GN D
3A
SO16-7
SO16-9
SO16-10
16
1
314
413
512
6
11
7
10
2
15
9
8
OPERATING CHARACTERISTICS, TA = 25°C
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VCC
Supply Voltage
2.3
3.6
V
VIH
High-Level Control Input Voltage
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Low-Level Control Input Voltage
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
TA
Operating Free-Air Temperature
−40
+85
°C
NOTE:
1. All unused control inputs of the device must be held at VCC or GND to ensure proper operation.


Similar Part No. - IDT74CBTLV3257

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV3257 IDT-IDT74CBTLV3257 Datasheet
389Kb / 5P
   LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH Over-voltage tolerant
IDT74CBTLV3257 IDT-IDT74CBTLV3257 Datasheet
99Kb / 5P
   LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH
IDT74CBTLV3257PG IDT-IDT74CBTLV3257PG Datasheet
389Kb / 5P
   LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH Over-voltage tolerant
IDT74CBTLV3257PGG IDT-IDT74CBTLV3257PGG Datasheet
389Kb / 5P
   LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH Over-voltage tolerant
IDT74CBTLV3257Q IDT-IDT74CBTLV3257Q Datasheet
389Kb / 5P
   LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH Over-voltage tolerant
More results

Similar Description - IDT74CBTLV3257

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV3257 IDT-IDT74CBTLV3257_14 Datasheet
99Kb / 5P
   LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3257 RENESAS-74CBTLV3257 Datasheet
268Kb / 6P
   LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH
MAY 2019
logo
Integrated Device Techn...
IDT74CBTLV3257 IDT-IDT74CBTLV3257_08 Datasheet
389Kb / 5P
   LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH Over-voltage tolerant
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
logo
Savitech Corp.
SV73257C SAVITECH-SV73257C Datasheet
267Kb / 8P
   8KV ESD, Low-Voltage, High-Bandwidth Quad 2:1 MUX/DEMUX Bus Switch
SV73257A SAVITECH-SV73257A Datasheet
267Kb / 8P
   8KV ESD, Low-Voltage, High-Bandwidth Quad 2:1 MUX/DEMUX Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com