Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT72V3664L10PF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # DT72V3664L10PF
Description  3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DT72V3664L10PF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button DT72V3664L10PF Datasheet HTML 5Page - Integrated Device Technology DT72V3664L10PF Datasheet HTML 6Page - Integrated Device Technology DT72V3664L10PF Datasheet HTML 7Page - Integrated Device Technology DT72V3664L10PF Datasheet HTML 8Page - Integrated Device Technology DT72V3664L10PF Datasheet HTML 9Page - Integrated Device Technology DT72V3664L10PF Datasheet HTML 10Page - Integrated Device Technology DT72V3664L10PF Datasheet HTML 11Page - Integrated Device Technology DT72V3664L10PF Datasheet HTML 12Page - Integrated Device Technology DT72V3664L10PF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9
COMMERCIALTEMPERATURERANGE
IDT72V3654/72V3664/72V3674 3.3V CMOS SyncBiFIFOTM WITH BUS-MATCHING
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
TIMING REQUIREMENTS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE
IDT72V3654L10(1)
IDT72V3654L15
IDT72V3664L10(1)
IDT72V3664L15
IDT72V3674L10(1)
IDT72V3674L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fS
Clock Frequency, CLKA or CLKB
100
66.7
MHz
tCLK
Clock Cycle Time, CLKA or CLKB
10
15
ns
tCLKH
Pulse Duration, CLKA or CLKB HIGH
4.5
6
ns
tCLKL
Pulse Duration, CLKA and CLKB LOW
4.5
6
ns
tDS
Setup Time, A0-A35 before CLKA
↑ and B0-B35 before CLKB↑
3—4
ns
tENS1
Setup Time,
CSA and W/RA before CLKA
↑; CSB and
4
4.5
ns
W/RB before CLKB
tENS2
Setup Time, ENA, and MBA before CLKA
↑; ENB, and
3
4.5
ns
MBB before CLKB
tRSTS
Setup Time,
MRS1, MRS2, PRS1, or PRS2 LOW before
5
5
ns
CLKA
↑orCLKB↑(2)
tFSS
Setup Time, FS0, FS1, FS2 before
MRS1 and MRS2 HIGH
7.5
7.5
ns
tBES
Setup Time, BE/
FWFT before MRS1 and MRS2 HIGH
7.5
7.5
ns
tSDS
Setup Time, FS0/SD before CLKA
3—4
ns
tSENS
Setup Time, FS1/
SEN before CLKA
3—4
ns
tFWS
Setup Time, BE/
FWFT before CLKA
0—0
ns
tRTMS
Setup Time, RTM before
RT1; RTM before RT2
5—5
ns
tDH
Hold Time, A0-A35 after CLKA
↑and B0-B35 after CLKB↑
0.5
1
ns
tENH
Hold Time,
CSA, W/RA, ENA, and MBA after CLKA
↑; CSB,
0.5
1
ns
W/RB, ENB, and MBB after CLKB
tRSTH
Hold Time,
MRS1, MRS2, PRS1 or PRS2 LOW after CLKA
4—4
ns
or CLKB
(2)
tFSH
Hold Time, FS0, FS1, FS2 after
MRS1 and MRS2 HIGH
2
2
ns
tBEH
Hold Time, BE/
FWFT after MRS1 and MRS2 HIGH
2
2
ns
tSDH
Hold Time, FS0/SD after CLKA
0.5
1
ns
tSENH
Hold Time, FS1/
SEN HIGH after CLKA
0.5
1
ns
tSPH
Hold Time, FS1/
SEN HIGH after MRS1 and MRS2 HIGH
2
2
ns
tRTMH
Hold Time, RTM after
RT1; RTM after RT2
5—5
ns
tSKEW1(3)
Skew Time between CLKA
↑and CLKB↑ for EFA/ORA,
5
7.5
ns
EFB/ORB, FFA/IRA, and FFB/IRB
tSKEW2(3,4)
Skew Time between CLKA
↑ and CLKB↑ for AEA, AEB, AFA,12
12
ns
and
AFB
NOTES:
1. For 10ns speed grade: Vcc = 3.3V
± 0.15V; TA = 0° to +70°.
2. Requirement to count the clock edge as one of at least four needed to reset a FIFO.
3. Skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship between CLKA cycle and CLKB cycle.
4. Design simulated, not tested.
(For 10ns speed grade only: Vcc = 3.3V ± 0.15V; TA = 0
° C to +70° C; JEDEC JESD8-A compliant)


Similar Part No. - DT72V3664L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
DT72T7295 IDT-DT72T7295 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
More results

Similar Description - DT72V3664L10PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V3653 RENESAS-IDT72V3653 Datasheet
375Kb / 31P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 2,048 x 36 4,096 x 36 8,192 x 36
MARCH 2018
IDT72V3664 RENESAS-IDT72V3664 Datasheet
454Kb / 38P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2
JUNE 2016
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
72V3612 RENESAS-72V3612 Datasheet
291Kb / 25P
   3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com