Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F10067-224 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # F10067-224
Description  RTI AUDIO FILM CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

F10067-224 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  F10067-224 Datasheet HTML 1Page - RHOPOINT COMPONENTS F10067-224 Datasheet HTML 2Page - RHOPOINT COMPONENTS F10067-224 Datasheet HTML 3Page - RHOPOINT COMPONENTS F10067-224 Datasheet HTML 4Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RTI AUDIO FILM CAPACITORS
F10067 Series - 200VDC
Metallized Polypropylene
MATERIAL: Metallized Polypropylene capacitors in non-inductive construction.
LEADS: Tinned Copper soldered to capacitor with 63-37 Sn-Pb
TEMPERATURE RANGE: May be operated at rated voltage from -55°C to + 85°C. Voltage must be de-
rated linearly to 60% between +85°C to +105°C.
ELECTRICAL [NON-DESTRUCTIVE] TESTS:
1. Capacitance shall be measured at 1 KHz. ± 20 Hz and + 25°C for values up to 1.0 MFD. Values
greater than 1.0 MFD. shall be measured at 120 Hz. ± 10 Hz.
Ref: MIL-STD-202E, method 305.
2. Dissipation Factor shall be measured as described for capacitance and shall not exceed 0.2%.
3. Insulation Resistance shall be measured at rated voltage. After 2 minutes under voltage, minimum
values shall be 200,000 MEG/MFD., need not exceed 400,000 megohms.
Ref: MIL-STD-202E, method 302.
4. Dielectric Strength: Capacitors shall withstand specified DC test potential for 60 seconds through a
limiting resistance of 1 ohm/volt. Terminal to terminal will be 150% of rated voltage. TerminaI to
case will be 200 % of rated voltage..
Ref: MIL-STD-202E, method 301.
5. Dielectric Absorption shall not exceed 0.1% when tested to MIL-C-19978D.
Ref: MIL-C-19978D, paragraph 3.22.
TYPICAL TEMPERATURE CHARACTERISTICS
Page 1 of 4
F10067 Series
RHOPOINT COMPONENTS LTD Tel: +44 (0) 870 608 1188 Fax: +44 (0) 870 241 2255


Similar Part No. - F10067-224

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1006 POLYFET-F1006 Datasheet
37Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
More results

Similar Description - F10067-224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT1553B ETC-UT1553B Datasheet
1Mb / 52P
   RTI Remote Terminal Interface
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com