Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F10067-124 Datasheet(PDF) 4 Page - RHOPOINT COMPONENTS

Part # F10067-124
Description  RTI AUDIO FILM CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

F10067-124 Datasheet(HTML) 4 Page - RHOPOINT COMPONENTS

  F10067-124 Datasheet HTML 1Page - RHOPOINT COMPONENTS F10067-124 Datasheet HTML 2Page - RHOPOINT COMPONENTS F10067-124 Datasheet HTML 3Page - RHOPOINT COMPONENTS F10067-124 Datasheet HTML 4Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P/N
CAPACITANCE
Dia (in.)
Length (in.)
Lead (awg)
Lead Dia
F10067-405
4.0 MFD
1.00
1.30
#20
0.031
F10067-475
4.7 MFD
1.10
1.30
#20
0.031
F10067-505
5.0 MFD
1.12
1.30
#20
0.031
F10067-565
5.6 MFD
1.04
1.55
#20
0.031
F10067-605
6.0 MFD
1.08
1.55
#20
0.031
F10067-655
6.5 MFD
1.10
1.55
#20
0.031
F10067-705
7.0 MFD
1.15
1.55
#20
0.031
F10067-755
7.5 MFD
1.20
1.55
#20
0.031
F10067-805
8.0 MFD
1.25
1.55
#20
0.031
F10067-855
8.5 MFD
1.28
1.55
#20
0.031
F10067-905
9.0 MFD
1.25
1.68
#20
0.031
F10067-955
9.5 MFD
1.28
1.68
#20
0.031
F10067-106
10.0 MFD
1.30
1.68
#18
0.040
F10067-116
11.0 MFD
1.36
1.68
#18
0.040
F10067-126
12.0 MFD
1.42
1.68
#18
0.040
F10067-136
13.0 MFD
1.46
1.68
#18
0.040
F10067-146
14.0 MFD
1.50
1.68
#18
0.040
F10067-156
15.0 MFD
1.50
1.80
#18
0.040
F10067-166
16.0 MFD
1.54
1.80
#18
0.040
F10067-186
18.0 MFD
1.64
1.80
#18
0.040
F10067-206
20.0 MFD
1.72
1.80
#18
0.040
F10067-256
25.0 MFD
1.82
1.92
#18
0.040
F10067-306
30.0 MFD
1.92
2.06
#18
0.040
F10067-356
35.0 MFD
2.06
2.06
#18
0.040
Last character on Part No. indicates tolerance: K- ±10%, J - ±5%, G - ±2%, F - ±1%
Custom values obtainable, notify factory for suggestions.
Rhopoint Components Ltd
Tel: +44 (0) 870 608 1188 Fax: +44 (0) 870 241 2255
Germany +49 (0) 692 199 8606 Fax: +49 (0) 692 199 8595
Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
Page 4 of 4
F10067 Series
RHOPOINT COMPONENTS LTD Tel: +44 (0) 870 608 1188 Fax: +44 (0) 870 241 2255


Similar Part No. - F10067-124

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1006 POLYFET-F1006 Datasheet
37Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
More results

Similar Description - F10067-124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT1553B ETC-UT1553B Datasheet
1Mb / 52P
   RTI Remote Terminal Interface
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com