Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFM-A238-23 Datasheet(PDF) 2 Page - CUI INC

Part # CFM-A238-23
Description  DC AXIAL FAN
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-A238-23 Datasheet(HTML) 2 Page - CUI INC

  CFM-A238-23 Datasheet HTML 1Page - CUI INC CFM-A238-23 Datasheet HTML 2Page - CUI INC CFM-A238-23 Datasheet HTML 3Page - CUI INC CFM-A238-23 Datasheet HTML 4Page - CUI INC CFM-A238-23 Datasheet HTML 5Page - CUI INC CFM-A238-23 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 08/15/2016
│ page 2 of 6
CUI Inc
│ SERIES: CFM-120 │ DESCRIPTION: DC AXIAL FAN
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
12 Vdc input models
24 Vdc input models
48 Vdc input models
6
16
30
12
24
48
13.8
27.6
55.2
Vdc
Vdc
Vdc
current
CFM-A225-13
CFM-A225-23
CFM-A225-43
CFM-A238-13
CFM-A238-23
CFM-A238-43
0.59
0.31
0.17
1.40
0.77
0.36
0.79
0.39
0.23
1.75
0.88
0.48
A
A
A
A
A
A
power
CFM-A225-13
CFM-A225-23
CFM-A225-43
CFM-A238-13
CFM-A238-23
CFM-A238-43
7.08
7.44
8.16
16.80
18.48
17.28
9.48
9.36
11.04
21
21.12
23.04
W
W
W
W
W
W
starting voltage
at 25°C
12 Vdc input models
24 Vdc input models
48 Vdc input models
6
12
24
Vdc
Vdc
Vdc
PERFORMANCE
parameter
conditions/description
min
typ
max
units
rated speed
at 25°C, after 10 minutes
CFM-A225 models
CFM-A238 models
3,690
4,140
4,100
4,600
4,510
5,060
RPM
RPM
air flow
at 0 mm H
2O, see performance curves
CFM-A225 models
CFM-A238 models
126.89
200.9
CFM
CFM
static pressure
at 0 CFM, see performance curves
CFM-A225 models
CFM-A238 models
12.52
19.80
mm H
2O
mm H
2O
noise
at 1 m
CFM-A225 models
CFM-A238 models
51.5
59.5
53.5
61.5
dBA
dBA
PROTECTIONS / SIGNALS1
parameter
conditions/description
min
typ
max
units
auto restart protection
available on all models
rotation detector
available on “11” models
tachometer signal
available on “20” and “22” models
PWM control signal
available on “22” models
Notes:
1. See application notes for details.
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
insulation resistance of frame
at 500 Vdc between frame and positive terminal
10
MΩ
dielectric strength
at 500 Vac, 60 Hz, 1 minute between frame and
positive terminal
5
mA
safety approvals
UL/cUL 507, TUV (EN 60950-1)
EMI/EMC
EN 55022:2010+AC:2011 Class B, EN 61000-3-
2:2014, EN 61000-3-3:2013, EN 55024:2010
life expectancy
at 45°C, 15~65% RH
70,000
hours
RoHS
2011/65/EU
For more information, please visit the product page.


Similar Part No. - CFM-A238-23

ManufacturerPart #DatasheetDescription
logo
CUI INC
CFM-A238-23 CUI-CFM-A238-23 Datasheet
776Kb / 6P
   DC AXIAL FAN
02/07/2020
More results

Similar Description - CFM-A238-23

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
   DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
   DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
   DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
   DC axial fan
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com