Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V8980 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V8980
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V8980 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V8980 Datasheet HTML 3Page - Integrated Device Technology IDT72V8980 Datasheet HTML 4Page - Integrated Device Technology IDT72V8980 Datasheet HTML 5Page - Integrated Device Technology IDT72V8980 Datasheet HTML 6Page - Integrated Device Technology IDT72V8980 Datasheet HTML 7Page - Integrated Device Technology IDT72V8980 Datasheet HTML 8Page - Integrated Device Technology IDT72V8980 Datasheet HTML 9Page - Integrated Device Technology IDT72V8980 Datasheet HTML 10Page - Integrated Device Technology IDT72V8980 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
408-330-1753
Santa Clara, CA 95054
fax: 408-492-8674
email:TELECOMhelp@idt.com
www.idt.com
5705 drw16
XXXXXX
IDT
Device Type
X
Package
Process/
Temperature
Range
XX
BLANK
Commercial (-40
°C to +85°C)
72V8980
256 x 256
 3.3V Time Slot Interchange Digital Switch
J
PV
DB
Plastic Leaded Chip Carrier (PLCC, J44-1)
Small Shrink Outline Package (SSOP,SO48-1)
Plastic Quad Flatpack (PQFP, DB44-1)
ORDERING INFORMATION
DATASHEET DOCUMENT HISTORY
05/23/2000
pgs. 1, 2, and 11.
08/18/2000
pgs. 1, 2 and 11.
01/24/2001
pgs. 1 and 7.
03/10/2003
pg. 1.
05/09/2003
pgs. 1, 2 and 11.
08/20/2003
pg. 7.


Similar Part No. - IDT72V8980

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
IDT72V8980 RENESAS-IDT72V8980 Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT72V8980DBG RENESAS-IDT72V8980DBG Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT72V8980JG RENESAS-IDT72V8980JG Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT72V8980PVG RENESAS-IDT72V8980PVG Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
More results

Similar Description - IDT72V8980

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V8985 IDT-IDT72V8985 Datasheet
136Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V7326 IDT-IDT72V7326 Datasheet
192Kb / 26P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
IDT72V8988 IDT-IDT72V8988 Datasheet
130Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8981 IDT-IDT72V8981 Datasheet
113Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V70840 IDT-IDT72V70840_08 Datasheet
163Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 4,096 x 4,096
IDT72V71660 IDT-IDT72V71660 Datasheet
233Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com