Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V8980 Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. IDT72V8980
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V8980 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V8980 Datasheet HTML 1Page - Integrated Device Technology IDT72V8980 Datasheet HTML 2Page - Integrated Device Technology IDT72V8980 Datasheet HTML 3Page - Integrated Device Technology IDT72V8980 Datasheet HTML 4Page - Integrated Device Technology IDT72V8980 Datasheet HTML 5Page - Integrated Device Technology IDT72V8980 Datasheet HTML 6Page - Integrated Device Technology IDT72V8980 Datasheet HTML 7Page - Integrated Device Technology IDT72V8980 Datasheet HTML 8Page - Integrated Device Technology IDT72V8980 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
AUGUST 2003
3.3 VOLT TIME SLOT INTERCHANGE
DIGITAL SWITCH
256 x 256
IDT72V8980
2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-5705/5
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The ST-BUSis a trademark of Mitel Corp.
FUNCTIONAL BLOCK DIAGRAM
Microprocessor Interface
Control Register
Timing
Unit
RX0
RX1
RX2
RX3
RX4
RX5
RX6
RX7
TX0
TX1
TX2
TX3
TX4
TX5
TX6
TX7
ODE
F0i
C4i
VCC
CS
DS
R/
W A0
A5/
GND
CCO
DTA D0/
D5
5705 drw01
Receive
Serial Data
Streams
Data
Memory
Output MUX
Connection
Memory
RESET(1)
Transmit
Serial Data
Streams
FEATURES:
••••• 256 x 256 channel non-blocking switch
••••• Serial Telecom Bus Compatible (ST-BUS®)
••••• 8 RX inputs—32 channels at 64 Kbit/s per serial line
••••• 8 TX output—32 channels at 64 Kbit/s per serial line
••••• Three-state serial outputs
••••• Microprocessor Interface (8-bit data bus)
••••• 3.3V Power Supply
••••• Available in 44-pin Plastic Leaded Chip Carrier (PLCC), 48-pin
Small Shrink Outline Package (SSOP), and 44-pin Plastic Quad
Flatpack (PQFP)
••••• Operating Temperature Range -40
°°°°°C to +85°°°°°C
••••• 3.3V I/O with 5V Tolerant Inputs
DESCRIPTION:
The IDT72V8980 is a ST-BUS® compatible digital switch controlled by a
microprocessor. The IDT72V8980 can handle as many as 256, 64 Kbit/s input
and output channels. Those 256 channels are divided into 8 serial inputs and
outputs, each of which consists of 32 channels (64 Kbit/s per channel) to form
a multiplexed 2.048 Mb/s stream.
FUNCTIONAL DESCRIPTION
A functional block diagram of the IDT72V8980 device is shown on below.
The serial ST-BUS® streams operate continuously at 2.048 Mb/s and are
arrangedin125
µswideframeseachcontaining32,8-bitchannels. Eightinput
(RX0-7) and eight output (TX0-7) serial streams are provided in the
IDT72V8980 device allowing a complete 256 x 256 channel non-blocking
switch matrix to be constructed. The serial interface clock (
C4i)forthedevice
is 4.096 MHz.
The received serial data is internally converted to a parallel format by the
on chip serial-to-parallel converters and stored sequentially in a 256-position
DataMemory.Byusinganinternalcounterthatisresetbytheinput8KHzframe
pulse,
F0i, the incoming serial data streams can be framed and sequentially
addressed.
NOTE:
1. The
RESET Input is only provided on the SSOP package.


Similar Part No. - IDT72V8980

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT72V8981 IDT-IDT72V8981 Datasheet
113Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8981DB IDT-IDT72V8981DB Datasheet
113Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8981J IDT-IDT72V8981J Datasheet
113Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8985 IDT-IDT72V8985 Datasheet
136Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V8985DB IDT-IDT72V8985DB Datasheet
136Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results

Similar Description - IDT72V8980

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V8985 IDT-IDT72V8985 Datasheet
136Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V7326 IDT-IDT72V7326 Datasheet
192Kb / 26P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
IDT72V8988 IDT-IDT72V8988 Datasheet
130Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8981 IDT-IDT72V8981 Datasheet
113Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V70840 IDT-IDT72V70840_08 Datasheet
163Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 4,096 x 4,096
IDT72V71660 IDT-IDT72V71660 Datasheet
233Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz