Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V8980 Datasheet(PDF) 8 Page - Integrated Device Technology

Part No. IDT72V8980
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V8980 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V8980 Datasheet HTML 3Page - Integrated Device Technology IDT72V8980 Datasheet HTML 4Page - Integrated Device Technology IDT72V8980 Datasheet HTML 5Page - Integrated Device Technology IDT72V8980 Datasheet HTML 6Page - Integrated Device Technology IDT72V8980 Datasheet HTML 7Page - Integrated Device Technology IDT72V8980 Datasheet HTML 8Page - Integrated Device Technology IDT72V8980 Datasheet HTML 9Page - Integrated Device Technology IDT72V8980 Datasheet HTML 10Page - Integrated Device Technology IDT72V8980 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Commercial Temperature Range
IDT72V8980 3.3V Time Slot Interchange
Digital Switch 256 x 256
F0i
Bit Cells
5705 drw09
Channel 31
Bit 0
Channel 0
Bit 7
C4i
Figure 5. Frame Alignment
tFPH
tCH
tFPS
F0i
C4i
5705 drw10
tCL
tCHL
tCTT
tCLK
tFPS
tFPH
tFPW
tCTT
Figure 6. Clock Timing
NOTE:
1. Timing is over recommended temperature and power supply voltages.
2. Typical figures are at 25
°C and are for design aid only; not guaranteed and not subject to production testing.
3. Contents of Connection Memory are not lost if the clock stops, however, TX output go into the high impedance state.
Symbol
Characteristics
Min.
Typ.(2)
Max.
Unit
tCLK
Clock Period(3)
244
ns
tCH
Clock Width High
122
ns
tCL
Clock Width Low
110
122
150
ns
tCTT
Clock Transition Time
20
ns
tFPS
Frame Pulse Setup Time
5
20
190
ns
tFPH
Frame Pulse Hold Time
5
20
190
ns
tFPW
Frame Pulse Width
244
ns
AC ELECTRICAL CHARACTERISTICS (1)
 CLOCK TIMING


Similar Part No. - IDT72V8980

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT72V8981 IDT-IDT72V8981 Datasheet
113Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8981DB IDT-IDT72V8981DB Datasheet
113Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8981J IDT-IDT72V8981J Datasheet
113Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8985 IDT-IDT72V8985 Datasheet
136Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V8985DB IDT-IDT72V8985DB Datasheet
136Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results

Similar Description - IDT72V8980

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V8985 IDT-IDT72V8985 Datasheet
136Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V7326 IDT-IDT72V7326 Datasheet
192Kb / 26P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
IDT72V8988 IDT-IDT72V8988 Datasheet
130Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8981 IDT-IDT72V8981 Datasheet
113Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V70840 IDT-IDT72V70840_08 Datasheet
163Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 4,096 x 4,096
IDT72V71660 IDT-IDT72V71660 Datasheet
233Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz