Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V8980 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72V8980
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V8980 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72V8980 Datasheet HTML 2Page - Integrated Device Technology IDT72V8980 Datasheet HTML 3Page - Integrated Device Technology IDT72V8980 Datasheet HTML 4Page - Integrated Device Technology IDT72V8980 Datasheet HTML 5Page - Integrated Device Technology IDT72V8980 Datasheet HTML 6Page - Integrated Device Technology IDT72V8980 Datasheet HTML 7Page - Integrated Device Technology IDT72V8980 Datasheet HTML 8Page - Integrated Device Technology IDT72V8980 Datasheet HTML 9Page - Integrated Device Technology IDT72V8980 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Commercial Temperature Range
IDT72V8980 3.3V Time Slot Interchange
Digital Switch 256 x 256
TABLE 4 — CONNECTION MEMORY HIGH REGISTER
TABLE 5 — CONNECTION MEMORY LOW REGISTER
TABLE 3 — CONTROL REGISTER CONFIGURATION
Bit
Name
Description
7
SM (Split Memory)
When 1, all subsequent reads are from the Data Memory and writes are to the Connection Memory LOW, except
when the Control Register is accessed again. When 0, the Memory Select bits specify the memory for the
operations. In either case, the Stream Address Bits select the subsection of the memory which is made available.
6
PE (Processor Mode)
When 1, the contents of the Connection Memory LOW are output on the Serial Output streams except when the ODE
pin is LOW. When 0, the Connection Memory bits for each channel determine what is output.
5
unused
4-3
MS1-MS0
0-0 - Not to be used.
(Memory Select Bits)
0-1 - Data Memory (read only from the microprocessor port)
1-0 - Connection Memory LOW
1-1 - Connection Memory is HIGH
2-0
STA2-0
The number expressed in binary notation on these bits refers to the input or output stream which corresponds to the
(Stream Address Bits)
subsection of memory made accessible for subsequent operations.
76543210
Mode Control
Memory Select
Bits
(unused)
Bits
Stream Address Bits
Bit
Name
Description
2
CS (Channel Source)
When 1, the contents of the corresponding location in Connection Memory LOW are output on the location's channel
and stream. When 0, the contents of the corresponding location in Connection Memory LOW act as an address for the
Data Memory and determine the source of the connection to the location's channel and stream.
1
CCO (CCO Bit)
This bit is output on the CCO pin one channel early. The CCO bit for stream 0 is output first.
0
OE (Output Enable)
If the ODE pin is HIGH and bit 6 of the Control Register is 0, then this bit enables the output drive for the location's
channel and stream. This allows individuals channels on individuals streams to be made high-impedance, allowing
switching matrices to be constructed. A 1 enables the driver and a 0 disables it.
76543210
No Corresponding Memory
- These bits give 0s if read
Per Channel Control Bits
Bit
Name
Description
7-5(1)
Stream Address Bits*
The number expressed in binary notation on these 3 bits are the number of the stream for the source of the connection.
Bit 7 is the most significant bit, e.g., If bit 7 is 1, bit 6 is 0 and bit 5 is 0 then the source of the connection is a channel on
RX4.
4-0(1)
Channel Address Bits*
The number expressed in binary notation on these 5 bits is the number of the channel which is the source of the
connection (the stream where the channel lies is defined by bits 7, 6 and 5). Bit 4 is the most significant bit, e.g., if bit 4
is 1, bit 3 is 0, bit 2 is 0, bit 1 is 1 and bit 0 is 1, then the source of the connection is channel 19.
76543210
Stream Address Bits
Channel Address Bits
NOTE:
1. If bit 2 of the corresponding Connection HIGH location is 1 or bit 6 of the Control Register is 1, then these entire 8 bits are output on the channel and stream associated with
this location. Otherwise, the bits are used as indicated to define the source of the connection which is output on the channel and stream associated with this location.


Similar Part No. - IDT72V8980

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
IDT72V8980 RENESAS-IDT72V8980 Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT72V8980DBG RENESAS-IDT72V8980DBG Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT72V8980JG RENESAS-IDT72V8980JG Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT72V8980PVG RENESAS-IDT72V8980PVG Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
More results

Similar Description - IDT72V8980

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V8985 IDT-IDT72V8985 Datasheet
136Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V7326 IDT-IDT72V7326 Datasheet
192Kb / 26P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
IDT72V8988 IDT-IDT72V8988 Datasheet
130Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8981 IDT-IDT72V8981 Datasheet
113Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V70840 IDT-IDT72V70840_08 Datasheet
163Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 4,096 x 4,096
IDT72V71660 IDT-IDT72V71660 Datasheet
233Kb / 31P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com