Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFM-6010-13 Datasheet(PDF) 3 Page - CUI INC

Part # CFM-6010-13
Description  DC AXIAL FAN
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-6010-13 Datasheet(HTML) 3 Page - CUI INC

  CFM-6010-13 Datasheet HTML 1Page - CUI INC CFM-6010-13 Datasheet HTML 2Page - CUI INC CFM-6010-13 Datasheet HTML 3Page - CUI INC CFM-6010-13 Datasheet HTML 4Page - CUI INC CFM-6010-13 Datasheet HTML 5Page - CUI INC CFM-6010-13 Datasheet HTML 6Page - CUI INC CFM-6010-13 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
date 08/15/2016
│ page 3 of 7
CUI Inc
│ SERIES: CFM-60 │ DESCRIPTION: DC AXIAL FAN
0.24
0.19
0.14
0.09
0.05
0.00
0.00
0.17
0.34
0.51
0.68
0.85
(CMM)
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0.00
5.00
10.00
15.00
20.00
25.00
30.00 (CFM)
0.28
0.22
0.17
0.11
0.06
0.00
0.00
0.17
0.34
0.51
0.68
0.85
(CMM)
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
0.00
5.00
10.00
15.00
20.00
25.00
30.00 (CFM)
CFM-6010
CFM-6015
CFM-6025
0.71
0.57
0.43
0.28
0.14
0.00
0.00
0.23
0.45
0.68
0.91
1.13
(CMM)
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
0.00
10.00
20.00
30.00
40.00 (CFM)
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
70
°C
storage temperature
-40
70
°C
operating humidity
non-condensing
5
90
%
storage humidity
non-condensing
5
95
%
PERFORMANCE CURVES
For more information, please visit the product page.


Similar Part No. - CFM-6010-13

ManufacturerPart #DatasheetDescription
logo
CUI INC
CFM-6010-13 CUI-CFM-6010-13 Datasheet
803Kb / 7P
   DC AXIAL FAN
More results

Similar Description - CFM-6010-13

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
   DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
   DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
   DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
   DC axial fan
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com