Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OTLH-0120-WT Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # OTLH-0120-WT
Description  HIGH FLUX LED ILLUMINATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

OTLH-0120-WT Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  OTLH-0120-WT Datasheet HTML 1Page - RHOPOINT COMPONENTS OTLH-0120-WT Datasheet HTML 2Page - RHOPOINT COMPONENTS OTLH-0120-WT Datasheet HTML 3Page - RHOPOINT COMPONENTS OTLH-0120-WT Datasheet HTML 4Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HIGH FLUX LED ILLUMINATORS- 12 VOLT
Phone: +44 (0) 870 608 1188 Fax: +44 (0) 870 241 2255
Email: sales@rhopointcomponents.com
Website: www.rhopointcomponents.com
RHOPOINT COMPONENTS LTD
OTLH-SHK2-10 DATA SHEET REV. B (ECO 1111 8/16/02) Page 1 of 1
PRODUCT DESCRIPTION
The OTLH-0090-BU, OTLH-0100-GN, and OTLH-0120-WT continue the series of high flux LED based
illuminators with a reduced forward voltage version of blue (470nm), green (530nm), and white visible
emissions. These parts were created to be more compatible with the forward voltages of the OTLH-0040-
RD and OTLH-0030-AM red and amber devices. These LED’s utilize InGaN die. The LED’s are mounted
on a BeO substrate which is attached to a TO-66 power package to ensure high reliability through efficient
heat transfer. These illuminators are intended for use in high luminous, hard to access applications such
as Aerospace Lighting, Emergency & Signal Lighting, Hazardous Lighting, Electronic Signs, and General
Industrial Lighting and Illumination.
ILLUMINATOR PART NUMBER GUIDE
PART NUMBER
COLOR
DOMINANT WAVELENGTH
(TYP
λλλλD, nm)
TYPICAL INITIAL STATIC LUMINOUS FLUX
( TYP
Φ
Φ
Φ
ΦV, lm, TJ = 25°°°° C )
OTLH-0090-BU
BLUE
470
9.5 (I
F = 480 mA)
OTLH-0100-GN
GREEN
530
42 (I
F = 480 mA)
OTLH-0120-WT
WHITE
N/A
42 (I
F = 480 mA)
ABSOLUTE MAXIMUM RATINGS (TJ = 25
°°°°C)
Power Dissipation
Blue, Green, White (Derate 240 mW/
°C above 76°C):
5 W
Static Forward Current
Blue, Green, White:
480 mA
Peak Forward Current
( Pulse Width
≤ 10 ms and Duty Cycle ≤
10%)
Blue, Green, White:
3.2 A
Reverse Leakage (Vr = 15 Volts)
TBD
Lead Soldering Temperature
≤ 240 °C for ≤ 10 seconds


Similar Part No. - OTLH-0120-WT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OTL-444A ETC-OTL-444A Datasheet
56Kb / 1P
   DIGITALLY CONTROLLED 64 LED CURRENT DRIVER
logo
API Technologies Corp
OTL2310 APITECH-OTL2310 Datasheet
30Kb / 1P
   OUTLINE DRAWING DP3
OTL23100003 APITECH-OTL23100003 Datasheet
27Kb / 1P
   OUTLINE DRAWING FP-4
OTL23100031 APITECH-OTL23100031 Datasheet
31Kb / 1P
   OUTLINE DRAWING FP-11 8 PIN FLATPACK
OTL23VCOFP4 APITECH-OTL23VCOFP4 Datasheet
49Kb / 1P
   OUTLINE DRAWING VCO IN FLATACK FP-4
More results

Similar Description - OTLH-0120-WT

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HR310 SEOUL-HR310_1 Datasheet
540Kb / 14P
   RED HIGH FLUX LED
HT300 SEOUL-HT300_1 Datasheet
576Kb / 14P
   GREEN HIGH FLUX LED
HW321A SEOUL-HW321A Datasheet
448Kb / 12P
   WHITE HIGH FLUX LED
HT300 SEOUL-HT300 Datasheet
489Kb / 11P
   GREEN HIGH FLUX LED
logo
Elite Enterprises (H.K....
PG1C-3LXE-SD ELITE-PG1C-3LXE-SD Datasheet
1Mb / 17P
   High Flux per LED
logo
STANLEY ELECTRIC CO.,LT...
SCW1643US-65 STANLEY-SCW1643US-65 Datasheet
425Kb / 16P
   High Flux Type LED
logo
Seoul Semiconductor
HW321A SEOUL-HW321A_1 Datasheet
568Kb / 17P
   WHITE HIGH FLUX LED
HW331A SEOUL-HW331A Datasheet
448Kb / 12P
   WHITE HIGH FLUX LED
HW941A SEOUL-HW941A Datasheet
451Kb / 12P
   WHITE HIGH FLUX LED
HY310 SEOUL-HY310 Datasheet
473Kb / 10P
   YELLOW HIGH FLUX LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com