Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OTBC-0480-10 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # OTBC-0480-10
Description  Single Emitter Bar Code Optic Head
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

OTBC-0480-10 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  OTBC-0480-10 Datasheet HTML 1Page - RHOPOINT COMPONENTS OTBC-0480-10 Datasheet HTML 2Page - RHOPOINT COMPONENTS OTBC-0480-10 Datasheet HTML 3Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Single Emitter Bar Code Optic Head OTBC-04XX Series (OTR480/490/482)
Product Specifications (T
A = 25°C unless noted)
Infrared Emitter (OTBC-048X)
Parameter
Symbol
Min
Typ
Max
Units
Forward Voltage (IF = 50 mA)
VF
1.3
1.45
V
Reverse Current (VR = 5 V)
IR
100
µA
Peak Wavelength (IF = 20 mA)
λP
940
nm
Radiant Intensity (IF = 20 mA)
I
1.3
2.5
mW/sr
Spectral Bandwidth at 50% (IF = 20 mA)
∆λ
50
nm
Half Intensity Beam Angle
θ
10
Degrees
Visible Emitter (OTBC-049X)
Parameter
Symbol
Min
Typ
Max
Units
Forward Voltage (IF = 20 mA)
VF
1.8
2.4
V
Reverse Current (VR = 4 V)
IR
100
µA
Peak Wavelength (IF = 20 mA)
λP
660
nm
Luminous Intensity (IF = 20 mA)
IV
250
500
mcd
Spectral Bandwidth at 50% (IF = 20 mA)
∆λ
20
nm
Half Intensity Beam Angle
θ
10
Degrees
Phototransistor (OTBC-04X0)
Parameter
Symbol
Min
Typ
Max
Units
Light Current (Ee=0.1mW/cm
2, VCE=5V)
ICE(ON)
1
2.8
mA
Dark Current (Ee=0, VCE=10V)
ICE0
100
nA
Saturation Voltage (IC=0.5mA, Ee=0.1mW/cm
2)
VCE(SAT)
0.4
V
Rise Time (VCC=5V, RL=1kΩ, IC=1mA)
Tr
15
µs
Fall Time (VCC=5V, RL=1kΩ, IC=1mA)
Tf
15
µs
Coupled Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Light Current (IF = 20 mA, VCE = 5V, d = 0.125 in)
1
ICE(ON)
5
10
µA
Dark Current (IF = 0 mA, VCE = 5V)
ICE0
200
nA
6 dB Bandwidth
3
kHz
1 Reflecting surface is Eastman Kodak neutral white test card having a 90% diffused reflectance.
Reflective Surface
Parameter
Symbol
Min
Typ
Max
Units
Element Contrast
(80%)
%
Diffused Reflectance
(90%)
%
Element Width
WN
0.010
in
Narrow Element to Narrow Space Ratio
0.95
Depth of Field
d
0.090
0.125
0.160
in
Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX
Tel: +44 (0)1883 717988 Fax: +44 (0)1883 712938
RHOPOINT COMPONENTS LTD
Email: sales@rhopointcomponents.com Web: www.rhopointcomponents.com
Page 2 of 3


Similar Part No. - OTBC-0480-10

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
OTB CDE-OTB Datasheet
338Kb / 3P
   Protected, High Voltage, Paper-Film/Foil Capacitors for AC & DC Applications
OTB CDE-OTB Datasheet
415Kb / 3P
   DC/AC Dual Rated Capacitors
logo
Banner Engineering Corp...
OTB BANNER-OTB Datasheet
388Kb / 6P
   Momentary Action Optical Touch Buttons
Rev. H
logo
Huber+Suhner, Inc.
OTB1201000000000000011334 HUBERSUHNER-OTB1201000000000000011334 Datasheet
7Mb / 3P
   OTB 12, No lock, no splitter, empty adapter field, with grommets, 4x ARFI base
logo
List of Unclassifed Man...
OTB1E0DM9LP ETC2-OTB1E0DM9LP Datasheet
68Kb / 3P
   I/O distributed module OTB
More results

Similar Description - OTBC-0480-10

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCR-1610 HP-HBCR-1610 Datasheet
196Kb / 10P
   Single Chip Bar Code Decode IC
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com