Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V805 Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. IDT72V805
Description  3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V805 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72V805 Datasheet HTML 1Page - Integrated Device Technology IDT72V805 Datasheet HTML 2Page - Integrated Device Technology IDT72V805 Datasheet HTML 3Page - Integrated Device Technology IDT72V805 Datasheet HTML 4Page - Integrated Device Technology IDT72V805 Datasheet HTML 5Page - Integrated Device Technology IDT72V805 Datasheet HTML 6Page - Integrated Device Technology IDT72V805 Datasheet HTML 7Page - Integrated Device Technology IDT72V805 Datasheet HTML 8Page - Integrated Device Technology IDT72V805 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
IDT72V805/72V815/72V825/72V835/72V845
3.3 V CMOS DUAL SyncFIFO™ 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
(2)
Input
VIN = 0V
10
pF
Capacitance
COUT
(1,2)
Output
VOUT = 0V
10
pF
Capacitance
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
Commercial/Industrial
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
5.0
V
Commercial/Industrial
VIL
(1)
Input Low Voltage
0.8
V
Commercial/Industrial
TA
Operating Temperature
0
70
°C
Commercial
TA
Operating Temperature
-40
85
°C
Industrial
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
NOTE:
1. 1.5V undershoots are allowed for 10ns once per cycle.
Symbol
Rating
Commercial
Unit
VTERM
Terminal Voltage
–0.5 to +5
V
with respect to GND
TSTG
Storage
–55 to +125
°C
Temperature
IOUT
DC Output Current
–50 to +50
mA
CAPACITANCE
(TA = +25°C, f = 1.0MHz)
NOTES:
1. With output deselected, (
OE
≥ VIH).
2. Characterized values, not currently tested.
IDT72V805
IDT72V815
IDT72V825
IDT72V835
IDT72V845
Commercial & Industrial(1)
tCLK = 10, 15, 20 ns
Symbol
Parameter
Min.
Typ.
Max.
Unit
ILI(2)
Input Leakage Current (any input)
–1
1
µA
ILO(3)
Output Leakage Current
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1(4,5,6)
Active Power Supply Current
60
mA
ICC2(4,7)
Standby Current
10
mA
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3V ± 0.3V, TA = 0°C to +70°C; Industrial: VCC = 3.3V
± 0.3V, TA = -40°C to +85°C)
NOTES:
1. Industrial temperature range product for the 15ns speed grade is available as a standard device.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3.
OE
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs disabled (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHZ and data inputs switch at 10 MHz.
6. Typical ICC1 = 2[2.04 + 0.88*fS + 0.02*CL*fS] (in mA).
These equations are valid under the following conditions:
VCC = 3.3V, TA = 25°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF).
7. All Inputs = VCC –0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING DC
CONDITIONS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT72V2053.3 VOLT CMOS SyncFIFO 256 x 18 512 x 18 1 024 x 18 2 048 x 18 and 4 096 x 18 1 2 3 4 5 MoreIntegrated Device Technology
IDT72805LBCMOS DUAL SyncFIFO DUAL 256 x 18 DUAL 512 x 18 DUAL 1 024 x 18 DUAL 2 048 x 18 and DUAL 4 096 x 18 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V2013.3 VOLT CMOS SyncFIFO™ 256 x 9 512 x 9 1 024 x 9 2 048 x 9 4 096 x 9 and 8 192 x 9 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V813.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9 DUAL 1 024 x 9 DUAL 2 048 x 9 DUAL 4 096 X 9 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V36233.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36 512 x 36 1 024 x 36 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V36263.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2 512 x 36 x 2 1 024 x 36 x 2 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V36243.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2 512 x 36 x 2 1 024 x 36 x 2 1 2 3 4 5 MoreIntegrated Device Technology
IDT7280CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9 DUAL 512 x 9 DUAL 1 024 x 9 DUAL 2 048 x 9 DUAL 4 096 x 9 DUAL 8 192 x 9 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V36223.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1 024 x 36 x 2 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V111653.3 VOLT MULTIMEDIA FIFO 256 x 16 512 x 16 1 024 x 16 2 048 x 16 and 4 096 x 16 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn