Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IDT72V805 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT72V805
Description  3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT72V805 Datasheet(HTML) 2 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
IDT72V805/72V815/72V825/72V835/72V845
3.3 V CMOS DUAL SyncFIFO™ 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
PIN CONFIGURATIONS
TQFP (PK128-1, ORDER CODE: PF)
TOP VIEW
FIFOs are applicable for a wide variety of data buffering needs, such as
optical disk controllers, Local Area Networks (LANs), and interprocessor
communication.
Each of the two FIFOs contained in these devices has an 18-bit input
and output port. Each input port is controlled by a free-running clock
(WCLK), and an input enable pin (
WEN). Data is read into the synchronous
FIFO on every clock when
WEN is asserted. The output port of each FIFO
bank is controlled by another clock pin (RCLK) and another enable pin
(
REN). The Read Clock can be tied to the Write Clock for single clock
operation or the two clocks can run asynchronous of one another for dual-
clock operation. An Output Enable pin (
OE) is provided on the read port
of each FIFO for three-state control of the output.
The synchronous FIFOs have two fixed flags, Empty Flag/Output Ready
(
EF/OR) and Full Flag/Input Ready (FF/IR), and two programmable flags,
Almost-Empty (
PAE) and Almost-Full (PAF). The offset loading of the
programmable flags is controlled by a simple state machine, and is initiated
by asserting the Load pin (
LD). A Half-Full flag (HF) is available for each
FIFO that is implemented as a single device.
There are two possible timing modes of operation with these devices:
IDT Standard mode and First Word Fall Through (FWFT) mode.
In IDT Standard Mode, the first word written to an empty FIFO will not
appear on the data output lines unless a specific read operation is
performed. A read operation, which consists of activating
REN and
enabling a rising RCLK edge, will shift the word from internal memory to the
data output lines.
In FWFT mode, the first word written to an empty FIFO is clocked directly
to the data output lines after three transitions of the RCLK signal. A
REN
does not have to be asserted for accessing the first word.
These devices are depth expandable using a Daisy-Chain technique or
First Word Fall Through (FWFT) mode. The
XI and XO pins are used to
expand the FIFOs. In depth expansion configuration,
FL is grounded on
the first device and set to HIGH for all other devices in the Daisy Chain.
The IDT72V805/72V815/72V825/72V835/72V845 are fabricated using
IDT’s high-speed submicron CMOS technology.
VCC
LDA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
PAFA
RXIA
FFA
WXOA/HFA
RXOA
QA0
QA1
GND
QA2
QA3
VCC
QA4
GND
QA5
QA6
QA7
QA8
GND
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
PAEB
FLB
WCLKB
WENB
WXIB
VCC
PAFB
RXIB
FFB
WXOB/HFB
RXOB
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
102
101
OEA
RSA
VCC
GND
EFA
QA17
QA16
GND
QA15
VCC
QA14
QA13
GND
QA12
QA11
VCC
QA10
QA9
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
RCLKB
RENB
LDB
OEB
RSB
VCC
GND
EFB
INDEX
GND
4295 drw 02
DESCRIPTION (CONTINUED)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT72V2053.3 VOLT CMOS SyncFIFO 256 x 18 512 x 18 1 024 x 18 2 048 x 18 and 4 096 x 18 1 2 3 4 5 MoreIntegrated Device Technology
IDT72805LBCMOS DUAL SyncFIFO DUAL 256 x 18 DUAL 512 x 18 DUAL 1 024 x 18 DUAL 2 048 x 18 and DUAL 4 096 x 18 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V2013.3 VOLT CMOS SyncFIFO™ 256 x 9 512 x 9 1 024 x 9 2 048 x 9 4 096 x 9 and 8 192 x 9 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V813.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9 DUAL 1 024 x 9 DUAL 2 048 x 9 DUAL 4 096 X 9 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V36233.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36 512 x 36 1 024 x 36 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V36263.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2 512 x 36 x 2 1 024 x 36 x 2 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V36243.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2 512 x 36 x 2 1 024 x 36 x 2 1 2 3 4 5 MoreIntegrated Device Technology
IDT7280CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9 DUAL 512 x 9 DUAL 1 024 x 9 DUAL 2 048 x 9 DUAL 4 096 x 9 DUAL 8 192 x 9 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V36223.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1 024 x 36 x 2 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V111653.3 VOLT MULTIMEDIA FIFO 256 x 16 512 x 16 1 024 x 16 2 048 x 16 and 4 096 x 16 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn