Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT6P20B Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT6P20B
Description  OTP Encoder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P20B Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT6P20B Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P20B Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P20B Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P20B Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P20B Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P20B Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P20B Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P20B Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P20B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+12V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2
¾
12
V
ISTB
Standby Current
12V
Oscillator stops
¾
12
mA
IDD
Operating Current
12V
No load, fOSC=3kHz
¾
200
400
mA
VIH
²H² Input Voltage
¾¾
0.8VDD
¾
VDD
V
VIL
²L² Input Voltage
¾¾
0
¾
0.2VDD
V
RPH
D0~D7 Pull-high Resistance
12V
¾¾
150
300
k
W
IDOUT
Output Current
Source
5V
0.9VDD
-2
-5
¾
mA
12V
0.9VDD
-6.5
-15
¾
mA
Sink
5V
0.1VDD
25
¾
mA
12V
0.1VDD
615
¾
mA
fOSC
Oscillator Frequency
12V
ROSC=1.4M
3
¾
kHz
HT6P20X Series
Rev. 1.40
3
June 20, 2003
Functional Description
Normal Operation
The HT6P20X encodes and transmits address/data to a decoder upon receipt of a trigger signal. The address codes of
the HT6P20A are always transmitted as long as power (VDD) is supplied. The transmission function of the HT6P20B/D
is enabled by the D0~D7 pins (active low). The following is the transmission timing of the HT6P20X:
A complete code word of the HT6P20D consists of 3 periods as shown below.
E n c o d e r
D O U T
< 1 w o r d
D 0 ~ D 7
> 1 w o r d
Transmission timing
a n t i - c o d e p e r i o d
( 4 b i t s )
p i l o t p e r i o d
( 2 3 c l o c k s )
a d d r e s s c o d e p e r i o d
d a t a c o d e p e r i o d
1 / 3 b i t
( A 0 ~ A 1 9 , 6 0 c l o c k s )
( D 3 ~ D 0 , 1 2 c l o c k s )
0
0
1
1
f o s c
D O U T
1 c l o c k
A complete code word for the HT6P20D


Similar Part No. - HT6P20B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6P20B HOLTEK-HT6P20B Datasheet
121Kb / 13P
   OTP Encoder
HT6P20B HOLTEK-HT6P20B Datasheet
136Kb / 14P
   OTP Encoder
HT6P20B2T3 HOLTEK-HT6P20B2T3 Datasheet
147Kb / 12P
   2 Encoder with ASK Transmitter
HT6P20B HOLTEK-HT6P20B_16 Datasheet
136Kb / 14P
   224 OTP Encoder
More results

Similar Description - HT6P20B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP527 ETC2-FP527 Datasheet
367Kb / 2P
   OTP Encoder
logo
Silvan Chip Electronics...
SC2240B SILVAN-SC2240B Datasheet
82Kb / 3P
   OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X_09 Datasheet
121Kb / 13P
   OTP Encoder
logo
Silan Microelectronics ...
SC9314 SILAN-SC9314 Datasheet
108Kb / 5P
   OTP ENCODER
logo
Silvan Chip Electronics...
SCL527 SILVAN-SCL527 Datasheet
92Kb / 3P
   OTP Encoder
EV1527 SILVAN-EV1527 Datasheet
92Kb / 3P
   OTP Encoder
logo
Micon Design Technology...
MDT75C277 MDTIC-MDT75C277 Datasheet
272Kb / 7P
   OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X_10 Datasheet
136Kb / 14P
   OTP Encoder
logo
Micon Design Technology...
MDT75C275 MDTIC-MDT75C275 Datasheet
121Kb / 5P
   OTP Encoder
logo
Silvan Chip Electronics...
SCT1527 SILVAN-SCT1527 Datasheet
120Kb / 3P
   OTP Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com