Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF3611E Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # SSF3611E
Description  30V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF3611E Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  SSF3611E Datasheet HTML 1Page - GOOD-ARK Electronics SSF3611E Datasheet HTML 2Page - GOOD-ARK Electronics SSF3611E Datasheet HTML 3Page - GOOD-ARK Electronics SSF3611E Datasheet HTML 4Page - GOOD-ARK Electronics SSF3611E Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSF3611E
30V P-Channel MOSFET
www.goodark.com
Page 4 of 5
Rev.1.0
Mechanical Data
Min
Max
Min
Max
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.280
1.480
0.050
0.058
b
c
0.173
0.233
0.007
0.009
D
4.800
5.000
0.189
0.197
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
L
0.400
1.250
0.016
0.050
Symbol
Dimension In Millimeters
Dimension In Inches
1.27TYP
0.050TYP
0.406
0.016
SOP8 PACKAGE OUTLINE DIMENSION


Similar Part No. - SSF3611E

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3611E SILIKRON-SSF3611E Datasheet
330Kb / 6P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF3611E GOOD-ARK-SSF3611E_15 Datasheet
363Kb / 5P
   30V P-Channel MOSFET
More results

Similar Description - SSF3611E

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com