Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF3341 Datasheet(PDF) 5 Page - GOOD-ARK Electronics

Part # SSF3341
Description  30V P-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF3341 Datasheet(HTML) 5 Page - GOOD-ARK Electronics

  SSF3341 Datasheet HTML 1Page - GOOD-ARK Electronics SSF3341 Datasheet HTML 2Page - GOOD-ARK Electronics SSF3341 Datasheet HTML 3Page - GOOD-ARK Electronics SSF3341 Datasheet HTML 4Page - GOOD-ARK Electronics SSF3341 Datasheet HTML 5Page - GOOD-ARK Electronics SSF3341 Datasheet HTML 6Page - GOOD-ARK Electronics SSF3341 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SSF3341
30V P-Channel MOSFET
www.goodark.com
Page 5 of 7
Rev.2.2
Figure 5. Maximum Drain Current Vs. Case
Temperature
Typical Electrical and Thermal Characteristics
Figure 6. Typical Capacitance Vs. Drain-to-Source
Voltage
Figure7. Maximum Effective Transient Thermal Impedance Junction-to-Case


Similar Part No. - SSF3341

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3341 SILIKRON-SSF3341 Datasheet
542Kb / 8P
   Advanced MOSFET process technology
logo
VBsemi Electronics Co.,...
SSF3341 VBSEMI-SSF3341 Datasheet
489Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Silikron Semiconductor ...
SSF3341L SILIKRON-SSF3341L Datasheet
387Kb / 7P
   High Power and current handing capability
logo
GOOD-ARK Electronics
SSF3341L GOOD-ARK-SSF3341L Datasheet
736Kb / 6P
   30V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
SSF3341L VBSEMI-SSF3341L Datasheet
489Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - SSF3341

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com