Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF2418E Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF2418E
Description  20V Dual N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2418E Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF2418E Datasheet HTML 1Page - GOOD-ARK Electronics SSF2418E Datasheet HTML 2Page - GOOD-ARK Electronics SSF2418E Datasheet HTML 3Page - GOOD-ARK Electronics SSF2418E Datasheet HTML 4Page - GOOD-ARK Electronics SSF2418E Datasheet HTML 5Page - GOOD-ARK Electronics SSF2418E Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SSF2418E
20V Dual N-Channel MOSFET
www.goodark.com
Page 2 of 6
Rev.1.0
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
20
V
VGS = 0V, ID = 250μA
18
21
VGS=4.5V,ID = 6A
19
22
VGS=4V,ID = 5.5A
21
26
VGS=3.1V,ID = 5A
RDS(on)
Static Drain-to-Source on-resistance
25
30
VGS=2.5V,ID = 4A
VGS(th)
Gate threshold voltage
0.5
1
V
VDS = VGS, ID = 250μA
IDSS
Drain-to-Source leakage current
1
μA
VDS = 20V,VGS = 0V
10
VGS =10V
IGSS
Gate-to-Source forward leakage
-10
μA
VGS = -10V
gFS
Forward Transconductance
7
S
VDS=5V,ID=6A
Qg
Total gate charge
8
Qgs
Gate-to-Source charge
1.5
Qgd
Gate-to-Drain("Miller") charge
2
nC
VDS=10V,
ID=6A,
VGS=4.5V
td(on)
Turn-on delay time
20
tr
Rise time
50
td(off)
Turn-Off delay time
64
tf
Fall time
40
ns
VDD=10V,ID=1A
VGS=4.5V,RGEN=10Ω
Ciss
Input capacitance
650
Coss
Output capacitance
170
Crss
Reverse transfer capacitance
150
pF
VGS = 0V
VDS = 10V
ƒ = 1.0MHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
6
A
ISM
Pulsed Source Current
(Body Diode)
30
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
V
SD
Diode Forward Voltage
0.76
1.1
V
IS=1A, VGS=0V


Similar Part No. - SSF2418E

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2418E SILIKRON-SSF2418E Datasheet
441Kb / 5P
   Battery protection
logo
VBsemi Electronics Co.,...
SSF2418E VBSEMI-SSF2418E Datasheet
997Kb / 8P
   Dual N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF2418EB SILIKRON-SSF2418EB Datasheet
300Kb / 5P
   High Power and current handling capability
logo
GOOD-ARK Electronics
SSF2418EB GOOD-ARK-SSF2418EB Datasheet
545Kb / 4P
   20V Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SSF2418EB VBSEMI-SSF2418EB Datasheet
443Kb / 8P
   Dual N-Channel MOSFET
More results

Similar Description - SSF2418E

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2418EB GOOD-ARK-SSF2418EB Datasheet
545Kb / 4P
   20V Dual N-Channel MOSFET
SSF2816EB GOOD-ARK-SSF2816EB Datasheet
483Kb / 4P
   20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6804A AOSMD-AO6804A Datasheet
204Kb / 5P
   20V Dual N-Channel MOSFET
AON7820 AOSMD-AON7820 Datasheet
297Kb / 6P
   20V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9926D TSC-TSM9926D_08 Datasheet
390Kb / 6P
   20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON3806 AOSMD-AON3806_12 Datasheet
237Kb / 5P
   20V Dual N-Channel MOSFET
AON3810 AOSMD-AON3810 Datasheet
120Kb / 4P
   20V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2122E GOOD-ARK-SSF2122E_15 Datasheet
1Mb / 8P
   20V Dual N-Channel MOSFET
SSF2112H2 GOOD-ARK-SSF2112H2_15 Datasheet
811Kb / 7P
   20V Dual N-Channel MOSFET
SSF2814E GOOD-ARK-SSF2814E_15 Datasheet
471Kb / 4P
   20V Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com