Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSDM0565R Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FSDM0565R
Description  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FSDM0565R Datasheet(HTML) 3 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
FSDM0565R
3
Pin Definitions
Pin Configuration
Figure 3. Pin Configuration (Top View)
Pin Number
Pin Name
Pin Function Description
1Drain
This pin is the high voltage power Sense FET drain. It is designed to drive the
transformer directly.
2
GND
This pin is the control ground and the Sense FET source.
3Vcc
This pin is the positive supply voltage input. During start up, the power is sup-
plied by an internal high voltage current source that is connected to the Vstr pin.
When Vcc reaches 12V, the internal high voltage current source is disabled and
the power is supplied from the auxiliary transformer winding.
4Vfb
This pin is internally connected to the inverting input of the PWM comparator.
The collector of an opto-coupler is typically tied to this pin. For stable operation,
a capacitor should be placed between this pin and GND. If the voltage of this pin
reaches 6.0V, the over load protection is activated resulting in shutdown of the
FPSTM.
5N.C
-
6Vstr
This pin is connected directly to the high voltage DC link. At startup, the internal
high voltage current source supplies internal bias and charges the external ca-
pacitor that is connected to the Vcc pin. Once Vcc reaches 12V, the internal cur-
rent source is disabled.
6.Vstr
5.N.C.
4.Vfb
3.Vcc
2.GND
1.Drain
TO-220F-6L


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn