Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD8896 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDD8896
Description  N-Channel PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8896 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDD8896 Datasheet HTML 1Page - Fairchild Semiconductor FDD8896 Datasheet HTML 2Page - Fairchild Semiconductor FDD8896 Datasheet HTML 3Page - Fairchild Semiconductor FDD8896 Datasheet HTML 4Page - Fairchild Semiconductor FDD8896 Datasheet HTML 5Page - Fairchild Semiconductor FDD8896 Datasheet HTML 6Page - Fairchild Semiconductor FDD8896 Datasheet HTML 7Page - Fairchild Semiconductor FDD8896 Datasheet HTML 8Page - Fairchild Semiconductor FDD8896 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FDD8896 / FDU8896 Rev. C
Figure 11. Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 12. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 13. Capacitance vs Drain to Source
Voltage
Figure 14. Gate Charge Waveforms for Constant
Gate Current
Typical Characteristics T
C = 25°C unless otherwise noted
0.4
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
200
VGS = V DS, ID = 250µA
TJ, JUNCTION TEMPERATURE (
oC)
0.9
1.0
1.1
1.2
-80
-40
0
40
80
120
160
200
TJ , JUNCTION TEMPERATURE (
oC)
ID = 250µA
100
1000
0.1
1
10
30
5000
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
2
4
6
8
10
0
10
20
30
40
50
Qg, GATE CHARGE (nC)
VDD = 15V
ID = 35A
ID = 5A
WAVEFORMS IN
DESCENDING ORDER:


Similar Part No. - FDD8896

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
622Kb / 11P
   N-Channel PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDD8896 VBSEMI-FDD8896 Datasheet
1,011Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD8896 ISC-FDD8896 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD8896 UMW-FDD8896 Datasheet
651Kb / 7P
   30V N-Channel MOSFET
logo
ON Semiconductor
FDD8896-F085 ONSEMI-FDD8896-F085 Datasheet
553Kb / 12P
   N-Channel PowerTrench® MOSFET 30V, 94A, 5.7mΩ
September2017, Rev. 3
More results

Similar Description - FDD8896

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com