Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DS90LV049 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS90LV049
Description  3V LVDS Dual Line Driver with Dual Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

DS90LV049 Datasheet(HTML) 1 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS90LV049
3V LVDS Dual Line Driver with Dual Line Receiver
General Description
The DS90LV049 is a dual CMOS flow-through differential
line driver-receiver pair designed for applications requiring
ultra low power dissipation, exceptional noise immunity, and
high data throughput. The device is designed to support data
rates in excess of 400 Mbps utilizing Low Voltage Differential
Signaling (LVDS) technology.
The DS90LV049 drivers accept LVTTL/LVCMOS signals and
translate them to LVDS signals. On the other hand, the
receivers accept LVDS signals and translate them to 3 V
CMOS signals. The LVDS input buffers have internal failsafe
biasing that places the outputs to a known H (high) state for
floating receiver inputs. In addition, the DS90LV049 supports
a TRI-STATE function for a low idle power state when the
device is not in use.
The EN and EN inputs are ANDed together and control the
TRI-STATE outputs. The enables are common to all four
gates.
Features
n
Up to 400 Mbps switching rates
n
Flow-through pinout simplifies PCB layout
n
50 ps typical driver channel-to-channel skew
n
50 ps typical receiver channel-to-channel skew
n
3.3 V single power supply design
n
TRI-STATE output control
n
Internal fail-safe biasing of receiver inputs
n
Low power dissipation (70 mW at 3.3 V static)
n
High impedance on LVDS outputs on power down
n
Conforms to TIA/EIA-644-A LVDS Standard
n
Industrial operating temperature range (−40˚C to +85˚C)
n
Available in low profile 16 pin TSSOP package
Connection Diagram
Dual-In-Line
20042001
Order Number DS90LV049TMT
Order Number DS90LV049TMTX (Tape and Reel)
See NS Package Number MTC16
Functional Diagram
20042002
Truth Table
EN
EN
LVDS Out
LVCMOS Out
L or Open
L or Open
OFF
OFF
H
L or Open
ON
ON
L or Open
H
OFF
OFF
H
H
OFF
OFF
March 2003
© 2003 National Semiconductor Corporation
DS200420
www.national.com


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn