Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DS90LV049 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS90LV049
Description  3V LVDS Dual Line Driver with Dual Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

DS90LV049 Datasheet(HTML) 4 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Switching Characteristics (Continued)
Note 8: tSKD2 or differential channel-to-channel skew is defined as the magnitude difference in the differential propagation delays between two driver channels on
the same device.
Note 9: tSKD3 or differential part-to-part skew is defined as |tPLHD Max −tPLHD Min|or|tPHLD Max −tPHLD Min|. It is the difference between the minimum and maximum
specified differential propagation delays. This specification applies to devices at the same VDD and within 5˚C of each other within the operating temperature range.
Note 10: tSK1 or pulse skew is defined as |tPHL −tPLH|. It is the magnitude difference in the propagation delays between the positive going edge and the negative
going edge of the same receiver channel.
Note 11: tSK2 or channel-to-channel skew is defined as the magnitude difference in the propagation delays between two receiver channels on the same device.
Note 12: tSK3 or part-to-part skew is defined as |tPLH Max −tPLH Min|or|tPHL Max −tPHL Min|. It is the difference between the minimum and maximum specified
propagation delays. This specification applies to devices at the same VDD and within 5˚C of each other within the operating temperature range.
Note 13: Generator waveform for all tests unless otherwise specified: f = 1 MHz, ZO =50 Ω,tr ≤ 1 ns, and tf ≤ 1 ns.
Note 14: Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
Note 15: All input voltages are for one channel unless otherwise specified. Other inputs are set to GND.
Note 16: fMAX generator input conditions: tr =tf < 1 ns (0% to 100%), 50% duty cycle,0Vto3V. Output Criteria: duty cycle = 45%/55%, VOD > 250 mV, all channels
switching.
Note 17: fMAX generator input conditions: tr =tf < 1 ns (0% to 100%), 50% duty cycle, VID = 200 mV, VCM = 1.2 V . Output Criteria: duty cycle = 45%/55%, VOH
> 2.7 V, V
OL < 0.25 V, all channels switching.
Parameter Measurement Information
20042003
FIGURE 1. Driver V
OD and VOS Test Circuit
20042004
FIGURE 2. Driver Propagation Delay and Transition Time Test Circuit
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn