Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMH800VSN392MR35T Datasheet(PDF) 8 Page - United Chemi-Con, Inc.

Part # ESMH800VSN392MR35T
Description  Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMH800VSN392MR35T Datasheet(HTML) 8 Page - United Chemi-Con, Inc.

Back Button ESMH800VSN392MR35T Datasheet HTML 4Page - United Chemi-Con, Inc. ESMH800VSN392MR35T Datasheet HTML 5Page - United Chemi-Con, Inc. ESMH800VSN392MR35T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMH800VSN392MR35T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMH800VSN392MR35T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMH800VSN392MR35T Datasheet HTML 9Page - United Chemi-Con, Inc. ESMH800VSN392MR35T Datasheet HTML 10Page - United Chemi-Con, Inc. ESMH800VSN392MR35T Datasheet HTML 11Page - United Chemi-Con, Inc. ESMH800VSN392MR35T Datasheet HTML 12Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
25
SMH Series
63 Volts
79 Volts Surge
50 Volts
63 Volts Surge
2,200
ESMH500VSN222MP25T
22
25
P25
0.151
1.91
3,300
ESMH500VSN332MP30T
22
30
P30
0.10
2.37
3,900
ESMH500VSN392MP35T
22
35
P35
0.085
2.65
4,700
ESMH500VSN472MP40T
22
40
P40
0.071
2.99
5,600
ESMH500VSN562MP45T
22
45
P45
0.059
3.36
6,800
ESMH500VSN682MP50T
22
50
P50
0.049
3.81
3,300
ESMH500VSN332MQ25T
25.4
25
Q25
0.10
2.38
3,900
ESMH500VSN392MQ30T
25.4
30
Q30
0.085
2.68
4,700
ESMH500VSN472MQ35T
25.4
35
Q35
0.071
3.03
5,600
ESMH500VSN562MQ35T
25.4
35
Q35
0.059
3.31
6,800
ESMH500VSN682MQ40T
25.4
40
Q40
0.049
3.81
8,200
ESMH500VSN822MQ50T
25.4
50
Q50
0.04
4.37
3,900
ESMH500VSN392MR25T
30
25
R25
0.085
2.55
4,700
ESMH500VSN472MR25T
30
25
R25
0.071
2.81
5,600
ESMH500VSN562MR30T
30
30
R30
0.059
3.37
6,800
ESMH500VSN682MR35T
30
35
R35
0.049
3.85
8,200
ESMH500VSN822MR40T
30
40
R40
0.04
4.36
10,000
ESMH500VSN103MR45T
30
45
R45
0.033
4.97
12,000
ESMH500VSN123MR50T
30
50
R50
0.028
5.6
5,600
ESMH500VSN562MA25T
35
25
A25
0.059
3.42
6,800
ESMH500VSN682MA30T
35
30
A30
0.049
3.85
8,200
ESMH500VSN822MA30T
35
30
A30
0.04
4.41
10,000
ESMH500VSN103MA35T
35
35
A35
0.033
4.92
12,000
ESMH500VSN123MA40T
35
40
A40
0.028
5.58
15,000
ESMH500VSN153MA45T
35
45
A45
0.022
6.44
18,000
ESMH500VSN183MA50T
35
50
A50
0.018
6.71
22,000
ESMH500VSN223MA63T
35
63
A63
0.013
7.23
27,000
ESMH500VSN273MA80T
35
80
A80
0.011
8.57
8,200
ESMH500VQT822MB25T
40
25
B25
0.033
3.63
12,000
ESMH500VQT123MB30T
40
30
B30
0.024
4.6
15,000
ESMH500VQT153MB35T
40
35
B35
0.02
5.33
18,000
ESMH500VQT183MB40T
40
40
B40
0.017
6.02
22,000
ESMH500VQT223MB50T
40
50
B50
0.014
7.07
33,000
ESMH500VQT333MB63T
40
63
B63
0.011
9.25
39,000
ESMH500VQT393MB80T
40
80
B80
0.009
10.94
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
1,800
ESMH630VSN182MP25T
22
25
P25
0.138
1.82
2,200
ESMH630VSN222MP30T
22
30
P30
0.113
2.31
2,700
ESMH630VSN272MP35T
22
35
P35
0.092
2.4
3,300
ESMH630VSN332MP35T
22
35
P35
0.075
2.62
3,900
ESMH630VSN392MP40T
22
40
P40
0.064
2.93
4,700
ESMH630VSN472MP50T
22
50
P50
0.053
3.39
2,200
ESMH630VSN222MQ25T
25.4
25
Q25
0.113
2.3
2,700
ESMH630VSN272MQ25T
25.4
25
Q25
0.092
2.4
3,300
ESMH630VSN332MQ30T
25.4
30
Q30
0.075
2.64
3,900
ESMH630VSN392MQ35T
25.4
35
Q35
0.064
2.97
4,700
ESMH630VSN472MQ40T
25.4
40
Q40
0.053
3.36
5,600
ESMH630VSN562MQ45T
25.4
45
Q45
0.044
3.77
6,800
ESMH630VSN682MQ50T
25.4
50
Q50
0.037
4.27
3,300
ESMH630VSN332MR25T
30
25
R25
0.075
2.78
3,900
ESMH630VSN392MR30T
30
30
R30
0.064
3.0
4,700
ESMH630VSN472MR30T
30
30
R30
0.053
3.32
5,600
ESMH630VSN562MR35T
30
35
R35
0.044
3.75
6,800
ESMH630VSN682MR40T
30
40
R40
0.037
4.27
8,200
ESMH630VSN822MR45T
30
45
R45
0.03
4.83
10,000
ESMH630VSN103MR50T
30
50
R50
0.025
5.49
3,900
ESMH630VSN392MA25T
35
25
A25
0.064
3.0
4,700
ESMH630VSN472MA25T
35
25
A25
0.053
3.36
5,600
ESMH630VSN562MA30T
35
30
A30
0.044
3.76
6,800
ESMH630VSN682MA30T
35
30
A30
0.037
4.15
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - ESMH800VSN392MR35T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESMH800VSN392MR35S ETC2-ESMH800VSN392MR35S Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - ESMH800VSN392MR35T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com