Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAAF3529LSEKJ3ZGKQBS Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AAAF3529LSEKJ3ZGKQBS
Description  3.5x2.8mm SURFACE MOUNT LED LAMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AAAF3529LSEKJ3ZGKQBS Datasheet(HTML) 1 Page - Kingbright Corporation

  AAAF3529LSEKJ3ZGKQBS Datasheet HTML 1Page - Kingbright Corporation AAAF3529LSEKJ3ZGKQBS Datasheet HTML 2Page - Kingbright Corporation AAAF3529LSEKJ3ZGKQBS Datasheet HTML 3Page - Kingbright Corporation AAAF3529LSEKJ3ZGKQBS Datasheet HTML 4Page - Kingbright Corporation AAAF3529LSEKJ3ZGKQBS Datasheet HTML 5Page - Kingbright Corporation AAAF3529LSEKJ3ZGKQBS Datasheet HTML 6Page - Kingbright Corporation AAAF3529LSEKJ3ZGKQBS Datasheet HTML 7Page - Kingbright Corporation AAAF3529LSEKJ3ZGKQBS Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPEC NO: DSAO5236
REV NO: V.1B
DATE: SEP/18/2015
PAGE: 1 OF 8
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: M.Liu
ERP: 1201009105
3.5x2.8mm SURFACE MOUNT LED LAMP
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: AAAF3529LSEKJ3ZGKQBS
Hyper Red
Green
Blue
Descriptions
The Hyper Red device is based on light emitting diode
chip made from AlGaInP.
The Green source color devices are made with InGaN
on Sapphire Light Emitting Diode.
The Blue source color devices are made with InGaN on
Sapphire Light Emitting Diode.
Electrostatic discharge and power surge could damage
the LEDs.
It is recommended to use a wrist band or anti-
electrostatic glove when handling the LEDs.
All devices, equipments and machineries must be
electrically grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Features
Outstanding material efficiency.
Low power consumption.
Can produce any color in visible spectrum, including
white light.
Suitable for all SMD assembly and solder process.
Available on tape and reel.
Package: 2000pcs / reel .
Moisture sensitivity level : level 3.
RoHS compliant.
BLUE
GREEN
RED


Similar Part No. - AAAF3529LSEKJ3ZGKQBS

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AAAF3529LSEKJ3ZGKQBS TO-GRACE-AAAF3529LSEKJ3ZGKQBS Datasheet
1Mb / 5P
   3.5 x 2.8 mm Surface Mount SMD Chip LED
More results

Similar Description - AAAF3529LSEKJ3ZGKQBS

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3528WG1S KINGBRIGHT-AA3528WG1S Datasheet
280Kb / 6P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528ESGCT KINGBRIGHT-AAA3528ESGCT Datasheet
328Kb / 6P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAAF3529LSEEZGKQBKS KINGBRIGHT-AAAF3529LSEEZGKQBKS Datasheet
397Kb / 8P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528SECKT-J4 KINGBRIGHT-AA3528SECKT-J4 Datasheet
264Kb / 5P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528SYCKT-AMT KINGBRIGHT-AA3528SYCKT-AMT Datasheet
328Kb / 6P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528ZGCK KINGBRIGHT-AA3528ZGCK Datasheet
298Kb / 5P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528ZGC-G KINGBRIGHT-AA3528ZGC-G Datasheet
265Kb / 5P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528SEEZGKQBKS KINGBRIGHT-AAA3528SEEZGKQBKS Datasheet
335Kb / 8P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AA3528LSYCKT-J3 KINGBRIGHT-AA3528LSYCKT-J3 Datasheet
301Kb / 5P
   3.5x2.8mm SURFACE MOUNT LED LAMP
AAA3528LSEEZGKQBKS KINGBRIGHT-AAA3528LSEEZGKQBKS Datasheet
355Kb / 8P
   3.5x2.8mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com