Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7040MX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN7040MX
Description  3W Mono BTL Amplifier with DC Volume Control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7040MX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN7040MX Datasheet HTML 2Page - Fairchild Semiconductor FAN7040MX Datasheet HTML 3Page - Fairchild Semiconductor FAN7040MX Datasheet HTML 4Page - Fairchild Semiconductor FAN7040MX Datasheet HTML 5Page - Fairchild Semiconductor FAN7040MX Datasheet HTML 6Page - Fairchild Semiconductor FAN7040MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7040MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7040MX Datasheet HTML 9Page - Fairchild Semiconductor FAN7040MX Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FAN7040
6
Performance Characteristics(continued)
Fig. 7 Control Current vs. DC Volume Control
Fig. 8 Power Dissipation vs Supply Voltage
Fig. 9 Power Dissipation vs. Supply Voltage
Fig. 10 Power Dissipation vs. Output Power
Fig. 11 Output Power vs. Supply Voltage
Fig. 12 Output Power vs. Supply Voltage
0.0
0.4
0.8
1.2
1.6
2.0
-80
-60
-40
-20
0
20
40
60
VCC=12V
DC Volume Control Voltage[V]
0.0
0.4
0.8
1.2
1.6
2.0
-80
-60
-40
-20
0
20
40
60
VCC=12V
DC Volume Control Voltage[V]
3
04
8
12
16
20
0
1
2
Power Supply [V]
VCC=12V
f=1kHz
THD+N <1%
R
L=8Ω
R
L=16Ω
R
L=25Ω
04
8
12
16
20
0
1
2
Power Supply [V]
VCC=12V
f=1kHz
THD+N <1%
R
L=8Ω
R
L=16Ω
R
L=25Ω
04
8
12
16
20
0
1
2
3
VCC=12V
f=1kHz
THD+N <10%
Power Supply [V]
R
L=8Ω
R
L=16Ω
R
L=25Ω
04
8
12
16
20
0
1
2
3
VCC=12V
f=1kHz
THD+N <10%
Power Supply [V]
R
L=8Ω
R
L=16Ω
R
L=25Ω
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
VCC=12V
VC=2V
THD+N < 1%
Output Power [W]
R
L=8Ω
R
L=16Ω
R
L=25Ω
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
VCC=12V
VC=2V
THD+N < 1%
VCC=12V
VC=2V
THD+N < 1%
Output Power [W]
R
L=8Ω
R
L=16Ω
R
L=25Ω
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
f=1kHz
BW<22KHz
1% THD+N
Power Supply [VCC]
R
L=8Ω
R
L=16Ω
R
L=25Ω
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
f=1kHz
BW<22KHz
1% THD+N
f=1kHz
BW<22KHz
1% THD+N
Power Supply [VCC]
R
L=8Ω
R
L=16Ω
R
L=25Ω
2468
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
Power Supply [VCC]
f=1kHz
BW<22KHz
10% THD+N
R
L=8Ω
R
L=16Ω
R
L=25Ω
2468
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
Power Supply [VCC]
f=1kHz
BW<22KHz
10% THD+N
f=1kHz
BW<22KHz
10% THD+N
R
L=8Ω
R
L=16Ω
R
L=25Ω


Similar Part No. - FAN7040MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7000 FAIRCHILD-FAN7000 Datasheet
59Kb / 10P
   Low Power Amplifier
FAN7000D FAIRCHILD-FAN7000D Datasheet
59Kb / 10P
   Low Power Amplifier
FAN7005 FAIRCHILD-FAN7005 Datasheet
495Kb / 16P
   200mW Stereo Power Amplifier with Shutdown
FAN7005M FAIRCHILD-FAN7005M Datasheet
495Kb / 16P
   200mW Stereo Power Amplifier with Shutdown
FAN7005MU FAIRCHILD-FAN7005MU Datasheet
495Kb / 16P
   200mW Stereo Power Amplifier with Shutdown
More results

Similar Description - FAN7040MX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com