Electronic Components Datasheet Search |
|
ESMH350VSN472MQ25T Datasheet(PDF) 1 Page - United Chemi-Con, Inc. |
|
ESMH350VSN472MQ25T Datasheet(HTML) 1 Page - United Chemi-Con, Inc. |
1 / 15 page United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com 18 SMH Series The SMH series capacitors are the standard 85 C, large capacitance, snap-in capacitors from United Chemi-Con. The load life for the SMH series is 2,000 hours at 85 C with the rated ripple current applied. The very high CV values and ripple current capabilities make these capacitors ideal for use in power supply filter circuits. The SMH capacitors are available in 2 or 4-pin snap-in styles and 4 or 5-pin straight terminals. The SMH series is RoHS compliant offering Pb-free construction. The standard SMH series capacitors are not solvent proof. Refer to guidelines and precautions on the website for usage and installation conditions recommended for United Chemi-Con products. Snap Mount Large Capacitance High CV High Ripple RoHS Compliant 85 C Maximum Temperature PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals. Capacitance range: 56 to 270,000µF. Voltage range: 6.3 to 450VDC. Category temperature range: 40 Cto 85 C for 6.3 to 100V; 25 Cto 85 C for 160 to 450V. Leakage current: 0.02CV(µA) or 3mA, whichever is smaller, after 5 minutes at 20 C. Standard capacitance tolerance: 20% Nominal case size (D L): 22 20mm to 40 80mm. Rated lifetime: 2,000 hours at 85 C with the rated ripple current applied. Summary of Specifications |
Similar Part No. - ESMH350VSN472MQ25T |
|
Similar Description - ESMH350VSN472MQ25T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |