Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV048A Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS90LV048A
Description  3V LVDS Quad CMOS Differential Line Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV048A Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90LV048A Datasheet HTML 1Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 2Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 3Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 4Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 5Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 6Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 7Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 8Page - National Semiconductor (TI) DS90LV048A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Parameter Measurement Information (Continued)
Typical Application
Applications Information
General application guidelines and hints for LVDS drivers
and receivers may be found in the following application
notes: LVDS Owner’s Manual (lit #550062-001), AN808,
AN977, AN971, AN916, AN805, AN903.
LVDS drivers and receivers are intended to be primarily used
in an uncomplicated point-to-point configuration as is shown
in
Figure 5. This configuration provides a clean signaling en-
vironment for the fast edge rates of the drivers. The receiver
is connected to the driver through a balanced media which
may be a standard twisted pair cable, a parallel pair cable, or
simply PCB traces. Typically, the characteristic impedance of
the media is in the range of 100
Ω. A termination resistor of
100
Ω (selected to match the media), and is located as close
to the receiver input pins as possible. The termination resis-
tor converts the driver output (current mode) into a voltage
that is detected by the receiver. Other configurations are
possible such as a multi-receiver configuration, but the ef-
fects of a mid-stream connector(s), cable stub(s), and other
impedance discontinuities as well as ground shifting, noise
margin limits, and total termination loading must be taken
into account.
DS100888-5
CL includes load and test jig capacitance.
S1 =VCC for tPZL and tPLZ measurements.
S1 = GND for tPZH and tPHZ measurements.
FIGURE 3. Receiver TRI-STATE Delay Test Circuit
DS100888-6
FIGURE 4. Receiver TRI-STATE Delay Waveforms
Balanced System
DS100888-7
FIGURE 5. Point-to-Point Application
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
MNDS90C032-X-RH LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90C032 LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90C032B LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV018A 3V LVDS Single CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
MNDS90LV031A-X 3V LVDS Quad CMOS Differential Line Driver 1  2  3  4  5  More National Semiconductor (TI)
DS34C86T Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
ST26C32 QUAD RS-422 RS-423 CMOS Differential Line Receiver 1  2  3  4  5  More Exar Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn