Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1338C-18 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1338C-18
Description  I2C RTC with 56-Byte NV RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1338C-18 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1338C-18 Datasheet HTML 1Page - Maxim Integrated Products DS1338C-18 Datasheet HTML 2Page - Maxim Integrated Products DS1338C-18 Datasheet HTML 3Page - Maxim Integrated Products DS1338C-18 Datasheet HTML 4Page - Maxim Integrated Products DS1338C-18 Datasheet HTML 5Page - Maxim Integrated Products DS1338C-18 Datasheet HTML 6Page - Maxim Integrated Products DS1338C-18 Datasheet HTML 7Page - Maxim Integrated Products DS1338C-18 Datasheet HTML 8Page - Maxim Integrated Products DS1338C-18 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DS1338 I
2C RTC with 56-Byte NV RAM
3 of 16
DC ELECTRICAL CHARACTERISTICS
(VCC = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VBAT = 3.0V, TA = +25°C, unless
otherwise noted.) (Note 1)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
VBAT Current (OSC ON); VBAT = 3.7V, SQW/OUT OFF (Note 7)
IBATOSC1
800
1200
nA
VBAT Current (OSC ON); VBAT = 3.7V, SQW/OUT ON (32kHz)
(Note 7)
IBATOSC2
1025
1400
nA
VBAT Data-Retention Current (Osc Off); VBAT = 3.7V (Note 7)
IBATDAT
10
100
nA
AC ELECTRICAL CHARACTERISTICS
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Fast mode
100
400
SCL Clock Frequency
fSCL
Standard mode
0
100
kHz
Fast mode
1.3
Bus Free Time Between STOP
and START Condition
tBUF
Standard mode
4.7
μs
Fast mode
0.6
Hold Time (Repeated) START
Condition (Note 8)
tHD:STA
Standard mode
4.0
μs
Fast mode
1.3
LOW Period of SCL Clock
tLOW
Standard mode
4.7
μs
Fast mode
0.6
HIGH Period of SCL Clock
tHIGH
Standard mode
4.0
μs
Fast mode
0.6
Setup Time for Repeated
START Condition
tSU:STA
Standard mode
4.7
μs
Fast mode
0
0.9
Data Hold Time (Notes 9, 10)
tHD:DAT
Standard mode
0
μs
Fast mode
100
Data Setup Time (Note 11)
tSU:DAT
Standard mode
250
ns
Fast mode
20 + 0.1CB
300
Rise Time of Both SDA and
SCL Signals (Note 12)
tR
Standard mode
20 + 0.1CB
1000
ns
Fast mode
20 + 0.1CB
300
Fall Time of Both SDA and
SCL Signals (Note 12)
tF
Standard mode
20 + 0.1CB
300
ns
Fast mode
0.6
Setup Time for STOP
Condition
tSU:STO
Standard mode
4.0
μs
Capacitive Load for Each Bus
Line
CB
(Note 12)
400
pF
I/O Capacitance (SDA, SCL)
CI/O
(Note 13)
10
pF
Oscillator Stop Flag (OSF)
Delay
tOSF
(Note 14)
100
ms


Similar Part No. - DS1338C-18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338C-18 MAXIM-DS1338C-18 Datasheet
268Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 100108
More results

Similar Description - DS1338C-18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 100108
DS1338_1203 MAXIM-DS1338_1203 Datasheet
477Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 3/12
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 9/11
DS1308 MAXIM-DS1308_V01 Datasheet
643Kb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
DS1308 MAXIM-DS1308 Datasheet
1Mb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
Rev 0; 5/12
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
MAX6916 MAXIM-MAX6916_05 Datasheet
338Kb / 28P
   SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 0; 10/05
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
logo
NXP Semiconductors
PCF85053A NXP-PCF85053A Datasheet
662Kb / 43P
   Bootable CPU RTC with two I2C buses, 128 byte SRAM and alarm function
Rev. 1.0 - 31 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com