Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV047A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS90LV047A
Description  3V LVDS Quad CMOS Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV047A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90LV047A Datasheet HTML 1Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 2Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 3Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 4Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 5Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 6Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 7Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 8Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
Input Voltage (D
IN)
−0.3V to (V
CC + 0.3V)
Enable Input Voltage (EN, EN*)
−0.3V to (V
CC + 0.3V)
Output Voltage (D
OUT+,DOUT−)
−0.3V to +3.9V
Short Circuit Duration
(D
OUT+,DOUT−)
Continuous
Maximum Package Power Dissipation @ +25˚C
M Package
1088 mW
MTC Package
866 mW
Derate M Package
8.5 mW/˚C above +25˚C
Derate MTC Package
6.9 mW/˚C above +25˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature Range
Soldering (4 sec.)
+260˚C
Maximum Junction Temperature
+150˚C
ESD Rating (Note 10)
(HBM, 1.5 k
Ω, 100 pF)
≥ 10 kV
(EIAJ, 0
Ω, 200 pF)
≥ 1200 V
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
+3.0
+3.3
+3.6
V
Operating Free Air
Temperature (T
A)
−40
+25
+85
˚C
Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified. (Notes 2, 3, 4)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
V
OD1
Differential Output Voltage
R
L = 100Ω (Figure 1)DOUT−
D
OUT+
250
310
450
mV
∆V
OD1
Change in Magnitude of V
OD1
for Complementary Output
States
1
35
|mV|
V
OS
Offset Voltage
1.125
1.17
1.375
V
∆V
OS
Change in Magnitude of V
OS for
Complementary Output States
1
25
|mV|
V
OH
Output High Voltage
1.33
1.6
V
V
OL
Output Low Voltage
0.90
1.02
V
V
IH
Input High Voltage
D
IN,
EN,
EN*
2.0
V
CC
V
V
IL
Input Low Voltage
GND
0.8
V
I
IH
Input High Current
V
IN = VCC or 2.5V
−10
2
+10
µA
I
IL
Input Low Current
V
IN = GND or 0.4V
−10
−2
+10
µA
V
CL
Input Clamp Voltage
I
CL = −18 mA
−1.5
−0.8
V
I
OS
Output Short Circuit Current
(Note 11)
ENABLED,
D
IN =VCC,DOUT+ =0Vor
D
IN = GND, DOUT− =0V
D
OUT−
D
OUT+
−4.2
−9.0
mA
I
OSD
Differential Output Short Circuit
Current (Note 11)
ENABLED, V
OD = 0V
−4.2
−9.0
mA
I
OFF
Power-off Leakage
V
OUT = 0V or 3.6V, VCC = 0V
or Open
−20
±1
+20
µA
I
OZ
Output TRI-STATE Current
EN = 0.8V and EN* = 2.0V
V
OUT = 0V or VCC
−10
±1
+10
µA
I
CC
No Load Supply current Drivers
Enabled
D
IN =VCC or GND
V
CC
4.0
8.0
mA
I
CCL
Loaded Supply Current Drivers
Enabled
R
L = 100Ω All Channels, DIN =
V
CC or GND (all inputs)
20
30
mA
I
CCZ
No Load Supply Current Drivers
Disabled
D
IN =VCC or GND, EN =
GND, EN* = V
CC
2.2
6.0
mA
www.national.com
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MNDS90LV031A-X3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031A3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031B3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
STLVDS473V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreSTMicroelectronics
DS90C031LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90C031BLVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34C87TCMOS Quad TRISTATE Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
MNDS26C31M-XCMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34LV87TEnhanced CMOS Quad Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV032A3V LVDS Quad CMOS Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn