Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV047A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS90LV047A
Description  3V LVDS Quad CMOS Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV047A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90LV047A Datasheet HTML 1Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 2Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 3Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 4Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 5Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 6Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 7Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 8Page - National Semiconductor (TI) DS90LV047A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DS90LV047A
3V LVDS Quad CMOS Differential Line Driver
General Description
The DS90LV047A is a quad CMOS flow-through differential
line driver designed for applications requiring ultra low power
dissipation and high data rates. The device is designed to
support data rates in excess of 400 Mbps (200 MHz) utilizing
Low Voltage Differential Signaling (LVDS) technology.
The DS90LV047A accepts low voltage TTL/CMOS input lev-
els and translates them to low voltage (350 mV) differential
output signals. In addition, the driver supports a TRI-STATE®
function that may be used to disable the output stage, dis-
abling the load current, and thus dropping the device to an
ultra low idle power state of 13 mW typical. The
DS90LV047A has a flow-through pinout for easy PCB layout.
The EN and EN* inputs are ANDed together and control the
TRI-STATE outputs. The enables are common to all four
drivers. The DS90LV047A and companion line receiver
(DS90LV048A) provide a new alternative to high power
psuedo-ECL devices for high speed point-to-point interface
applications.
Features
n >400 Mbps (200 MHz) switching rates
n Flow-through pinout simplifies PCB layout
n 300 ps typical differential skew
n 400 ps maximum differential skew
n 1.7 ns maximum propagation delay
n 3.3V power supply design
n ±350 mV differential signaling
n Low power dissipation (13mW at 3.3V static)
n Interoperable with existing 5V LVDS receivers
n High impedance on LVDS outputs on power down
n Conforms to TIA/EIA-644 LVDS Standard
n Industrial operating temperature range (−40˚C to +85˚C)
n Available in surface mount (SOIC) and low profile
TSSOP package
Connection Diagram
Functional Diagram
Truth Table
ENABLES
INPUT
OUTPUTS
EN
EN*
D
IN
D
OUT+
D
OUT−
H
L or Open
L
L
H
HH
L
All other combinations of ENABLE inputs
X
Z
Z
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Dual-In-Line
DS100887-1
Order Number DS90LV047ATM, DS90LV047ATMTC
See NS Package Number M16A, MTC16
DS100887-2
July 1999
© 1999 National Semiconductor Corporation
DS100887
www.national.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MNDS90LV031A-X3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031A3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031B3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
STLVDS473V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreSTMicroelectronics
DS90C031LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90C031BLVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34C87TCMOS Quad TRISTATE Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
MNDS26C31M-XCMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34LV87TEnhanced CMOS Quad Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV032A3V LVDS Quad CMOS Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn