Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1338Z-33 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1338Z-33
Description  I2C RTC with 56-Byte NV RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1338Z-33 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1338Z-33 Datasheet HTML 6Page - Maxim Integrated Products DS1338Z-33 Datasheet HTML 7Page - Maxim Integrated Products DS1338Z-33 Datasheet HTML 8Page - Maxim Integrated Products DS1338Z-33 Datasheet HTML 9Page - Maxim Integrated Products DS1338Z-33 Datasheet HTML 10Page - Maxim Integrated Products DS1338Z-33 Datasheet HTML 11Page - Maxim Integrated Products DS1338Z-33 Datasheet HTML 12Page - Maxim Integrated Products DS1338Z-33 Datasheet HTML 13Page - Maxim Integrated Products DS1338Z-33 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DS1338 I
2C RTC with 56-Byte NV RAM
10 of 16
whenever the seconds register is written. Write transfers occur on the acknowledge from the DS1338. Once the
countdown chain is reset, to avoid rollover issues the remaining time and date registers must be written within
1 second. The 1Hz square-wave output, if enabled, transitions high 500ms after the seconds data transfer,
provided the oscillator is already running.
Note that the initial power-on state of all registers, unless otherwise specified, is not defined. Therefore, it
is important to enable the oscillator (CH = 0) during initial configuration.
The DS1338 runs in either 12-hour or 24-hour mode. Bit 6 of the hours register is defined as the 12-hour or 24-hour
mode-select bit. When high, the 12-hour mode is selected. In the 12-hour mode, bit 5 is the
AM/PM bit, with logic
high being PM. In the 24-hour mode, bit 5 is the second 10-hour bit (20–23 hours). If the 12/
24-hour mode select is
changed, the hours register must be re-initialized to the new format.
On an I
2C START, the current time is transferred to a second set of registers. The time information is read from
these secondary registers, while the clock continues to run. This eliminates the need to re-read the registers in
case of an update of the main registers during a read.
Table 3. RTC and RAM Address Map
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FUNCTION
RANGE
00H
CH
10 Seconds
Seconds
Seconds
00–59
01H
0
10 Minutes
Minutes
Minutes
00–59
AM/PM
02H
0
12/
24
10 Hour
10
Hour
Hour
Hours
1–12
+AM/PM
00–23
03H
0
0
0
0
0
Day
Day
1–7
04H
0
0
10 Date
Date
Date
01–31
05H
0
0
0
10
Month
Month
Month
01–12
06H
10 Year
Year
Year
00–99
07H
OUT
0
OSF
SQWE
0
0
RS1
RS0
Control
08H–3FH
RAM 56 x 8
00H–FFH
Note: Bits listed as “0” always read as a 0.


Similar Part No. - DS1338Z-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338Z-33 MAXIM-DS1338Z-33 Datasheet
268Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 100108
DS1338Z-33++ MAXIM-DS1338Z-33+ Datasheet
477Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 3/12
More results

Similar Description - DS1338Z-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 100108
DS1338_1203 MAXIM-DS1338_1203 Datasheet
477Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 3/12
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 9/11
DS1308 MAXIM-DS1308_V01 Datasheet
643Kb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
19-6353; Rev 3; 4/15
DS1308 MAXIM-DS1308 Datasheet
1Mb / 16P
   Low-Current I2C RTC with 56-Byte NV RAM
Rev 0; 5/12
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
MAX6916 MAXIM-MAX6916_05 Datasheet
338Kb / 28P
   SPI-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 0; 10/05
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
logo
NXP Semiconductors
PCF85053A NXP-PCF85053A Datasheet
662Kb / 43P
   Bootable CPU RTC with two I2C buses, 128 byte SRAM and alarm function
Rev. 1.0 - 31 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com