Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2770BE Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2770BE
Description  Battery Monitor and Charge Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770BE Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2770BE Datasheet HTML 5Page - Dallas Semiconductor DS2770BE Datasheet HTML 6Page - Dallas Semiconductor DS2770BE Datasheet HTML 7Page - Dallas Semiconductor DS2770BE Datasheet HTML 8Page - Dallas Semiconductor DS2770BE Datasheet HTML 9Page - Dallas Semiconductor DS2770BE Datasheet HTML 10Page - Dallas Semiconductor DS2770BE Datasheet HTML 11Page - Dallas Semiconductor DS2770BE Datasheet HTML 12Page - Dallas Semiconductor DS2770BE Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DS2770
9 of 27
SECONDARY CHARGE TERMINATION
Two secondary charge terminations are included. Independent of battery technology selection, charge
terminates if the maximum charge temperature is exceeded or the charge timer expires. The CSTAT1 and
CSTAT0 bits in the Status Register will both be set to 1 to indicate a “charge sequence completed” status.
The maximum temperature threshold, TMCT, is fixed at +50°C. If the temperature measurement exceeds
TMCT during charge, the charge is terminated.
The maximum charge time is set in the Charge Time Register, CTR. CTR is initialized from lockable
EEPROM location address 34h at the start of fast charge ( CC driven low after initiation). CTR
decrements by one count every 56 seconds (tCTR) during fast charge. If CTR reaches zero, charging is
terminated. Since CTR is writable, the value in CTR may be overwritten at any time during a charge to
modify the maximum charge time. Figure 4 shows the format of CTR.
CHARGE TIME REGISTER Figure 4
Address 06
27
26
25
24
23
22
21 20
MSb
LSb
Units: 0.015625h
CURRENT MEASUREMENT
In the Active Mode of operation, the DS2770 continually measures the current flow into and out of the
battery by measuring the voltage drop across a current-sense resistor. The DS2770 is available in two
configurations: 1) internal 25m
W current-sense resistor; 2) external user-selectable sense resistor. In
either configuration, the DS2770 considers the voltage difference between pins IS1 and IS2 (VIS = VIS1 -
VIS2) to be the filtered voltage drop across the sense resistor. A positive VIS value indicates current is
flowing into the battery (charging), while a negative VIS value indicates current is flowing out of the
battery (discharging). Note that when an external sense resistor is used, one end of the resistor must be
wired directly to VSS (the negative terminal of the cell) for proper operation of the current measurement
circuitry.
VIS is measured with a signed resolution of 15 bits. Measurements are updated in the Current Register in
two’s complement format every 3.52 seconds. The Current Register value represents the average current
over 3.52 seconds. Currents outside the register’s range are reported at the limit of the range. Figure 5
shows the format of the Current Register.
For the internal sense resistor configuration, the DS2770 maintains the Current Register in units of amps,
with a resolution of 62.5
mA and a full-scale range of ±2.048A. The DS2770 automatically compensates
for internal sense resistor process variations and temperature effects when reporting current.
For the external sense resistor configuration, the DS2770 writes the measured VIS voltage to the Current
Register, with a resolution of 1.56
mV and a full-scale range of ±51.2mV.


Similar Part No. - DS2770BE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2770BE MAXIM-DS2770BE Datasheet
302Kb / 27P
   Battery Monitor and Charge Controller
052605
DS2770BE++ MAXIM-DS2770BE+ Datasheet
302Kb / 27P
   Battery Monitor and Charge Controller
052605
DS2770BE+025 MAXIM-DS2770BE+025 Datasheet
302Kb / 27P
   Battery Monitor and Charge Controller
052605
DS2770BE+025/T&R MAXIM-DS2770BE+025/T&R Datasheet
302Kb / 27P
   Battery Monitor and Charge Controller
052605
DS2770BE+T&R MAXIM-DS2770BE+T&R Datasheet
302Kb / 27P
   Battery Monitor and Charge Controller
052605
More results

Similar Description - DS2770BE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2770 MAXIM-DS2770 Datasheet
302Kb / 27P
   Battery Monitor and Charge Controller
052605
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
   Battery Charge Controller
logo
Texas Instruments
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com