Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS14285 Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS14285
Description  Real Time Clock with NV RAM Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS14285 Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS14285 Datasheet HTML 10Page - Dallas Semiconductor DS14285 Datasheet HTML 11Page - Dallas Semiconductor DS14285 Datasheet HTML 12Page - Dallas Semiconductor DS14285 Datasheet HTML 13Page - Dallas Semiconductor DS14285 Datasheet HTML 14Page - Dallas Semiconductor DS14285 Datasheet HTML 15Page - Dallas Semiconductor DS14285 Datasheet HTML 16Page - Dallas Semiconductor DS14285 Datasheet HTML 17Page - Dallas Semiconductor DS14285 Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
DS14285/DS14287
14 of 25
that bits which are set remain stable throughout the read cycle. All bits which are set (high) are cleared
when read and new interrupts which are pending during the read cycle are held until after the cycle is
completed. One, 2, or 3 bits can be set when reading Register C. Each utilized flag bit should be
examined when read to ensure that no interrupts are lost.
The second flag bit usage method is with fully enabled interrupts. When an interrupt flag bit is set and the
corresponding interrupt enable bit is also set, the IRQ pin is asserted low. IRQ is asserted as long as at
least one of the three interrupt sources has its flag and enable bits both set. The IRQF bit in Register C is
a one whenever the IRQ pin is being driven low. Determination that the RTC initiated an interrupt is
accomplished by reading Register C. A logic one in bit 7 (IRQF bit) indicates that one or more interrupts
have been initiated by the DS14285/DS14287. The act of reading Register C clears all active flag bits and
the IRQF bit.
PERIODIC INTERRUPT SELECTION
The periodic interrupt will cause the IRQ pin to go to an active state from once every 500 ms to once
every 122
µs. This function is separate from the alarm interrupt which can be output from once per
second to once per day. The periodic interrupt rate is selected using the same Register A bits which select
the square wave frequency (see Table 2). Changing the Register A bits affects both the square wave
frequency and the periodic interrupt output. However, each function has a separate enable bit in Register
B. The SQWE bit controls the square wave output. Similarly, the periodic interrupt is enabled by the PIE
bit in Register B. The periodic interrupt can be used with software counters to measure inputs, create
output intervals, or await the next needed software function.
OSCILLATOR CONTROL BITS
When the DS14287 is shipped from the factory, the internal oscillator is turned off. This feature prevents
the lithium energy cell from being used until it is installed in a system. A pattern of 010 in bits 4 through
6 of Register A will turn the oscillator on and enable the countdown chain. A pattern of 11X will turn the
oscillator on, but holds the countdown chain of the oscillator in reset. All other combinations of bits 4
through 6 keep the oscillator off.
SQUARE WAVE OUTPUT SELECTION
Thirteen of the 15 divider taps are made available to a 1-of-15 selector, as shown in the block diagram of
Figure 1. The first purpose of selecting a divider tap is to generate a square wave output signal on the
SQW pin.
The RS0-RS3 bits in Register A establish the square wave output frequency. These
frequencies are listed in Table 2. The SQW frequency selection shares its 1-of-15 selector with the
periodic interrupt generator. Once the frequency is selected, the output of the SQW pin can be turned on
and off under program control with the square wave enable bit (SQWE).


Similar Part No. - DS14285

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
DS14285++ DALLAS-DS14285+ Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
DS14285N DALLAS-DS14285N Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
DS14285N++ DALLAS-DS14285N+ Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
DS14285Q DALLAS-DS14285Q Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
More results

Similar Description - DS14285

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
DS1688 DALLAS-DS1688 Datasheet
46Kb / 5P
   3 Volt/5 Volt Serialized Real Time Clock with NV RAM Control
DS1689 DALLAS-DS1689 Datasheet
321Kb / 32P
   3-Volt/5-Volt Serialized Real-Time Clock with NV RAM Control
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
   3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
DS1558 MAXIM-DS1558 Datasheet
320Kb / 18P
   Watchdog Clock with NV RAM Control
REV: 071305
logo
Dallas Semiconductor
DS1558 DALLAS-DS1558 Datasheet
492Kb / 18P
   Watchdog Clock with NV RAM Control
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
   REAL-TIME CLOCK WITH INTERNAL RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com