Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF11NS60D Datasheet(PDF) 6 Page - GOOD-ARK Electronics

Part # SSF11NS60D
Description  600V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF11NS60D Datasheet(HTML) 6 Page - GOOD-ARK Electronics

  SSF11NS60D Datasheet HTML 1Page - GOOD-ARK Electronics SSF11NS60D Datasheet HTML 2Page - GOOD-ARK Electronics SSF11NS60D Datasheet HTML 3Page - GOOD-ARK Electronics SSF11NS60D Datasheet HTML 4Page - GOOD-ARK Electronics SSF11NS60D Datasheet HTML 5Page - GOOD-ARK Electronics SSF11NS60D Datasheet HTML 6Page - GOOD-ARK Electronics SSF11NS60D Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SSF11NS60D
600V N-Channel MOSFET
www.goodark.com
Page 6 of 7
Rev.1.0
Mechanical Data
Min
Nom
Max
Min
Nom
Max
A
2.200
2.300
2.380
0.087
0.091
0.094
A1
0.910
1.010
1.110
0.036
0.040
0.044
B
0.710
0.760
0.810
0.028
0.030
0.032
B1
5.130
5.330
5.460
0.202
0.210
0.215
C
0.460
0.510
0.560
0.018
0.020
0.022
D
6.000
6.100
6.200
0.236
0.240
0.244
D1
D2
E
6.500
6.600
6.700
0.256
0.260
0.264
E1
e
2.186
2.286
2.386
0.086
0.090
0.094
H
9.800
10.100
10.400
0.386
0.398
0.409
F
1.400
1.500
1.700
0.055
0.059
0.067
K
V2
5.350 (REF)
2.900 (REF)
1.600 (REF)
8
0 (REF)
8
0 (REF)
0.063 (REF)
0.211 (REF)
0.114 (REF)
Symbol
Dimension In Millimeters
Dimension In Inches
4.83 (REF)
0.190 (REF)
TO-252 PACKAGE OUTLINE DIMENSION


Similar Part No. - SSF11NS60D

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF11NS60D SILIKRON-SSF11NS60D Datasheet
490Kb / 8P
   High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF11NS60D GOOD-ARK-SSF11NS60D_15 Datasheet
709Kb / 7P
   600V N-Channel MOSFET
More results

Similar Description - SSF11NS60D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com