Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2770 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2770
Description  Battery Monitor and Charge Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS2770 Datasheet HTML 4Page - Dallas Semiconductor DS2770 Datasheet HTML 5Page - Dallas Semiconductor DS2770 Datasheet HTML 6Page - Dallas Semiconductor DS2770 Datasheet HTML 7Page - Dallas Semiconductor DS2770 Datasheet HTML 8Page - Dallas Semiconductor DS2770 Datasheet HTML 9Page - Dallas Semiconductor DS2770 Datasheet HTML 10Page - Dallas Semiconductor DS2770 Datasheet HTML 11Page - Dallas Semiconductor DS2770 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
DS2770
8 of 27
RECHARGEABLE LITHIUM PULSE CHARGING Figure 3
NiMH CHARGER OPERATION
During NiMH charging, charge current from a constant current or current-limited supply is gated to the
battery under control of UV and CC pins. Since the transition from trickle charge to fast charge occurs
when the battery reaches 3.0V, a three-cell NiMH battery will begin fast charge at 1.0V per cell. A
voltage divider can be used to adjust the transition point to a higher per cell voltage, though values in the
Voltage Measurement Register would be affected by the divider ratio.
At the start of fast charge, the DS2770 uses the most recent temperature measurement to determine the
appropriate dT/dt termination rate for the ambient conditions from Table 2 below. During the first 5
minutes, temperature rate termination is blanked to avoid false dT/dt detection due to I2R heating. After
the blanking period, dT/dt detection begins using one of the initial rates from Table 2 and requires that the
rate of temperature rise continue at or above the selected rate for 2.8 minutes. Internally, values from the
Temperature Measurement Register are averaged in determining the sustained rate of temperature rise.
The effective rate shown in Table 2 is based on NiMH charge data and represents the predicted
instantaneous dT/dt rate at termination.
NiMH CHARGE TERMINATION THRESHOLDS Table 2
dT/dt THRESHOLD
AMBIENT
TEMPERATURE (
°C)
INITIAL
(
°C/MIN)
EFFECTIVE
(
°C/MIN)
0 to +5
0.30
1.0
+5 to +15
0.45
1.0
+15 to +40
0.60
1.0
t
CD
Complete
Charge
Pulse Charge
Charge
Trickle
VIN
t
VCV
CC
UV
LB
CV
V
V
Pulse
Region
Bulk
Region


Similar Part No. - DS2770

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2770 MAXIM-DS2770 Datasheet
302Kb / 27P
   Battery Monitor and Charge Controller
052605
DS2770AE MAXIM-DS2770AE Datasheet
302Kb / 27P
   Battery Monitor and Charge Controller
052605
DS2770AE++ MAXIM-DS2770AE+ Datasheet
302Kb / 27P
   Battery Monitor and Charge Controller
052605
DS2770AE+025 MAXIM-DS2770AE+025 Datasheet
302Kb / 27P
   Battery Monitor and Charge Controller
052605
DS2770AE+025/T&R MAXIM-DS2770AE+025/T&R Datasheet
302Kb / 27P
   Battery Monitor and Charge Controller
052605
More results

Similar Description - DS2770

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2770 MAXIM-DS2770 Datasheet
302Kb / 27P
   Battery Monitor and Charge Controller
052605
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
   Battery Charge Controller
logo
Texas Instruments
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com