Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV032A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS90LV032A
Description  3V LVDS Quad CMOS Differential Line Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV032A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90LV032A Datasheet HTML 1Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 2Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 3Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 4Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 5Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 6Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 7Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 8Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS90LV032A
3V LVDS Quad CMOS Differential Line Receiver
General Description
The DS90LV032A is a quad CMOS differential line receiver
designed for applications requiring ultra low power dissipa-
tion and high data rates. The device is designed to support
data rates in excess of 400 Mbps (200 MHz) utilizing Low
Voltage Differential Signaling (LVDS) technology.
The DS90LV032A accepts low voltage (350 mV typical) dif-
ferential input signals and translates them to 3V CMOS out-
put levels. The receiver supports a TRI-STATE® function that
may be used to multiplex outputs. The receiver also supports
open, shorted and terminated (100
Ω) input Fail-safe. The re-
ceiver output will be HIGH for all fail-safe conditions.
The DS90LV032A and companion LVDS line driver (eg.
DS90LV031A) provide a new alternative to high power
PECL/ECL devices for high speed point-to-point interface
applications.
Features
n >400 Mbps (200 MHz) switching rates
n 0.1 ns channel-to-channel skew (typical)
n 0.1 ns differential skew (typical)
n 3.3 ns maximum propagation delay
n 3.3V power supply design
n Power down high impedance on LVDS inputs
n Low Power design (40mW 3.3V static)
n Interoperable with existing 5V LVDS networks
n Accepts small swing (350 mV typical) VID
n Supports open, short and terminated input fail-safe
n Compatible with ANSI/TIA/EIA-644
n Industrial temp. operating range (-40˚C to +85˚C)
n Available in SOIC and TSSOP Packaging
Connection Diagram
Functional Diagram
ENABLES
INPUTS
OUTPUT
EN
EN*
R
IN+ −RIN−
R
OUT
LH
X
Z
All other combinations
V
ID ≥ 0.1V
H
of ENABLE inputs
V
ID ≤ −0.1V
L
Full Fail-safe
OPEN/SHORT
H
or Terminated
Dual-in-Line
DS100067-1
Order Number DS90LV032ATM
or DS90LV032ATMTC
See NS Package Number M16A or MTC16
DS100067-2
July 1999
© 1999 National Semiconductor Corporation
DS100067
www.national.com


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
MNDS90C032-X-RH LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90C032 LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90C032B LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV018A 3V LVDS Single CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
MNDS90LV031A-X 3V LVDS Quad CMOS Differential Line Driver 1  2  3  4  5  More National Semiconductor (TI)
DS34C86T Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
ST26C32 QUAD RS-422 RS-423 CMOS Differential Line Receiver 1  2  3  4  5  More Exar Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn