Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS90LV032A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. DS90LV032A
Description  3V LVDS Quad CMOS Differential Line Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV032A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90LV032A Datasheet HTML 1Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 2Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 3Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 4Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 5Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 6Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 7Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 8Page - National Semiconductor (TI) DS90LV032A Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Switching Characteristics (Continued)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified. (Notes 3, 4, 7, 8)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHZ
Disable Time High to Z
R
L =2kΩ
812
ns
t
PLZ
Disable Time Low to Z
C
L =10pF
6
12
ns
t
PZH
Enable Time Z to High
(
Figure 3 and Figure 4)11
17
ns
t
PZL
Enable Time Z to Low
11
17
ns
f
MAX
Maximum Operating Frequency (Note 14)
All Channels Switching
200
250
MHz
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground unless otherwise speci-
fied.
Note 3: All typicals are given for: VCC = +3.3V, TA = +25˚C.
Note 4: Generator waveform for all tests unless otherwise specified:f=1 MHz, ZO =50Ω,tr and tf (0% to 100%) ≤ 3 ns for RIN.
Note 5: The VCMR range is reduced for larger VID. Example: if VID = 400mV, the VCMR is 0.2V to 2.2V. The fail-safe condition with inputs shorted is valid over
a common-mode range of 0V to 2.3V. A VID up to VCC − 0V may be applied to the RIN+/RIN− inputs with the Common-Mode voltage set to VCC/2. Propagation delay
and Differential Pulse skew decrease when VID is increased from 200mV to 400mV. Skew specifications apply for 200mV
≤ VID ≤ 800mV over the common-mode
range .
Note 6: tSKD1 is the magnitude difference in differential propagation delay time between the positive going edge and the negative going edge of the same channel
Note 7: tSKD2, Channel-to-Channel Skew, is defined as the difference between the propagation delay of one channel and that of the others on the same chip with
any event on the inputs.
Note 8: tSKD3, part to part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices at the same VCC,
and within 5˚C of each other within the operating temperature range.
Note 9: tSKD4, part to part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices over recommended
operating temperature and voltage ranges, and across process distribution. tSKD4 is defined as |Max − Min| differential propagation delay.
Note 10: ESD Rating:
HBM (1.5 k
Ω, 100 pF) ≥ 4.5kV
EIAJ (0
Ω, 200 pF) ≥ 250V
Note 11: Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only. Only one output should be shorted at a time, do not
exceed maximum junction temperature specification.
Note 12: CL includes probe and jig capacitance.
Note 13: VCC is always higher than RIN+ and RIN− voltage. RIN− and RIN+ are allowed to have a voltage range −0.2V to VCC − VID/2. However, to be compliant with
AC specifications, the common voltage range is 0.1V to 2.3V
Note 14: fMAX generator input conditions: tr = tf < 1ns (0% to 100%), 50% duty cycle, differential (1.05V to 1.35V peak to peak). Output Criteria: 60%/40% duty cycle,
VOL (max 0.4V), VOH (min 2.7V), Load = 10 pF (stray plus probes)
Parameter Measurement Information
DS100067-3
FIGURE 1. Receiver Propagation Delay and Transition Time Test Circuit
DS100067-4
FIGURE 2. Receiver Propagation Delay and Transition Time Waveforms
www.national.com
3


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
MNDS90C032-X-RH LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90C032 LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90C032B LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV018A 3V LVDS Single CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
MNDS90LV031A-X 3V LVDS Quad CMOS Differential Line Driver 1  2  3  4  5  More National Semiconductor (TI)
DS34C86T Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
ST26C32 QUAD RS-422 RS-423 CMOS Differential Line Receiver 1  2  3  4  5  More Exar Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn