Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV563SQ30T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV563SQ30T1G
Description  80 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV563SQ30T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV563SQ30T1G Datasheet HTML 1Page - ON Semiconductor NCV563SQ30T1G Datasheet HTML 2Page - ON Semiconductor NCV563SQ30T1G Datasheet HTML 3Page - ON Semiconductor NCV563SQ30T1G Datasheet HTML 4Page - ON Semiconductor NCV563SQ30T1G Datasheet HTML 5Page - ON Semiconductor NCV563SQ30T1G Datasheet HTML 6Page - ON Semiconductor NCV563SQ30T1G Datasheet HTML 7Page - ON Semiconductor NCV563SQ30T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NCP562, NCV562, NCP563, NCV563
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS
(Vin = Vout(nom.) + 1.0 V, Venable = Vin, Cin = 1.0 mF, Cout = 1.0 mF, TJ = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TA = 25
°C, Iout = 1.0 mA)
1.5 V
1.8 V
2.1 V
2.5 V
2.7 V
2.8 V
3.0 V
3.3 V
3.5 V
5.0 V
Vout
1.455
1.746
2.037
2.425
2.646
2.744
2.940
3.234
3.43
4.9
1.5
1.8
2.1
2.5
2.7
2.8
3.0
3.3
3.5
5.0
1.545
1.854
2.163
2.575
2.754
2.856
3.060
3.366
3.57
5.1
V
Line Regulation
1.5 V−4.4 V (Vin = Vo(nom.) + 1.0 V to 6.0 V
4.5 V−5.0 V (Vin = 5.5 V to 6.0 V)
Regline
10
10
20
20
mV
Load Regulation (Iout = 10 mA to 80 mA)
Regload
20
40
mV
Output Current (Vout = (Vout at Iout = 80 mA) −3.0%)
1.5 V to 3.9 V (Vin = Vout(nom.) + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Io(nom.)
80
80
280
280
mA
Dropout Voltage (TA = −40°C to 85°C, Iout = 80 mA, Measured at
Vout −3.0%)
1.5 V−1.7 V
1.8 V−2.4 V
2.5 V−2.6 V
2.7 V−2.9 V
3.0 V−3.2 V
3.3 V−4.9 V
5.0 V
Vin−Vout
550
400
250
230
200
190
140
800
550
400
400
350
350
250
mV
Quiescent Current
(Enable Input = 0 V)
(Enable Input = Vin, Iout = 1.0 mA to Io(nom.))
IQ
0.1
2.5
1.0
6.0
mA
Output Short Circuit Current
1.5 V to 3.9 V (Vin = Vnom + 2.0 V)
4.0 V−5.0 V (Vin = 6.0 V)
Iout(max)
150
150
300
300
600
600
mA
Output Voltage Noise (f = 100 Hz to 100 kHz, Vout = 3.0 V)
Vn
100
mVrms
Enable Input Threshold Voltage (NCP562 ONLY)
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(en)
1.3
0.3
V
Output Voltage Temperature Coefficient
TC
"100
ppm/
°C
3. Maximum package power dissipation limits must be observed.
PD
+
TJ(max) *TA
R
qJA
4. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.


Similar Part No. - NCV563SQ30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV563SQ30T1G ONSEMI-NCV563SQ30T1G Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results

Similar Description - NCV563SQ30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP502SQ50T2G ONSEMI-NCP502SQ50T2G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com