Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP563SQ30T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP563SQ30T1G
Description  80 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP563SQ30T1G Datasheet(HTML) 7 Page - ON Semiconductor

  NCP563SQ30T1G Datasheet HTML 1Page - ON Semiconductor NCP563SQ30T1G Datasheet HTML 2Page - ON Semiconductor NCP563SQ30T1G Datasheet HTML 3Page - ON Semiconductor NCP563SQ30T1G Datasheet HTML 4Page - ON Semiconductor NCP563SQ30T1G Datasheet HTML 5Page - ON Semiconductor NCP563SQ30T1G Datasheet HTML 6Page - ON Semiconductor NCP563SQ30T1G Datasheet HTML 7Page - ON Semiconductor NCP563SQ30T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NCP562, NCV562, NCP563, NCV563
www.onsemi.com
7
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping†
NCP562SQ15T1G
1.5
LDI
SC82−AB
3000 / Tape & Reel
NCP562SQ18T1G
1.8
LEY
NCP562SQ21T1G
2.1
AAA
NCP562SQ25T1G
2.5
LDK
NCV562SQ25T1G*
AAG
NCP562SQ27T1G
2.7
LEZ
NCP562SQ28T1G
2.8
LDL
NCP562SQ30T1G
3.0
LDM
NCP562SQ33T1G
3.3
LDN
NCV562SQ33T1G*
AAE
NCP562SQ35T1G
3.5
LJU
NCP562SQ50T1G
5.0
LDP
NCP563SQ15T1G
1.5
LDQ
NCV563SQ15T1G*
NCP563SQ18T1G
1.8
LFA
NCV563SQ18T1G*
NCP563SQ25T1G
2.5
LDS
NCP563SQ27T1G
2.7
LFB
NCP563SQ28T1G
2.8
LDT
NCP563SQ30T1G
3.0
LDU
NCV563SQ30T1G*
NCP563SQ33T1G
3.3
LDV
NCV563SQ33T1G*
NCP563SQ50T1G
5.0
LDX
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable


Similar Part No. - NCP563SQ30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP563SQ30T1G ONSEMI-NCP563SQ30T1G Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP563SQ30T1G ONSEMI-NCP563SQ30T1G Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563SQ30T1G ONSEMI-NCP563SQ30T1G Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results

Similar Description - NCP563SQ30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP502SQ50T2G ONSEMI-NCP502SQ50T2G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com